データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FQP9N30 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FQP9N30
部品情報  300V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP9N30 データシート(HTML) 2 Page - Fairchild Semiconductor

  FQP9N30 Datasheet HTML 1Page - Fairchild Semiconductor FQP9N30 Datasheet HTML 2Page - Fairchild Semiconductor FQP9N30 Datasheet HTML 3Page - Fairchild Semiconductor FQP9N30 Datasheet HTML 4Page - Fairchild Semiconductor FQP9N30 Datasheet HTML 5Page - Fairchild Semiconductor FQP9N30 Datasheet HTML 6Page - Fairchild Semiconductor FQP9N30 Datasheet HTML 7Page - Fairchild Semiconductor FQP9N30 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
©2000 Fairchild Semiconductor International
(Note 4)
(Note 4, 5)
(Note 4, 5)
(Note 4)
Rev. A, May 2000
Electrical Characteristics
TC = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 8.64mH, IAS = 9.0A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ 9.0A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width ≤ 300
µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
300
--
--
V
∆BV
DSS
/
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
--
0.28
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 300 V, VGS = 0 V
--
--
1
µA
VDS = 240 V, TC = 125°C
--
--
10
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
3.0
--
5.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 4.5 A
--
0.35
0.45
gFS
Forward Transconductance
VDS = 50 V, ID = 4.5 A
--
4.9
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
570
740
pF
Coss
Output Capacitance
--
120
155
pF
Crss
Reverse Transfer Capacitance
--
16
20
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 150 V, ID = 9.0 A,
RG = 25 Ω
--
16
40
ns
tr
Turn-On Rise Time
--
120
250
ns
td(off)
Turn-Off Delay Time
--
27
65
ns
tf
Turn-Off Fall Time
--
48
110
ns
Qg
Total Gate Charge
VDS = 240 V, ID = 9.0 A,
VGS = 10 V
--
17
22
nC
Qgs
Gate-Source Charge
--
3.9
--
nC
Qgd
Gate-Drain Charge
--
9.2
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
9.0
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
36
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 9.0 A
--
--
1.5
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 9.0 A,
dIF / dt = 100 A/µs
--
170
--
ns
Qrr
Reverse Recovery Charge
--
1.4
--
µC


同様の部品番号 - FQP9N30

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
FQP9N30 ISC-FQP9N30 Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

同様の説明 - FQP9N30

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQB9N30 FAIRCHILD-FQB9N30 Datasheet
647Kb / 9P
   300V N-Channel MOSFET
FDP46N30 FAIRCHILD-FDP46N30 Datasheet
697Kb / 8P
   300V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMU5N30 KERSEMI-KSMU5N30 Datasheet
1Mb / 8P
   300V N-CHANNEL MOSFET
logo
Fairchild Semiconductor
FQPF5N30 FAIRCHILD-FQPF5N30 Datasheet
763Kb / 8P
   300V N-Channel MOSFET
FQP5N30 FAIRCHILD-FQP5N30 Datasheet
754Kb / 8P
   300V N-Channel MOSFET
FQB5N30 FAIRCHILD-FQB5N30 Datasheet
770Kb / 9P
   300V N-Channel MOSFET
FQPF14N30 FAIRCHILD-FQPF14N30 Datasheet
717Kb / 8P
   300V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2N30 KERSEMI-KSMD2N30 Datasheet
1Mb / 8P
   300V N-CHANNEL MOSFET
logo
Fairchild Semiconductor
FQP3N30 FAIRCHILD-FQP3N30 Datasheet
708Kb / 8P
   300V N-Channel MOSFET
FQA26N30 FAIRCHILD-FQA26N30 Datasheet
702Kb / 8P
   300V N-Channel MOSFET
FQA44N30 FAIRCHILD-FQA44N30 Datasheet
745Kb / 8P
   300V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com