データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-316J-500E データシート(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HCPL-316J-500E
部品情報  2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-316J-500E データシート(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-316J-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-316J-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-316J-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-316J-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-316J-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-316J-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-316J-500E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-316J-500E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-316J-500E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
8
Insulation and Safety Related Specifications
Parameter
Symbol
Value
Units
Conditions
Minimum External Air Gap
L(101)
8.3
mm
Measured from input terminals to output terminals,
(Clearance)
shortest distance through air.
Minimum External Tracking
L(102)
8.3
mm
Measured from input terminals to output terminals,
(Creepage)
shortest distance path along body.
Minimum Internal Plastic Gap
0.5
mm
Through insulation distance conductor to
(Internal Clearance)
conductor, usually the straight line distance
thickness between the emitter and detector.
Tracking Resistance
CTI
>175
Volts
DIN IEC 112/VDE 0303 Part 1
(Comparative Tracking Index)
Isolation Group
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
Ts
-55
125
°C
Operating Temperature
TA
-40
100
Output IC Junction Temperature
TJ
125
4
Peak Output Current
|Io(peak)|
2.5
A
5
Fault Output Current
IFAULT
8.0
mA
Positive Input Supply Voltage
VCC1
-0.5
5.5
Volts
Input Pin Voltages
VIN+, VIN- and VRESET
-0.5
VCC1
Total Output Supply Voltage
(VCC2 - VEE)
-0.5
35
Negative Output Supply Voltage
(VE - VEE)
-0.5
15
6
Positive Output Supply Voltage
(VCC2 - VE)
-0.5
35 - (VE - VEE)
Gate Drive Output Voltage
Vo(peak)
-0.5
VCC2
Collector Voltage
VC
VEE + 5 V
VCC2
DESAT Voltage
VDESAT
VE
VE + 10
Output IC Power Dissipation
PO
600
mW
4
Input IC Power Dissipation
PI
150
Solder Reflow Temperature Profile
See Package Outline Drawings section
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Note
Operating Temperature
TA
-40
+100
°C
Input Supply Voltage
VCC1
4.5
5.5
Volts
28
Total Output Supply Voltage
(VCC2 - VEE)
15
30
9
Negative Output Supply Voltage
(VE - VEE)
0
15
6
Positive Output Supply Voltage
(VCC2 - VE)
15
30 - (VE - VEE)
Collector Voltage
VC
VEE + 6
VCC2


同様の部品番号 - HCPL-316J-500E

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-316J-000E AVAGO-HCPL-316J-000E Datasheet
332Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
More results

同様の説明 - HCPL-316J-500E

メーカー部品番号データシート部品情報
logo
Broadcom Corporation.
ACPL-5160 BOARDCOM-ACPL-5160 Datasheet
2Mb / 36P
   2.5-Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5160 AVAGO-ACPL-5160 Datasheet
557Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL-316J-000E AVAGO-HCPL-316J-000E Datasheet
332Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL-316J AVAGO-HCPL-316J Datasheet
596Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
Agilent(Hewlett-Packard...
HCPL316J HP-HCPL316J Datasheet
504Kb / 33P
   2.0 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-38JT-000E AVAGO-ACPL-38JT-000E Datasheet
561Kb / 33P
   Automotive Gate Drive Optocoupler with R2Coupler??Isolation, 2.5 Amp Output Current, Integrated Desaturation (VCE) Detection and Fault Status Feedback
ACPL-332J-000E AVAGO-ACPL-332J-000E Datasheet
299Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO Fault Status Feedback and Active Miller Clamping
ACPL-331J-500E AVAGO-ACPL-331J-500E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO, Fault Status Feedback and Active Miller Clamping
ACPL-331J AVAGO-ACPL-331J Datasheet
607Kb / 23P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection
logo
ON Semiconductor
FOD8316 ONSEMI-FOD8316 Datasheet
450Kb / 29P
   2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
October 2017 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com