データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD00KA5WF-E2 データシート(PDF) 2 Page - Rohm

部品番号 BD00KA5WF-E2
部品情報  low-saturation regulators that are available for output currents up to 500mA.
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD00KA5WF-E2 データシート(HTML) 2 Page - Rohm

  BD00KA5WF-E2 Datasheet HTML 1Page - Rohm BD00KA5WF-E2 Datasheet HTML 2Page - Rohm BD00KA5WF-E2 Datasheet HTML 3Page - Rohm BD00KA5WF-E2 Datasheet HTML 4Page - Rohm BD00KA5WF-E2 Datasheet HTML 5Page - Rohm BD00KA5WF-E2 Datasheet HTML 6Page - Rohm BD00KA5WF-E2 Datasheet HTML 7Page - Rohm BD00KA5WF-E2 Datasheet HTML 8Page - Rohm BD00KA5WF-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Datasheet
2/15
BDxxKA5 Series
BDxxKA5W Series
BD00KA5W Series
TSZ02201-0R6R0A600150-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
26.Jun.2012 Rev.001
●Lineup
Maximum output
current (Max.)
Shutdown
Switch
Package
Output
voltage (Typ.)
Orderable
Part Number
500mA
With Switch
TO252-5
Reel of 2000
1.0V
BD10KA5WFP-E2
1.2V
BD12KA5WFP-E2
1.5V
BD15KA5WFP-E2
1.8V
BD18KA5WFP-E2
2.5V
BD25KA5WFP-E2
3.0V
BD30KA5WFP-E2
3.3V
BD33KA5WFP-E2
Variable
BD00KA5WFP-E2
SOP8
Reel of 2500
1.0V
BD10KA5WF-E2
1.2V
BD12KA5WF-E2
1.5V
BD15KA5WF-E2
1.8V
BD18KA5WF-E2
2.5V
BD25KA5WF-E2
3.0V
BD30KA5WF-E2
3.3V
BD33KA5WF-E2
Variable
BD00KA5WF-E2
No Switch
TO252-3
Reel of 2000
1.0V
BD10KA5FP-E2
1.2V
BD12KA5FP-E2
1.5V
BD15KA5FP-E2
1.8V
BD18KA5FP-E2
2.5V
BD25KA5FP-E2
3.0V
BD30KA5FP-E2
3.3V
BD33KA5FP-E2


同様の部品番号 - BD00KA5WF-E2

メーカー部品番号データシート部品情報
logo
Rohm
BD00KA5WF-E2 ROHM-BD00KA5WF-E2 Datasheet
616Kb / 18P
   500mA Variable/Fixed Output LDO Regulators Built-in thermal shutdown circuit
More results

同様の説明 - BD00KA5WF-E2

メーカー部品番号データシート部品情報
logo
Rohm
BAXXDD0-E ROHM-BAXXDD0-E Datasheet
493Kb / 23P
   Low-saturation regulators, available for output s up to 2A/1A.
BA00DD0W-E ROHM-BA00DD0W-E Datasheet
493Kb / 20P
   low-saturation regulators available for outputs up to 2A/1A. The output voltage
logo
First Components Intern...
FGM7632 FCI-FGM7632 Datasheet
162Kb / 5P
   Output Currents up to 0.5A (output1 & 2)
logo
TE Connectivity Ltd
RP3SL TEC-RP3SL Datasheet
287Kb / 3P
   For high inrush currents up to 120A
logo
Rohm
BA78M12FP-E2 ROHM-BA78M12FP-E2 Datasheet
495Kb / 15P
   500mA Output 78 series Regulators
logo
Harris Corporation
CA3085 HARRIS-CA3085 Datasheet
436Kb / 8P
   Positive Voltage Regulators from 1.7 to 46V at Currents Up to 100mA
CA723 HARRIS-CA723 Datasheet
104Kb / 8P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA Without External Pass Transistors
logo
Mitsumi Electronics, Co...
MM159X MITSUMI-MM159X Datasheet
86Kb / 8P
   Low-Saturation 300mA Regulators
logo
Intersil Corporation
CA723 INTERSIL-CA723 Datasheet
93Kb / 9P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA without External Pass Transistors
April 1999
logo
Rohm
BA17805FP-E2 ROHM-BA17805FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com