データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-817-50AE データシート(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HCPL-817-50AE
部品情報  Phototransistor Optocoupler High Density Mounting Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-817-50AE データシート(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-817-50AE Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-817-50AE Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-817-50AE Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-817-50AE Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-817-50AE Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-817-50AE Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-817-50AE Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
HCPL-817-300E
Absolute Maximum Ratings (TA = 25°C)
Storage Temperature, TS
–55°C to +125°C
Operating Temperature, TA
–30°C to +100°C
Lead Solder Temperature, max.
(1.6 mm below seating plane)
260°C for 10 s
Average Forward Current, IF
50 mA
Reverse Input Voltage, VR
6 V
Input Power Dissipation, PI
70 mW
Collector Current, IC
50 mA
Collector-Emitter Voltage, VCEO
70 V
Emitter-Collector Voltage, VECO
6 V
Collector Power Dissipation
150 mW
Total Power Dissipation
200 mW
Isolation Voltage, Viso (AC for 1 minute, R.H. = 40 ~ 60%)
5000 Vrms
Note: Non-halide flux should be used.
1. One-time soldering reflow is recommended within the
condition of temperature and time profile shown.
2. When using another soldering method such as infrared
ray lamp, the temperature may rise partially in the mold
of thedevice. Keep the temperature on the package of
the device within the condition of (1) above.
6.5 ± 0.5
(0.256)
Dimensions in Millimeters and (Inches)
4.6 ± 0.5
(0.181)
2.54 ± 0.25
(0.1)
3.5 ± 0.5
(0.138)
7.62 ± 0.3
(0.3)
0.26
(0.010)
10.16 ± 0.3
(0.4)
1.2 ± 0.1
(0.047)
0.35 ± 0.25
(0.014)
1.0 ± 0.25
(0.039)
A 817
YW W
DATE CODE
RANK
LEAD FREE
ANODE
Solder Reflow Temperature Profile
30 seconds
60 ~ 150 sec
90 sec
60 sec
60 sec
25°C
150°C
200°C
250°C
260°C (Peak Temperature)
217°C
Time (sec)


同様の部品番号 - HCPL-817-50AE

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-817-50AE AVAGO-HCPL-817-50AE Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
More results

同様の説明 - HCPL-817-50AE

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-817 HP-HCPL-817 Datasheet
205Kb / 6P
   Phototransistor Optocoupler High Density Mounting Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-817 AVAGO-HCPL-817 Datasheet
247Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-00BE AVAGO-HCPL-817-00BE Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-36BE AVAGO-HCPL-817-36BE Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-300E AVAGO-HCPL-817-300E Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-30AE AVAGO-HCPL-817-30AE Datasheet
164Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-56BE AVAGO-HCPL-817-56BE Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
logo
Agilent(Hewlett-Packard...
HCPL-814 HP-HCPL-814 Datasheet
85Kb / 6P
   AC Input Phototransistor Optocoupler High Density Mounting Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-814 AVAGO-HCPL-814 Datasheet
216Kb / 7P
   AC Input Phototransistor Optocoupler High Density Mounting Type
logo
List of Unclassifed Man...
ISP621-1 ETC-ISP621-1 Datasheet
78Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com