データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-7510-360E データシート(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HCPL-7510-360E
部品情報  HCPL-7510 Isolated Linear Sensing IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7510-360E データシート(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-7510-360E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-7510-360E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-7510-360E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-7510-360E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-7510-360E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-7510-360E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-7510-360E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-7510-360E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-7510-360E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Description
The HCPL-7510 isolated linear current sensing IC family
is designed for current sensing in low-power electronic
motor drives. In a typical implementation, motor current
flows through an external resistor and the resulting
analog voltage drop is sensed by the HCPL-7510. An
output voltage is created on the other side of the HCPL-
7510 optical isolation barrier. This single-ended output
voltage is proportional to the motor current. Since
common-mode voltage swings of several hundred volts
in tens of nanoseconds are common in modern switching
inverter motor drives, the HCPL-7510 was designed to
ignore very high common-mode transient slew rates (of
at least 10 kV/µs).
The high CMR capability of the HCPL-7510 isolation
amplifier provides the precision and stability needed to
accurately monitor motor current in high noise motor
control environments, providing for smoother control
(less “torque ripple”) in various types of motor control
applications.
The product can also be used for general analog signal
isolation applications. For general applications, we
recommend the HCPL-7510 (gain tolerance of ±3%).
The HCPL-7510 utilizes sigma-delta (S-D) analog-to-
digital converter technology to delivery offset and gain
accuracy and stability over time and temperature. This
performance is delivered in a compact, auto-insert, 8-
pin DIP package that meets worldwide regulatory safety
standards. (A gull-wing surface mount option 300 is also
available).
Features
• 15 kV/µs common-mode rejection at Vcm = 1000 V
• Compact, auto-insertable 8-pin DIP package
• 60 ppm/°C gain drift vs. temperature
• –0.6 mV input offset voltage
• 8 µV/°C input offset voltage vs. temperature
• 100 kHz bandwidth
• 0.06% nonlinearity, single-ended amplifier output for
low power application.
• Worldwide safety approval:
UL 1577 (3750 Vrms/1 min.),
CSA and IEC/EN/DIN EN 60747-5-2
(Option 060 only)
• Advanced sigma-delta (S-D)
A/D converter technology
Applications
• Low-power inverter current sensing
• Motor phase and rail current sensing
• Switched mode power supply signal isolation
• General purpose low-power current sensing and
monitoring
• General purpose analog signal isolation
Functional Diagram
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and /or degradation which may be induced by ESD.
HCPL-7510
Isolated Linear Sensing IC
Data Sheet
NOTE: A 0.1 µF bypass capacitor must be connected between pins 1 and 4 and between pins 5 and 8.
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product
1
2
3
4
8
7
6
5
IDD1
VDD1
VIN+
VIN–
GND1
IDD2
VDD2
VOUT
VREF
GND2
+
+
SHIELD


同様の部品番号 - HCPL-7510-360E

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-7510-300 HP-HCPL-7510-300 Datasheet
117Kb / 16P
   Isolated Linear Sensing IC
HCPL-7510-300E HP-HCPL-7510-300E Datasheet
117Kb / 16P
   Isolated Linear Sensing IC
More results

同様の説明 - HCPL-7510-360E

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7510 AVAGO-HCPL-7510 Datasheet
232Kb / 16P
   Isolated Linear Sensing IC
logo
Agilent(Hewlett-Packard...
HCPL7520 HP-HCPL7520 Datasheet
129Kb / 15P
   Isolated Linear Sensing IC
HCPL-7510 HP-HCPL-7510 Datasheet
117Kb / 16P
   Isolated Linear Sensing IC
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7520 AVAGO-HCPL-7520 Datasheet
231Kb / 16P
   Isolated Linear Sensing IC
HCPL-7520-000E AVAGO-HCPL-7520-000E Datasheet
248Kb / 16P
   Isolated Linear Sensing IC
HCPL-7520-300 AVAGO-HCPL-7520-300 Datasheet
248Kb / 16P
   Isolated Linear Sensing IC
HCPL-7520 AVAGO-HCPL-7520 Datasheet
248Kb / 16P
   Isolated Linear Sensing IC
logo
Infineon Technologies A...
IR2171 INFINEON-IR2171 Datasheet
147Kb / 6P
   LINEAR CURRENT SENSING IC
Data Sheet No. PD60192 revG
IR2175 INFINEON-IR2175 Datasheet
109Kb / 7P
   LINEAR CURRENT SENSING IC
Data Sheet No. PD60208 Rev. E
logo
International Rectifier
IR2171 IRF-IR2171_06 Datasheet
147Kb / 6P
   LINEAR CURRENT SENSING IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com