データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FQPF11P06 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FQPF11P06
部品情報  60V P-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF11P06 データシート(HTML) 1 Page - Fairchild Semiconductor

  FQPF11P06 Datasheet HTML 1Page - Fairchild Semiconductor FQPF11P06 Datasheet HTML 2Page - Fairchild Semiconductor FQPF11P06 Datasheet HTML 3Page - Fairchild Semiconductor FQPF11P06 Datasheet HTML 4Page - Fairchild Semiconductor FQPF11P06 Datasheet HTML 5Page - Fairchild Semiconductor FQPF11P06 Datasheet HTML 6Page - Fairchild Semiconductor FQPF11P06 Datasheet HTML 7Page - Fairchild Semiconductor FQPF11P06 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
May 2001
QFETTM
©2001 Fairchild Semiconductor Corporation
Rev. A4. May 2001
FQPF11P06
60V P-Channel MOSFET
General Description
These P-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand a high energy pulse in the
avalanche and commutation modes. These devices are
well suited for low voltage applications such as automotive,
DC/DC converters, and high efficiency switching for power
management in portable and battery operated products.
Features
• -8.6A, -60V, RDS(on) = 0.175Ω @VGS = -10 V
• Low gate charge ( typical 13 nC)
• Low Crss ( typical 45 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
• 175
°C maximum junction temperature rating
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
FQPF11P06
Units
VDSS
Drain-Source Voltage
-60
V
ID
Drain Current
- Continuous (TC = 25°C)
-8.6
A
- Continuous (TC = 100°C)
-6.08
A
IDM
Drain Current
- Pulsed
(Note 1)
-34.4
A
VGSS
Gate-Source Voltage
± 25
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
160
mJ
IAR
Avalanche Current
(Note 1)
-8.6
A
EAR
Repetitive Avalanche Energy
(Note 1)
3.0
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
-7.0
V/ns
PD
Power Dissipation (TC = 25°C)
30
W
- Derate above 25°C
0.2
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +175
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
5.0
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
62.5
°C/W
TO-220F
FQPF Series
G
S
D
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
S
D
G


同様の部品番号 - FQPF11P06

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQPF11N40 FAIRCHILD-FQPF11N40 Datasheet
718Kb / 8P
   400V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF11N40 ISC-FQPF11N40 Datasheet
278Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQPF11N40C FAIRCHILD-FQPF11N40C Datasheet
709Kb / 10P
   FQP11N40C / FQPF11N40C N-Channel QFET짰 MOSFET 400 V, 10.5 A, 530 m廓
FQPF11N40C FAIRCHILD-FQPF11N40C Datasheet
709Kb / 10P
   N-Channel QFET짰 MOSFET 400 V, 10.5 A, 530 m廓
logo
Inchange Semiconductor ...
FQPF11N40C ISC-FQPF11N40C Datasheet
278Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

同様の説明 - FQPF11P06

メーカー部品番号データシート部品情報
logo
Kersemi Electronic Co.,...
KSM17P06 KERSEMI-KSM17P06 Datasheet
1Mb / 6P
   60V P-Channel MOSFET
logo
Fairchild Semiconductor
FQPF7P06 FAIRCHILD-FQPF7P06 Datasheet
665Kb / 8P
   60V P-Channel MOSFET
FQP47P06 FAIRCHILD-FQP47P06 Datasheet
714Kb / 8P
   60V P-Channel MOSFET
FQD7P06 FAIRCHILD-FQD7P06 Datasheet
665Kb / 9P
   60V P-Channel MOSFET
FQP11P06 FAIRCHILD-FQP11P06 Datasheet
646Kb / 8P
   60V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4441 WHXPCB-AO4441 Datasheet
2Mb / 5P
   60V P-Channel MOSFET
logo
Fairchild Semiconductor
FQB27P06 FAIRCHILD-FQB27P06 Datasheet
700Kb / 9P
   60V P-Channel MOSFET
logo
Guangdong Youtai Semico...
AO4421 UMW-AO4421 Datasheet
376Kb / 6P
   -60V P-Channel MOSFET
AO4441 UMW-AO4441 Datasheet
460Kb / 7P
   -60V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com