データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-M611-500E データシート(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HCPL-M611-500E
部品情報  Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-M611-500E データシート(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-M611-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-M611-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-M611-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-M611-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-M611-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-M611-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-M611-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-M611-500E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-M611-500E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Notes:
1. Bypassing of the power supply line is required with a 0.1 μF ceramic disc capacitor adjacent to each optocoupler. The total lead length be-
tween both ends of the capacitor and the isolator pins should not exceed 10 mm.
2. Peaking circuits may produce transient input currents up to 50 mA, 50 ns maximum pulse width, provided average current does not exceed
20 mA.
3. Device considered a two terminal device: pins 1 and 3 shorted together, and pins 4, 5 and 6 shorted together.
4. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage ≥ 4500 VRMS for 1 second (Leakage detec-
tion current limit, II-O ≤ 5 μA).
5. The tPLH propagation delay is measured from 3.75 mA point on the falling edge of the input pulse to the 1.5 V point on the rising edge of the
output pulse.
6. The tPHL propagation delay is measured from 3.75 mA point on the rising edge of the input pulse to the 1.5 V point on the falling edge of the
output pulse.
7. CMH is the maximum tolerable rate of rise of the common mode voltage to assure that the output will remain in a high logic state (i.e., VOUT >
2.0 V).
8. CML is the maximum tolerable rate of fall of the common mode voltage to assure that the output will remain in a low logic state (i.e., VOUT > 0.8
V).
9. For sinusoidal voltages, (|dVCM|/dt)max =
SfCMVCM(p-p).
10. See application section; “Propagation Delay, Pulse-Width Distortion and Propagation Delay Skew” for more information.
11. tPSK is equal to the worst case difference in tPHL and/or tPLH that will be seen between units at any given temperature within the worst case
operating condition range.
Switching Specifications
Over recommended temperature (TA = -40°C to 85°C), VCC = 5 V, IF = 7.5 mA unless otherwise specified.
Device
Parameter
Symbol
HCPL-
Min.
Typ.*
Max.
Unit
Test Conditions
Fig.
Note
Propagation
tPLH
20
48
75
ns
TA = 25°C
RL = 350 Ω
6, 7
5
Delay Time
to High
100
CL = 15 pF
8
Output Level
Propagation
tPHL
25
50
75
TA = 25°C
6, 7
6
Delay Time
to Low
100
8
Output Level
Propagation
tPSK
40
10,
Delay Skew
11
Pulse Width
|tPHL - tPLH|
3.5
35
9
10
Distortion
Output Rise
trise
24
Time
10
(10%-90%)
Output Fall
tfall
10
Time
10
(10%-90%)
Common
|CMH|
M600
10,000
V/μs
VCM = 10 V
VO(min) = 2 V
11
7, 9
M601
5,000
10,000
VCM = 50 V
M611
10,000
15,000
VCM = 1000 V
Common
|CMH|
M600
10,000
VCM = 10 V
VO(max) = 0.8 V
11
8, 9
M601
5,000
10,000
VCM = 50 V
M611
10,000
15,000
VCM = 1000 V
*All typicals at TA = 25°C, VCC = 5 V.
Mode Transient
Immunity at High
Output Level
Mode Transient
Immunity at Low
Output Level
RL = 350 Ω
IF = 7.5 mA
TA = 25°C
RL = 350 Ω
IF = 0 mA
TA = 25°C


同様の部品番号 - HCPL-M611-500E

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-M611 HP-HCPL-M611 Datasheet
261Kb / 10P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M611 AVAGO-HCPL-M611 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M611 AVAGO-HCPL-M611 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M611 AVAGO-HCPL-M611 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M611 AVAGO-HCPL-M611 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
More results

同様の説明 - HCPL-M611-500E

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M611 AVAGO-HCPL-M611 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-M611 HP-HCPL-M611 Datasheet
261Kb / 10P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M600 AVAGO-HCPL-M600 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-000E AVAGO-HCPL-M601-000E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-500E AVAGO-HCPL-M601-500E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M600500 AVAGO-HCPL-M600500 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
ACPL-M60L BOARDCOM-ACPL-M60L Datasheet
762Kb / 14P
   Small Outline, 5 Leads, High CMR, High-Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M60L-000E AVAGO-ACPL-M60L-000E Datasheet
237Kb / 11P
   Small Outline, 5 Leads, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M453-000E AVAGO-HCPL-M453-000E Datasheet
152Kb / 9P
   Small Outline, 5 Lead, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-M452 HP-HCPL-M452 Datasheet
89Kb / 8P
   Small Outline, 5 Lead, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com