データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP102AIDRLR データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMP102AIDRLR
部品情報  Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TMP102AIDRLR データシート(HTML) 10 Page - Texas Instruments

Back Button TMP102AIDRLR Datasheet HTML 6Page - Texas Instruments TMP102AIDRLR Datasheet HTML 7Page - Texas Instruments TMP102AIDRLR Datasheet HTML 8Page - Texas Instruments TMP102AIDRLR Datasheet HTML 9Page - Texas Instruments TMP102AIDRLR Datasheet HTML 10Page - Texas Instruments TMP102AIDRLR Datasheet HTML 11Page - Texas Instruments TMP102AIDRLR Datasheet HTML 12Page - Texas Instruments TMP102AIDRLR Datasheet HTML 13Page - Texas Instruments TMP102AIDRLR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TMP102
SBOS397C – AUGUST 2007 – REVISED OCTOBER 2012
www.ti.com
SERIAL INTERFACE
This action is accomplished by issuing a slave
address byte with the R/W bit low, followed by the
The TMP102 operates as a slave device only on the
Pointer
Register
byte.
No
additional
data
are
two-wire bus and SMBus. Connections to the bus are
required. The master can then generate a START
made via the open-drain I/O lines SDA and SCL. The
condition and send the slave address byte with the
SDA
and
SCL
pins
feature
integrated
spike
R/W bit high to initiate the read command. See
suppression filters and Schmitt triggers to minimize
Figure 14 for details of this sequence. If repeated
the effects of input spikes and bus noise. The
reads from the same register are desired, it is not
TMP102 supports the transmission protocol for both
necessary to continually send the Pointer Register
fast (1kHz to 400kHz) and high-speed (1kHz to
bytes, because the TMP102 remembers the Pointer
3.4MHz) modes. All data bytes are transmitted MSB
Register value until it is changed by the next write
first.
operation.
Note that register bytes are sent with the most
SERIAL BUS ADDRESS
significant byte first, followed by the least significant
To communicate with the TMP102, the master must
byte.
first address slave devices via a slave address byte.
The slave address byte consists of seven address
SLAVE MODE OPERATIONS
bits, and a direction bit indicating the intent of
executing a read or write operation.
The TMP102 can operate as a slave receiver or slave
transmitter. As a slave device, the TMP102 never
The TMP102 features an address pin to allow up to
drives the SCL line.
four devices to be addressed on a single bus.
Table 12 describes the pin logic levels used to
Slave Receiver Mode:
properly connect up to four devices.
The first byte transmitted by the master is the slave
Table 12. Address Pin and Slave Addresses
address, with the R/W bit low. The TMP102 then
acknowledges reception of a valid address. The next
DEVICE TWO-WIRE
A0 PIN CONNECTION
byte transmitted by the master is the Pointer
ADDRESS
Register. The TMP102 then acknowledges reception
1001000
Ground
of the Pointer Register byte. The next byte or bytes
1001001
V+
are written to the register addressed by the Pointer
1001010
SDA
Register. The TMP102 acknowledges reception of
each data byte. The master can terminate data
1001011
SCL
transfer by generating a START or STOP condition.
WRITING/READING OPERATION
Slave Transmitter Mode:
Accessing a particular register on the TMP102 is
The first byte transmitted by the master is the slave
accomplished by writing the appropriate value to the
address,
with
the
R/W
bit
high.
The
slave
Pointer Register. The value for the Pointer Register is
acknowledges reception of a valid slave address. The
the first byte transferred after the slave address byte
next byte is transmitted by the slave and is the most
with the R/W bit low. Every write operation to the
significant byte of the register indicated by the Pointer
TMP102 requires a value for the Pointer Register
Register. The master acknowledges reception of the
(see Figure 13).
data byte. The next byte transmitted by the slave is
When reading from the TMP102, the last value stored
the least significant byte. The master acknowledges
in the Pointer Register by a write operation is used to
reception of the data byte. The master can terminate
determine which register is read by a read operation.
data transfer by generating a Not-Acknowledge on
To change the register pointer for a read operation, a
reception of any data byte, or generating a START or
new value must be written to the Pointer Register.
STOP condition.
10
Submit Documentation Feedback
Copyright © 2007–2012, Texas Instruments Incorporated
Product Folder Links: TMP102


同様の部品番号 - TMP102AIDRLR

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
TMP102AIDRLR BURR-BROWN-TMP102AIDRLR Datasheet
328Kb / 19P
   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
logo
Texas Instruments
TMP102AIDRLR TI-TMP102AIDRLR Datasheet
452Kb / 19P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBusTM,Two-Wire Serial Interface in SOT563
TMP102AIDRLR TI1-TMP102AIDRLR Datasheet
958Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor
TMP102AIDRLR TI1-TMP102AIDRLR Datasheet
955Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
logo
Guangdong Youtai Semico...
TMP102AIDRLR UMW-TMP102AIDRLR Datasheet
1Mb / 19P
   Product number: UMW TMP102AIDRLRS、UMW TMP102AIDRLRD
More results

同様の説明 - TMP102AIDRLR

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
TMP102 BURR-BROWN-TMP102 Datasheet
328Kb / 19P
   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
logo
Texas Instruments
TMP102 TI1-TMP102_17 Datasheet
955Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102 TI-TMP102_15 Datasheet
891Kb / 30P
[Old version datasheet]   TMP102 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112 Datasheet
539Kb / 24P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112_1 Datasheet
625Kb / 25P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP102-Q1 TI-TMP102-Q1 Datasheet
854Kb / 29P
[Old version datasheet]   TMP102-Q1 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102 TI-TMP102 Datasheet
452Kb / 19P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBusTM,Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_15 Datasheet
988Kb / 35P
[Old version datasheet]   TMP112 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_18 Datasheet
982Kb / 32P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
TMP108 TI-TMP108_15 Datasheet
771Kb / 21P
[Old version datasheet]   Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com