データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU4324FVE データシート(PDF) 4 Page - Rohm

部品番号 BU4324FVE
部品情報  CMOS Voltage Detector ICs with adjustable output delay.
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU4324FVE データシート(HTML) 4 Page - Rohm

  BU4324FVE Datasheet HTML 1Page - Rohm BU4324FVE Datasheet HTML 2Page - Rohm BU4324FVE Datasheet HTML 3Page - Rohm BU4324FVE Datasheet HTML 4Page - Rohm BU4324FVE Datasheet HTML 5Page - Rohm BU4324FVE Datasheet HTML 6Page - Rohm BU4324FVE Datasheet HTML 7Page - Rohm BU4324FVE Datasheet HTML 8Page - Rohm BU4324FVE Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Datasheet
4/13
BU42xx series
BU43xx series
TSZ02201-0R7R0G300050-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.May.2013 Rev.006
www.rohm.com
TSZ22111
15
001
Absolute Maximum Ratings
Parameter
Symbol
Limit
Unit
Power Supply Voltage
VDD
-0.3 to +7
V
Output Voltage
Nch Open Drain Output
VOUT
GND-0.3 to +7
V
CMOS Output
GND-0.3 to VDD+0.3
Output Current
Io
70
mA
Power
Dissipation
SSOP5(SOT-23-5)
*1*4
Pd
540
mW
SOP4(SC-82)
*2*4
400
VSOF5
*3*4
210
Operation Temperature Range
Topt
-40 to +125
°C
Ambient Storage Temperature
Tstg
-55 to +125
°C
*1 Reduced by 5.4mW/°C when used over 25°C.
*2 Reduced by 4.0mW/°C when used over 25°C.
*3 Reduced by 2.1mW/°C when used over 25°C.
*4 When mounted on ROHM standard circuit board (70mm×70mm×1.6mm, glass epoxy board).
Electrical Characteristics (Unless Otherwise Specified Ta=-25 to 125°C)
Parameter
Symbol
Condition
Limit
Unit
Min.
Typ.
Max.
Detection Voltage
VDET
VDD=H
L, Ta=25°C, RL=470kΩ
VDET(T)
×0.99
VDET(T)
VDET(T)
×1.01
V
VDET=1.8V
Ta=+25°C
1.782
1.8
1.818
Ta=-40°C to 85°C
1.741
-
1.860
Ta=85°C to 125°C
1.731
-
1.870
VDET=2.5V
Ta=+25°C
2.475
2.5
2.525
Ta=-40°C to 85°C
2.418
-
2.584
Ta=85°C to 125°C
2.404
-
2.597
VDET=3.0V
Ta=+25°C
2.970
3.0
3.030
Ta=-40°C to 85°C
2.901
-
3.100
Ta=85°C to 125°C
2.885
-
3.117
VDET=3.3V
Ta=+25°C
3.267
3.3
3.333
Ta=-40°C to 85°C
3.191
-
3.410
Ta=85°C to 125°C
3.173
-
3.428
VDET=4.2V
Ta=+25°C
4.158
4.2
4.242
Ta=-40°C to 85°C
4.061
-
4.341
Ta=85°C to 125°C
4.039
-
4.364
Circuit Current when ON
IDD1
VDD=VDET-0.2V
VDET =0.9 to 1.3V
-
0.15
0.88
µA
VDET =1.4 TO 2.1V
-
0.20
1.05
VDET =2.2 TO 2.7V
-
0.25
1.23
VDET =2.8 to 3.3V
-
0.30
1.40
VDET =3.4 to 4.2V
-
0.35
1.58
VDET =4.3 to 4.8V
-
0.40
1.75
Circuit Current when OFF
IDD2
VDD=VDET+2.0V
VDET =0.9 TO 1.3V
-
0.30
1.40
µA
VDET =1.4 TO 2.1V
-
0.35
1.58
VDET =2.2 to 2.7V
-
0.40
1.75
VDET =2.8 to 3.3V
-
0.45
1.93
VDET =3.4 to 4.2V
-
0.50
2.10
VDET =4.3 to 4.8V
-
0.55
2.28
Operating Voltage Range
VOPL
VOL≤0.4V, Ta=25 to 125°C, RL=470kΩ
0.70
-
-
V
VOL≤0.4V, Ta=-40 to 25°C, RL=470kΩ
0.90
-
-
‘High’ Output Voltage (Pch)
VOH
VDD=4.8V, ISOURCE=1.7 mA,VDET=0.9V to 3.9V
VDD-0.5
-
-
V
VDD=6.0V, ISOURCE=2.0 mA,VDET=4.0V to 4.8V
VDD-0.5
-
-
V
‘Low’ Output Voltage (Nch)
VOL
VDD=0.85V, ISINK = 20
µA
-
-
0.05
V
VDD=1.5V, ISINK = 1
mA, VDET=1.7 to 4.8V
-
-
0.5
V
VDD=2.4V, ISINK = 3.6
mA, VDET=2.7 to 4.8V
-
-
0.5
*1:
Design Guarantee. (Outgoing inspection is not done on all products.)
VDET(T) : Standard Detection Voltage (0.9V to 4.8V, 0.1V step)
RL: Pull-up resistor to be connected between VOUT and power supply.


同様の部品番号 - BU4324FVE

メーカー部品番号データシート部品情報
logo
Rohm
BU4324FVE ROHM-BU4324FVE Datasheet
329Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU4324FVE ROHM-BU4324FVE Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4324FVE ROHM-BU4324FVE Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4324FVE ROHM-BU4324FVE Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4324FVE-TR ROHM-BU4324FVE-TR Datasheet
391Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
More results

同様の説明 - BU4324FVE

メーカー部品番号データシート部品情報
logo
Rohm
BD52XXFVE ROHM-BD52XXFVE Datasheet
317Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD53XXFVE ROHM-BD53XXFVE Datasheet
311Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD53XXG ROHM-BD53XXG Datasheet
307Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD52XXG ROHM-BD52XXG Datasheet
316Kb / 6P
   Voltage Detector IC Adjustable Output Delay
BU42XXG ROHM-BU42XXG Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXFVE ROHM-BU42XXFVE Datasheet
349Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXG ROHM-BU43XXG Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXF ROHM-BU42XXF Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXF ROHM-BU43XXF Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXFVE ROHM-BU43XXFVE Datasheet
329Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com