データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6470PDTR データシート(PDF) 10 Page - STMicroelectronics

部品番号 L6470PDTR
部品情報  dSPIN fully integrated microstepping motor driver with motion engine and SPI
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6470PDTR データシート(HTML) 10 Page - STMicroelectronics

Back Button L6470PDTR Datasheet HTML 6Page - STMicroelectronics L6470PDTR Datasheet HTML 7Page - STMicroelectronics L6470PDTR Datasheet HTML 8Page - STMicroelectronics L6470PDTR Datasheet HTML 9Page - STMicroelectronics L6470PDTR Datasheet HTML 10Page - STMicroelectronics L6470PDTR Datasheet HTML 11Page - STMicroelectronics L6470PDTR Datasheet HTML 12Page - STMicroelectronics L6470PDTR Datasheet HTML 13Page - STMicroelectronics L6470PDTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
Electrical data
L6470
10/70
Doc ID16737 Rev 5
2.2
Recommended operating conditions
2.3
Thermal data
Table 3.
Recommended operating conditions
Symbol
Parameter
Test condition
Value
Unit
VDD
Logic interface supply voltage
3.3 V logic outputs
3.3
V
5 V logic outputs
5
VS
Motor supply voltage
VSA = VSB = VS
845
V
Vout_diff
Differential voltage between
VSA, OUT1A, OUT2A, PGND
and VSB, OUT1B, OUT2B,
PGND pins
VSA = VSB = VS
45
V
VREG,in
Logic supply voltage
VREG voltage imposed
by external source
3.2
3.3
V
VADC
Integrated ADC input voltage
(ADCIN pin)
0VREG
V
Table 4.
Thermal data
Symbol
Parameter
Package
Typ.
Unit
RthJA
Thermal resistance junction-ambient
HTSSOP28 (1)
1.
HTSSOP28 mounted on EVAL6470H rev 1.0 board: four-layer FR4 PCB with a dissipating copper surface
of about 40 cm2 on each layer and 15 via holes below the IC.
22
°C/W
POWERSO36 (2)
2.
POWERSO36 mounted on EVAL6470PD rev 1.0 board: four-layer FR4 PCB with a dissipating copper
surface of about 40 cm2 on each layer and 22 via holes below the IC.
12


同様の部品番号 - L6470PDTR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
L6470 STMICROELECTRONICS-L6470 Datasheet
814Kb / 70P
   dSPIN fully integrated microstepping motor driver with motion engine and SPI
L6470H STMICROELECTRONICS-L6470H Datasheet
814Kb / 70P
   dSPIN fully integrated microstepping motor driver with motion engine and SPI
L6470HTR STMICROELECTRONICS-L6470HTR Datasheet
814Kb / 70P
   dSPIN fully integrated microstepping motor driver with motion engine and SPI
More results

同様の説明 - L6470PDTR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
L6470 STMICROELECTRONICS-L6470 Datasheet
814Kb / 70P
   dSPIN fully integrated microstepping motor driver with motion engine and SPI
L6472 STMICROELECTRONICS-L6472 Datasheet
1Mb / 69P
   dSPIN fully integrated microstepping motor driver
L6482 STMICROELECTRONICS-L6482 Datasheet
1,012Kb / 73P
   cSPIN?? microstepping motor controller with motion engine and SPI
L6474 STMICROELECTRONICS-L6474 Datasheet
741Kb / 51P
   easySPIN ??fully integrated microstepping motor driver
EVAL6470 STMICROELECTRONICS-EVAL6470 Datasheet
250Kb / 11P
   Fully integrated microstepping motor driver using the L6470
March 2011 Rev 1
logo
Asahi Kasei Microsystem...
AP1021AEN AKM-AP1021AEN Datasheet
933Kb / 24P
   32V Dual Microstepping Motor Driver IC with SPI
AP1021 AKM-AP1021 Datasheet
933Kb / 24P
   32V Dual Microstepping Motor Driver IC with SPI
logo
STMicroelectronics
L6208 STMICROELECTRONICS-L6208 Datasheet
453Kb / 27P
   FULLY INTEGRATED STEPPER MOTOR DRIVER
VNH3SP30 STMICROELECTRONICS-VNH3SP30 Datasheet
222Kb / 26P
   FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
L9942 STMICROELECTRONICS-L9942 Datasheet
575Kb / 37P
   Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com