データシートサーチシステム |
|
TS864 データシート(PDF) 6 Page - STMicroelectronics |
|
TS864 データシート(HTML) 6 Page - STMicroelectronics |
6 / 19 page Electrical characteristics TS861, TS862, TS864 6/19 Doc ID 6422 Rev 3 Note: Limits are 100% production tested at 25 °C. Limits over temperature are guaranteed through correlation and by design. Table 5. Electrical characteristics at VCC = +10 V, Tamb = 25 °C (unless otherwise specified) Symbol Parameter Min. Typ. Max. Unit VIO Input offset voltage (VICM = VCC / 2) TS861/2/4 Tmin < T < Tmax 315 18 mV ΔVIO Input offset voltage drift 6 μV/°C IIO Input offset current(1) Tmin < T < Tmax 1. Maximum values including unavoidable inaccuracies of the industrial test. 1 150 300 pA IIB Input bias current(1) Tmin < T < Tmax 1 300 600 pA VOH High level output voltage ISOURCE =5 mA Tmin < T < Tmax 9.6 9.45 9.8 V VOL Low level output voltage ISINK =5mA Tmin < T < Tmax 0.2 0.4 0.55 V AVD Large signal voltage gain(2) 2. Design evaluation. 240 dB CMR Common mode rejection ratio 0 < VICM < 10 V 75 dB SVR Supply voltage rejection ratio 2.7 < VCC < 10 V 80 dB ICC Supply current per comparator No load, output low No load, output high 7 10 14 16 μA TPLH Propagation delay from output low to output high VICM =5 V, f = 10 kHz, CL =50pF Overdrive = 10 mV Overdrive = 100 mV 3 0.5 µs TPHL Propagation delay from output high to output low VICM =5 V, f = 10 kHz, CL =50pF Overdrive = 10 mV Overdrive = 100 mV 2.6 0.4 µs TF Fall time f = 10 kHz, CL = 50 pF, overdrive = 100 mV 20 ns TR Rise time f = 10 kHz, CL = 50 pF, overdrive = 100 mV 20 ns |
同様の部品番号 - TS864 |
|
同様の説明 - TS864 |