データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF7807VD1TRPBF データシート(PDF) 8 Page - International Rectifier

部品番号 IRF7807VD1TRPBF
部品情報  Co-Pack N-channel HEXFET Power MOSFET and schottky diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF7807VD1TRPBF データシート(HTML) 8 Page - International Rectifier

  IRF7807VD1TRPBF Datasheet HTML 1Page - International Rectifier IRF7807VD1TRPBF Datasheet HTML 2Page - International Rectifier IRF7807VD1TRPBF Datasheet HTML 3Page - International Rectifier IRF7807VD1TRPBF Datasheet HTML 4Page - International Rectifier IRF7807VD1TRPBF Datasheet HTML 5Page - International Rectifier IRF7807VD1TRPBF Datasheet HTML 6Page - International Rectifier IRF7807VD1TRPBF Datasheet HTML 7Page - International Rectifier IRF7807VD1TRPBF Datasheet HTML 8Page - International Rectifier IRF7807VD1TRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
IRF7807VD1PbF
8
www.irf.com
SO-8 Package Outline
Dimensions are shown in milimeters (inches)
e1
D
E
y
b
A
A1
H
K
L
.189
.1497
.013
.050 BASIC
.0532
.0040
.2284
.0099
.016
.1968
.1574
.020
.0688
.0098
.2440
.0196
.050
4.80
3.80
0.33
1.35
0.10
5.80
0.25
0.40
1.27 BASIC
5.00
4.00
0.51
1.75
0.25
6.20
0.50
1.27
MIN
MAX
MILLIMETERS
INCHES
MIN
MAX
DIM
e
c
.0075
.0098
0.19
0.25
.025 BASIC
0.635 BASIC
87
5
65
D
B
E
A
e
6X
H
0.25 [.010]
A
6
7
K x 45°
8X L
8X c
y
0.25 [.010]
C A B
e1
A
A1
8X b
C
0.10 [.004]
4
3
12
FOOTPRINT
8X 0.72 [.028]
6.46 [.255]
3X 1.27 [.050]
4. OUTLINE CONFORMS TO JEDEC OUT LINE MS-012AA.
NOTES:
1. DIMENSIONING & TOLERANCING PER ASME Y14.5M-1994.
2. CONTROLLING DIMENSION: MILLIMETER
3. DIMENSIONS ARE SHOWN IN MILLIMETERS [INCHES].
5 DIMENSION DOES NOT INCLUDE MOLD PROTRUSIONS.
6 DIMENSION DOES NOT INCLUDE MOLD PROTRUSIONS.
MOLD PROTRUSIONS NOT TO EXCEED 0.25 [.010].
7 DIMENSION IS THE LENGTH OF LEAD FOR SOLDERING TO
A SUBSTRATE.
MOLD PROTRUSIONS NOT TO EXCEED 0.15 [.006].
8X 1.78 [.070]
SO-8 Part Marking Information (Lead-Free)
DATE CODE (YWW)
XXXX
INTERNATIONAL
RECTIFIER
LOGO
F7101
Y = LAST DIGIT OF THE YEAR
PART NUMBER
LOT CODE
WW = WEEK
EXAMPLE: THIS IS AN IRF7101 (MOSFET)
P = DESIGNATES LEAD-FREE
PRODUCT (OPTIONAL)
A = ASSEMBLY SITE CODE


同様の部品番号 - IRF7807VD1TRPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7807VD1TR IRF-IRF7807VD1TR Datasheet
135Kb / 9P
   Co-Pack N-channel HEXFET Power MOSFET and Schottky Diode
More results

同様の説明 - IRF7807VD1TRPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7807VD1TR IRF-IRF7807VD1TR Datasheet
135Kb / 9P
   Co-Pack N-channel HEXFET Power MOSFET and Schottky Diode
IRF7807VD2TRPBF IRF-IRF7807VD2TRPBF Datasheet
143Kb / 9P
   Co-Pack N-channel HEXFET짰 Power MOSFET and Schottky Diode
logo
GeneSiC Semiconductor, ...
GA100SICP12-227 GENESIC-GA100SICP12-227 Datasheet
258Kb / 9P
   Transistor/Schottky Diode Co-pack
GA20SICP12-263 GENESIC-GA20SICP12-263 Datasheet
958Kb / 9P
   Transistor/Schottky Diode Co-pack
GA10SICP12-247 GENESIC-GA10SICP12-247 Datasheet
324Kb / 9P
   Transistor/Schottky Diode Co-pack
GA50SICP12-227 GENESIC-GA50SICP12-227 Datasheet
275Kb / 9P
   Transistor/Schottky Diode Co-pack
logo
International Rectifier
IRF7526D1TRPBF IRF-IRF7526D1TRPBF Datasheet
151Kb / 10P
   Co-packaged HEXFET짰Power MOSFET and Schottky Diode
IRF7523D1PBF IRF-IRF7523D1PBF Datasheet
185Kb / 10P
   Co-packaged HEXFET짰 Power MOSFET and Schottky Diode
IRF7526D1TR IRF-IRF7526D1TR Datasheet
126Kb / 8P
   Co-packaged HEXFET횘 Power MOSFET and Schottky Diode
IRF7521D1PBF IRF-IRF7521D1PBF Datasheet
199Kb / 8P
   Co-packaged HEXFET짰 Power MOSFET and Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com