データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF7855TRPBF データシート(PDF) 8 Page - International Rectifier

部品番号 IRF7855TRPBF
部品情報  Primary Side Switch in Bridge Topology in Isolated DC-DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF7855TRPBF データシート(HTML) 8 Page - International Rectifier

  IRF7855TRPBF Datasheet HTML 1Page - International Rectifier IRF7855TRPBF Datasheet HTML 2Page - International Rectifier IRF7855TRPBF Datasheet HTML 3Page - International Rectifier IRF7855TRPBF Datasheet HTML 4Page - International Rectifier IRF7855TRPBF Datasheet HTML 5Page - International Rectifier IRF7855TRPBF Datasheet HTML 6Page - International Rectifier IRF7855TRPBF Datasheet HTML 7Page - International Rectifier IRF7855TRPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRF7855PbF
8
www.irf.com
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ Starting TJ = 25°C, L = 21mH,
RG = 25Ω, IAS = 7.2A.
ƒ When mounted on 1 inch square copper
board, t
10 sec.
330.00
(12.992)
MAX.
14.40 ( .566 )
12.40 ( .488 )
NOTES :
1. CONTROLLING DIMENSION : MILLIMETER.
2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
FEED DIRECTION
TERMINAL NUMBER 1
12.3 ( .484 )
11.7 ( .461 )
8.1 ( .318 )
7.9 ( .312 )
NOTES:
1. CONTROLLING DIMENSION : MILLIMETER.
2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS(INCHES).
3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
SO-8 Tape and Reel
„ Pulse width ≤ 400µs; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
† ISD ≤ 7.2A, di/dt ≤ 650A/µs, VDD ≤ V(BR)DSS, TJ ≤ 150°C.
‡ Rθ is measured at TJ of approximately 90°C.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.05/06
Data and specifications subject to change without notice.
This product has been designed and qualified for the Industrial market.
Qualification Standards can be found on IR’s Web site.


同様の部品番号 - IRF7855TRPBF

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
IRF7855 KEXIN-IRF7855 Datasheet
2Mb / 6P
   N-Channel MOSFET
IRF7855-HF KEXIN-IRF7855-HF Datasheet
2Mb / 6P
   N-Channel MOSFET
logo
International Rectifier
IRF7855PBF IRF-IRF7855PBF Datasheet
232Kb / 8P
   HEXFETPower MOSFET
IRF7855PBF IRF-IRF7855PBF Datasheet
618Kb / 8P
   Primary Side Switch in Bridge Topology in Isolated DC-DC Converters
IRF7855PBF IRF-IRF7855PBF_15 Datasheet
618Kb / 8P
   Primary Side Switch in Bridge Topology in Isolated DC-DC Converters
More results

同様の説明 - IRF7855TRPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7855PBF IRF-IRF7855PBF_15 Datasheet
618Kb / 8P
   Primary Side Switch in Bridge Topology in Isolated DC-DC Converters
IRF7853TRPBF IRF-IRF7853TRPBF Datasheet
214Kb / 8P
   Primary Side Switch in Bridge Topology
IRF8721PBF IRF-IRF8721PBF_15 Datasheet
235Kb / 9P
   Control MOSFET for Isolated DC-DC Converters in Networking Systems
IRF8714PBF IRF-IRF8714PBF_15 Datasheet
256Kb / 9P
   Control MOSFET for Isolated DC-DC Converters in Networking Systems
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com