データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N5061RLRAG データシート(PDF) 1 Page - ON Semiconductor

部品番号 2N5061RLRAG
部品情報  Sensitive Gate Silicon Controlled Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5061RLRAG データシート(HTML) 1 Page - ON Semiconductor

  2N5061RLRAG Datasheet HTML 1Page - ON Semiconductor 2N5061RLRAG Datasheet HTML 2Page - ON Semiconductor 2N5061RLRAG Datasheet HTML 3Page - ON Semiconductor 2N5061RLRAG Datasheet HTML 4Page - ON Semiconductor 2N5061RLRAG Datasheet HTML 5Page - ON Semiconductor 2N5061RLRAG Datasheet HTML 6Page - ON Semiconductor 2N5061RLRAG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2011
September, 2011 − Rev. 10
1
Publication Order Number:
2N5060/D
2N5060 Series
Sensitive Gate
Silicon Controlled Rectifiers
Reverse Blocking Thyristors
Annular PNPN devices designed for high volume consumer
applications such as relay and lamp drivers, small motor controls, gate
drivers for larger thyristors, and sensing and detection circuits.
Supplied in an inexpensive plastic TO−92/TO-226AA package which
is readily adaptable for use in automatic insertion equipment.
Features
Sensitive Gate Trigger Current − 200 mA Maximum
Low Reverse and Forward Blocking Current − 50 mA Maximum,
TC = 110°C
Low Holding Current − 5 mA Maximum
Passivated Surface for Reliability and Uniformity
These are Pb−Free Devices
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off−State Voltage (Note 1)
(TJ = *40 to 110°C, Sine Wave,
50 to 60 Hz, RGK = 1 kW)
2N5060
2N5061
2N5062
2N5064
VDRM,
VRRM
30
60
100
200
V
On-State Current RMS (180° Conduction
Angles; TC = 80°C)
IT(RMS)
0.8
A
*Average On-State Current
(180° Conduction Angles)
(TC = 67°C)
(TC = 102°C)
IT(AV)
0.51
0.255
A
*Peak Non-repetitive Surge Current,
TA = 25°C (1/2 cycle, Sine Wave, 60 Hz)
ITSM
10
A
Circuit Fusing Considerations (t = 8.3 ms)
I2t
0.4
A2s
*Average On-State Current
(180° Conduction Angles)
(TC = 67°C)
(TC = 102°C)
IT(AV)
0.51
0.255
A
*Forward Peak Gate Power (Pulse Width v
1.0 msec; TA = 25°C)
PGM
0.1
W
*Forward Average Gate Power
(TA = 25°C, t = 8.3 ms)
PG(AV)
0.01
W
*Forward Peak Gate Current (Pulse Width
v 1.0 msec; TA = 25°C)
IGM
1.0
A
*Reverse Peak Gate Voltage (Pulse Width
v 1.0 msec; TA = 25°C)
VRGM
5.0
V
*Operating Junction Temperature Range
TJ
−40 to
+110
°C
*Storage Temperature Range
Tstg
−40 to
+150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. VDRM and VRRM for all types can be applied on a continuous basis. Ratings
apply for zero or negative gate voltage; however, positive gate voltage shall
not be applied concurrent with negative potential on the anode. Blocking
voltages shall not be tested with a constant current source such that the
voltage ratings of the devices are exceeded.
*Indicates JEDEC Registered Data.
SILICON CONTROLLED
RECTIFIERS
0.8 A RMS, 30 − 200 V
K
G
A
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
TO−92
CASE 29
STYLE 10
50xx
Specific Device Code
Y
= Year
WW
= Work Week
MARKING
DIAGRAM
2N
50xx
YWW
PIN ASSIGNMENT
1
2
3
Gate
Anode
Cathode
http://onsemi.com
1 2
3


同様の部品番号 - 2N5061RLRAG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
2N5061RLRAG ONSEMI-2N5061RLRAG Datasheet
70Kb / 8P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
More results

同様の説明 - 2N5061RLRAG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
2N5061RLR ONSEMI-2N5061RLR Datasheet
70Kb / 8P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
C106 ONSEMI-C106 Datasheet
62Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
August, 2005 ??Rev. 8
logo
SemiWell Semiconductor
MCK100-8 SEMIWELL-MCK100-8 Datasheet
568Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
MCR22-8 SEMIWELL-MCR22-8 Datasheet
569Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
SCN2C60 SEMIWELL-SCN2C60 Datasheet
623Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
YENYO TECHNOLOGY Co., L...
MCR100 YENYO-MCR100 Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
MCR100-8A YENYO-MCR100-8A Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR12DSN-1G ONSEMI-MCR12DSN-1G Datasheet
126Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
June, 2013 ??Rev. 7
logo
Shenzhen Winsemi Microe...
WCD6C60S WINSEMI-WCD6C60S Datasheet
408Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
Apollo Electron Co., Lt...
CD6C60S APOLLOELECTRON-CD6C60S Datasheet
594Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
NYC008-6JG-D ONSEMI-NYC008-6JG-D Datasheet
147Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com