データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CBC3225T150KR データシート(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

部品番号 CBC3225T150KR
部品情報  Wire-wound Chip Power Inductors (CB series)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
ホームページ  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

CBC3225T150KR データシート(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  CBC3225T150KR Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
INDUCTORS
Wire-wound Chip Power Inductors (CB series)
CBC3225T150KR
Features
Item Summary
15μH(±10%), 730mA, 850mA, 1210
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping 1000pcs
Products characteristics table
CaseSize (EIA/JIS)
1210/3225
Inductance
15μH(±10%)
Inductance Measuring Frequency
0.1MHz
Rated Current -Saturation Current
730mA
Rated Current -Temperature Rise Current
850mA
DC Resistance (max)
0.2535Ω
Avg. of DC.Resistance
0.195Ω
Temperature Range
-40℃ to 105℃
Self-resonant Frequency (min)
20MHz
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
3.2mm ±0.2
W
2.5mm ±0.2
H
2.5mm ±0.2
2013.06.24
1 / 1


同様の部品番号 - CBC3225T150KR

メーカー部品番号データシート部品情報
logo
Taiyo Yuden (U.S.A.), I...
CBC3225T150KR TAIYO-YUDEN-CBC3225T150KR Datasheet
283Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CBC]
CBC3225T150KR TAIYO-YUDEN-CBC3225T150KR Datasheet
363Kb / 3P
   Wire-wound Ferrite Power Inductors LSQN/LSQPA series for General Electronic Equipment
2021/8/3
CBC3225T150KR8 TAIYO-YUDEN-CBC3225T150KR8 Datasheet
277Kb / 2P
   Wire-wound Chip Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (CB series)[CBC]
CBC3225T150KRV TAIYO-YUDEN-CBC3225T150KRV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
CBC3225T150KR TAIYO-YUDEN-CBC3225T150KR_19 Datasheet
283Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CBC]
More results

同様の説明 - CBC3225T150KR

メーカー部品番号データシート部品情報
logo
Taiyo Yuden (U.S.A.), I...
CB2518T471K TAIYO-YUDEN-CB2518T471K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2518T680K TAIYO-YUDEN-CB2518T680K_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2012T100KR TAIYO-YUDEN-CB2012T100KR_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2016T3R3M TAIYO-YUDEN-CB2016T3R3M Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2016T4R7M TAIYO-YUDEN-CB2016T4R7M Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2518T1R0M TAIYO-YUDEN-CB2518T1R0M Datasheet
290Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2518T150K TAIYO-YUDEN-CB2518T150K_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2016T100K TAIYO-YUDEN-CB2016T100K_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2518T1R5M TAIYO-YUDEN-CB2518T1R5M Datasheet
290Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2012T150K TAIYO-YUDEN-CB2012T150K_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2012T220M TAIYO-YUDEN-CB2012T220M_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com