データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N4401TA データシート(PDF) 7 Page - Fairchild Semiconductor

部品番号 2N4401TA
部品情報  This device is designed for use as a medium power amplifier and switch requiring collector currents up to 500 mA.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N4401TA データシート(HTML) 7 Page - Fairchild Semiconductor

  2N4401TA Datasheet HTML 1Page - Fairchild Semiconductor 2N4401TA Datasheet HTML 2Page - Fairchild Semiconductor 2N4401TA Datasheet HTML 3Page - Fairchild Semiconductor 2N4401TA Datasheet HTML 4Page - Fairchild Semiconductor 2N4401TA Datasheet HTML 5Page - Fairchild Semiconductor 2N4401TA Datasheet HTML 6Page - Fairchild Semiconductor 2N4401TA Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is
not intended to be an exhaustive list of all such trademarks.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTENAPPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION.
As used herein:
1. Life support devices or systems are devices or
systems which, (a) are intended for surgical implant into
the body, or (b) support or sustain life, or (c) whose
failure to perform when properly used in accordance
with instructions for use provided in the labeling, can be
reasonably expected to result in significant injury to the
user.
2. A critical component is any component of a life
support device or system whose failure to perform can
be reasonably expected to cause the failure of the life
support device or system, or to affect its safety or
effectiveness.
PRODUCT STATUS DEFINITIONS
Definition of Terms
Datasheet Identification
Product Status
Definition
Advance Information
Preliminary
No Identification Needed
Obsolete
This datasheet contains the design specifications for
product development. Specifications may change in
any manner without notice.
This datasheet contains preliminary data, and
supplementary data will be published at a later date.
Fairchild Semiconductor reserves the right to make
changes at any time without notice in order to improve
design.
This datasheet contains final specifications. Fairchild
Semiconductor reserves the right to make changes at
any time without notice in order to improve design.
This datasheet contains specifications on a product
that has been discontinued by Fairchild semiconductor.
The datasheet is printed for reference information only.
Formative or
In Design
First Production
Full Production
Not In Production
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER
NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD
DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT
OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT
RIGHTS, NOR THE RIGHTS OF OTHERS.
PowerTrench
QFET™
QS™
QT Optoelectronics™
Quiet Series™
SILENT SWITCHER
SMART START™
SuperSOT™-3
SuperSOT™-6
SuperSOT™-8
FASTr™
GlobalOptoisolator™
GTO™
HiSeC™
ISOPLANAR™
MICROWIRE™
OPTOLOGIC™
OPTOPLANAR™
PACMAN™
POP™
Rev. G
ACEx™
Bottomless™
CoolFET™
CROSSVOLT™
DOME™
E2CMOSTM
EnSignaTM
FACT™
FACT Quiet Series™
FAST
SyncFET™
TinyLogic™
UHC™
VCX™


同様の部品番号 - 2N4401TA

メーカー部品番号データシート部品情報
logo
ON Semiconductor
2N4401TA ONSEMI-2N4401TA Datasheet
661Kb / 10P
   NPN General-Purpose Amplifier
September-2017, Rev. 2
2N4401TAR ONSEMI-2N4401TAR Datasheet
661Kb / 10P
   NPN General-Purpose Amplifier
September-2017, Rev. 2
More results

同様の説明 - 2N4401TA

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
2N4401BU FAIRCHILD-2N4401BU Datasheet
98Kb / 7P
   This device is designed for use as a medium power amplifier and switch requiring collector currents up to 500 mA
logo
Rectron Semiconductor
RM04N30S2 RECTRON-RM04N30S2 Datasheet
180Kb / 7P
   This device is suitable for use as a load switch or in PWM applications
logo
Fairchild Semiconductor
PZTA29 FAIRCHILD-PZTA29 Datasheet
82Kb / 4P
   Applications requiring extremely high current gain at collector currents to 500mA
logo
General Semiconductor
12BH7-A GE-12BH7-A Datasheet
346Kb / 4P
   The 12BH7-A is a miniature medium-mu twin troide designed primarily for use as a vertical-deflection amplifier in television receivers
logo
Siemens Semiconductor G...
BFQ76 SIEMENS-BFQ76 Datasheet
38Kb / 4P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2 GHz at collector currents up to 20 mA.)
logo
PHOENIX CONTACT
1912595 PHOENIX-1912595 Datasheet
683Kb / 13P
   COMBICON Plugs and Headers as a high current (HC) Version for Currents up to 16 A
logo
E-Tech Electronics LTD
GMPSA13 ETL-GMPSA13 Datasheet
159Kb / 3P
   The GMPSA13 is designed for darlington applications requiring extremely high current gain at collector to 500mA
GMPSA14 ETL-GMPSA14 Datasheet
155Kb / 2P
   The GMPSA14 is designed for darlington applications requiring extremely high current gain at collector to 500mA
GMBTA64 ETL-GMBTA64 Datasheet
233Kb / 2P
   The GMBTA64 is designed for application requiring extremely high current gain at collector current to 500mA
GMPSA27 ETL-GMPSA27 Datasheet
233Kb / 2P
   The GMPSA27 is designed for darlington applications requiring extremely high current gain at collector to 500mA
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com