データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TIP122TU データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 TIP122TU
部品情報  Medium Power Linear Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIP122TU データシート(HTML) 2 Page - Fairchild Semiconductor

  TIP122TU Datasheet HTML 1Page - Fairchild Semiconductor TIP122TU Datasheet HTML 2Page - Fairchild Semiconductor TIP122TU Datasheet HTML 3Page - Fairchild Semiconductor TIP122TU Datasheet HTML 4Page - Fairchild Semiconductor TIP122TU Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
TIP120/TIP121/TIP122 Rev. 1.0.0
2
Electrical Characteristics* T
a=25°C unless otherwise noted
* Pulse Test: Pulse Width
£300ms, Duty Cycle£2%
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VCEO(sus)
Collector-Emitter Sustaining Voltage
: TIP120
: TIP121
: TIP122
IC = 100mA, IB = 0
60
80
100
V
V
V
ICEO
Collector Cut-off Current
: TIP120
: TIP121
: TIP122
VCE = 30V, IB = 0
VCE = 40V, IB = 0
VCE = 50V, IB = 0
0.5
0.5
0.5
mA
mA
mA
ICBO
Collector Cut-off Current
: TIP120
: TIP121
: TIP122
VCB = 60V, IE = 0
VCB = 80V, IE = 0
VCB = 100V, IE = 0
0.2
0.2
0.2
mA
mA
mA
IEBO
Emitter Cut-off Current
VBE = 5V, IC = 0
2
mA
hFE
* DC Current Gain
VCE = 3V,IC = 0.5A
VCE = 3V, IC = 3A
1000
1000
VCE(sat)
* Collector-Emitter Saturation Voltage
IC = 3A, IB = 12mA
IC = 5A, IB = 20mA
2.0
4.0
V
V
VBE(on)
* Base-Emitter On Voltage
VCE = 3V, IC = 3A
2.5
V
Cob
Output Capacitance
VCB = 10V, IE = 0, f =
0.1MHz
200
pF


同様の部品番号 - TIP122TU

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
TIP122TU FAIRCHILD-TIP122TU Datasheet
168Kb / 5P
   NPN Epitaxial Darlington Transistor
More results

同様の説明 - TIP122TU

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
TIP30 FAIRCHILD-TIP30 Datasheet
37Kb / 4P
   Medium Power Linear Switching Applications
TIP31 FAIRCHILD-TIP31 Datasheet
37Kb / 4P
   Medium Power Linear Switching Applications
logo
JILIN SINO-MICROELECTRO...
TIP41C JSMC-TIP41C Datasheet
243Kb / 4P
   Medium Power Linear Switching Applications
TIP42C JSMC-TIP42C Datasheet
251Kb / 4P
   Medium Power Linear Switching Applications
logo
Fairchild Semiconductor
TIP122 FAIRCHILD-TIP122 Datasheet
45Kb / 4P
   Medium Power Linear Switching Applications
TIP32 FAIRCHILD-TIP32 Datasheet
37Kb / 4P
   Medium Power Linear Switching Applications
logo
Rectron Semiconductor
TIP31CK RECTRON-TIP31CK Datasheet
344Kb / 4P
   Medium Power Linear Switching Applications
logo
First Components Intern...
TIP168A FCI-TIP168A Datasheet
108Kb / 2P
   MEDIUM POWER LINEAR SWITCHING APPLICATIONS
logo
SemiHow Co.,Ltd.
TIP32 SEMIHOW-TIP32 Datasheet
479Kb / 5P
   Medium Power Linear Switching Applications
TIP42 SEMIHOW-TIP42 Datasheet
481Kb / 5P
   Medium Power Linear Switching Applications
TIP31 SEMIHOW-TIP31 Datasheet
484Kb / 5P
   Medium Power Linear Switching Applications
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com