データシートサーチシステム |
|
LA15QS800-4 データシート(PDF) 8 Page - Littelfuse |
|
LA15QS800-4 データシート(HTML) 8 Page - Littelfuse |
8 / 9 page POWR-GARD® Fuse Datasheet Special Purpose ©June 2011 Littelfuse www.littelfuse.com 8 alTernaTe dimenSion SemiconducTor FuSeS 700 VAC/VDC • Very Fast-Acting • 35-800 Amperes ampere raTing liTTelFuSe caTalog numBer mounTing Type maximum clearing i2T @700 Vac (a2S x 103) WaTTS loSS @ raTed currenT (W) 200 LA70QS200-4 4 19 41 200 LA70QS200-4K 4 19 41 250 LA70QS250-4 4 42 42 300 LA70QS300-4 4 55 53 350 LA70QS350-4 4 72 64 400 LA70QS400-4 4 99 75 450 LA70QS450-4 4 125 75 450 LA70QS450-4K 4K 125 75 500 LA70QS500-4 4 150 92 500 LA70QS500-4K 4K 160 92 600 LA70QS600-4 4 222 116 600 LA70QS600-4K 4K 222 116 700 LA70QS700-4 4 332 125 800 LA70QS800-4 4 433 143 ampere raTing liTTelFuSe caTalog numBer mounTing Type maximum clearing i2T @700 Vac (a2S x 103) WaTTS loSS @ raTed currenT (W) 35 LA70QS35-4 4 0.47 6.2 40 LA70QS40-4 4 0.58 7.5 50 LA70QS50-4 4 0.88 9.8 60 LA70QS60-4 4 1.2 12 70 LA70QS70-4 4 1.8 15 80 LA70QS80-4 4 2.3 16 90 LA70QS90-4 4 3 20 100 LA70QS100-4 4 3.6 24 125 LA70QS125-4 4 6.9 22 125 LA70QS125-4K 4K 6.9 22 150 LA70QS150-4 4 11 28 150 LA70QS150-4K 4K 11 29 175 LA70QS175-4 4 14 35 175 LA70QS175-4K 4K 14 35 Dimensions for reference only. ampereS mounTing Type dimenSionS in incheS (mm) a B c d e F g h 35 – 100 4 4.38 (111) 1.00 (25.4) 2.88 (73) 3.69 (93.6) 3.50 (88.9) 0.31 (7.9) 0.75 (19.0) 0.13 (3.2) 125 – 200 4 4.38 (111) 1.22 (31.0) 2.88 (73) 3.69 (93.6) 3.56 (90.5) 0.31 (7.9) 1.00 (25.4) 0.19 (4.8) 125 – 200 4K 5.09 (129) 1.22 (31.0) 2.88 (73) 4.19 (106) 3.50 (88) 0.41 (10.3) 1.00 (25.4) 0.19 (4.8) 225 – 400 4 5.09 (129) 1.50 (38.1) 2.84 (72.2) 4.16 (106) 3.53 (89.7) 0.40 (10.3) 1.50 (38.1) 0.25 (6.4) 450 – 600 4 5.09 (129) 2.00 (50.8) 2.84 (72.2) 4.16 (106) 3.53 (89.7) 0.41 (10.3) 1.50 (38.1) 0.25 (6.4) 450 – 600 4K 7.09 (180) 2.00 (50.8) 2.84 (72.2) 6.16 (156) 3.53 (89.7) 0.53 (13.5) 1.50 (38.1) 0.25 (6.4) 700 – 800 4 7.09 (180) 2.50 (63.5) 2.84 (72.2) 5.28 (134) 4.91 (125) 0.53 (13.5) 2.00 (50.8) 0.38 (9.5) Contact Littelfuse for characteristic curves. Specifications Voltage Rating: AC: 700 V DC: 700 V Interrupting Rating: AC: 200 kA DC: 100 kA Ampere Range: 35 – 800 A Approvals: UL Recognized CSA Certified Web Resources TC Curves, downloadable CAD drawings and other technical information: www.littelfuse.com/la70qs Dimensions in inches (mm) LA70QS Series Semiconductor Fuses |
同様の部品番号 - LA15QS800-4 |
|
同様の説明 - LA15QS800-4 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |