データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI3210-FT データシート(PDF) 3 Page - Silicon Laboratories

部品番号 SI3210-FT
部品情報  PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3210-FT データシート(HTML) 3 Page - Silicon Laboratories

  SI3210-FT Datasheet HTML 1Page - Silicon Laboratories SI3210-FT Datasheet HTML 2Page - Silicon Laboratories SI3210-FT Datasheet HTML 3Page - Silicon Laboratories SI3210-FT Datasheet HTML 4Page - Silicon Laboratories SI3210-FT Datasheet HTML 5Page - Silicon Laboratories SI3210-FT Datasheet HTML 6Page - Silicon Laboratories SI3210-FT Datasheet HTML 7Page - Silicon Laboratories SI3210-FT Datasheet HTML 8Page - Silicon Laboratories SI3210-FT Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 148 page
background image
Si3210/Si3211
Rev. 1.61
3
1. Electrical Specifications
Table 1. Absolute Maximum Ratings and Thermal Information
1
Parameter
Symbol
Value
Unit
Si3210/11
DC Supply Voltage
VDDD, VDDA1, VDDA2
–0.5 to 6.0
V
Input Current, Digital Input Pins
IIN
±10
mA
Digital Input Voltage
VIND
–0.3 to (VDDD +0.3)
V
Operating Temperature Range2
TA
–40 to 100
C
Storage Temperature Range
TSTG
–40 to 150
C
TSSOP-38 Thermal Resistance, Typical
JA
70
C/W
QFN-38 Thermal Resistance, Typical
JA
35
C/W
Continuous Power Dissipation2
PD
0.7
W
Si3201
DC Supply Voltage
VDD
–0.5 to 6.0
V
Battery Supply Voltage
VBAT
–104
V
Input Voltage: TIP, RING, SRINGE, STIPE pins
VINHV
(VBAT – 0.3) to (VDD + 0.3)
V
Input Voltage: ITIPP, ITIPN, IRINGP, IRINGN pins
VIN
–0.3 to (VDD + 0.3)
V
Operating Temperature Range2
TA
–40 to 100
C
Storage Temperature Range
TSTG
–40 to 150
C
SOIC-16 Thermal Resistance, Typical3
JA
55
C/W
Continuous Power Dissipation2
PD
0.8 at 70 °C
W
0.6 at 85 °C
Notes:
1. Permanent device damage may occur if the absolute maximum ratings are exceeded. Functional operation should be
restricted to the conditions as specified in the operational sections of this data sheet. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
2. Operation above 125 °C junction temperature may degrade device reliability.
3. Thermal resistance assumes a multi-layer PCB with the exposed pad soldered to a topside PCB pad.


同様の部品番号 - SI3210-FT

メーカー部品番号データシート部品情報
logo
Silicon image
SI3210-FT SILICONIMAGE-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3210-FT SILABS-SI3210-FT Datasheet
869Kb / 148P
   Perfroms all BORSCHT functions DC-DC controller provides tracking battery fromm a 3.3-35V input
More results

同様の説明 - SI3210-FT

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SI3210 ETC-SI3210 Datasheet
1Mb / 122P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3230M-E-FMR SILABS-SI3230M-E-FMR Datasheet
1Mb / 108P
   PROSLIC PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon image
SI3210-FT SILICONIMAGE-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3215 SILABS-SI3215 Datasheet
1Mb / 118P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3230 SILABS-SI3230 Datasheet
1Mb / 108P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3233 SILABS-SI3233 Datasheet
1Mb / 100P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
logo
Silicon Laboratories
SI3206 SILABS-SI3206 Datasheet
213Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
SI3220 SILABS-SI3220 Datasheet
1Mb / 112P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
SI3245 SILABS-SI3245 Datasheet
208Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com