データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI3018-F-GM データシート(PDF) 1 Page - Silicon Laboratories

部品番号 SI3018-F-GM
部品情報  PROGRAMMABLE VOICE DAA SOLUTIONS
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3018-F-GM データシート(HTML) 1 Page - Silicon Laboratories

  SI3018-F-GM Datasheet HTML 1Page - Silicon Laboratories SI3018-F-GM Datasheet HTML 2Page - Silicon Laboratories SI3018-F-GM Datasheet HTML 3Page - Silicon Laboratories SI3018-F-GM Datasheet HTML 4Page - Silicon Laboratories SI3018-F-GM Datasheet HTML 5Page - Silicon Laboratories SI3018-F-GM Datasheet HTML 6Page - Silicon Laboratories SI3018-F-GM Datasheet HTML 7Page - Silicon Laboratories SI3018-F-GM Datasheet HTML 8Page - Silicon Laboratories SI3018-F-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 128 page
background image
Rev. 1.5 10/11
Copyright © 2011 by Silicon Laboratories
Si3050 + Si3011/18/19
Si3050+Si3011/18/19
P ROGRAMMABLE VOICE DAA S OLUTIONS
Features
Applications
Description
The Si3050+Si3011/18/19 Voice DAA chipset provides a highly-programmable
and globally-compliant foreign exchange office (FXO) analog interface. The
solution implements Silicon Laboratories' patented isolation capacitor technology,
which eliminates the need for costly isolation transformers, relays, or
opto-isolators,
while
providing
superior
surge
immunity
for
robust
field
performance. The Voice DAA is available as a chipset, a system-side device
(Si3050) paired with a line-side device (Si3011/18/19). The Si3050 is available in
a 20-pin TSSOP or a 24-pin QFN. The Si3011/18/19 is available in a 16-pin
TSSOP, a 16-pin SOIC, or a 20-pin QFN and requires minimal external
components. The Si3050 interfaces directly to standard telephony PCM
interfaces.
Functional Block Diagram
PCM highway data interface
µ-law/A-law companding
SPI control interface
GCI interface
80 dB dynamic range TX/RX
Line voltage monitor
Loop current monitor
+6 dBm or +3.2 dBm TX/RX level
mode
Parallel handset detection
3 µA on-hook line monitor current
Overload detection
Programmable line interface

AC termination

DC termination

Ring detect threshold

Ringer impedance
TIP/RING polarity detection
Integrated codec and 2- to 4-wire
analog hybrid
Programmable digital hybrid for
near-end echo reduction
Polarity reversal detection
Programmable digital gain in 0.1 dB
increments
Integrated ring detector
Type I and II caller ID support
Pulse dialing support
3.3 V power supply
Daisy-chaining for up to 16 devices
Greater than 5000 V isolation
Patented isolation technology
Ground start and loop start support
Available in Pb-free RoHS-compliant
packages
DSL IADs
VoIP gateways
PBX and IP-PBX systems
Voice mail systems
DECT base stations
Hybrid, AC
and DC
Terminations
Ring Detect
Off-Hook
IB
SC
DCT
VREG2
DCT2
DCT3
RNG1
RNG2
QB
QE
QE2
RX
Si3018/19
VREG
Si3050
Control
Data
Interface
Isolation
Interface
CS
SCLK
SDI
SDO
SDI THRU
Control
Logic
PCLK
DTX
DRX
FSYNC
Line
Data
Interface
RG
TGD
TGDE
RESET
AOUT/INT
RGDT
Isolation
Interface
US Patent# 5,870,046
US Patent# 6,061,009
Ordering Information
See page 106.
Package Options
Si3050
Si3011/18/19
GND
RESET
C2A
C1A
VA
VDD
GND
15
14
13
17
18
16
CS
FSYNC
PCKLK
DTX
DRX
RGDT
4
5
6
2
1
3
Si3050
Top View
IGND
PAD
1
DCT3
QB
QE2
C2B
NC
C1B
SC
RX
IB
NC
2
5
4
3
6
15
12
13
14
7
10
9
8
11
17
18
19
20
16


同様の部品番号 - SI3018-F-GM

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SI3018-F-GM SKYWORKS-SI3018-F-GM Datasheet
1Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
Rev. 1.5 August 24, 2021
More results

同様の説明 - SI3018-F-GM

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SI3050 SKYWORKS-SI3050 Datasheet
1Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
Rev. 1.5 August 24, 2021
logo
Silicon Laboratories
SI3011 SILABS-SI3011 Datasheet
3Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
SI3050-KT SILABS-SI3050-KT Datasheet
1Mb / 112P
   GLOBAL VOICE DAA
SI3216 SILABS-SI3216 Datasheet
234Kb / 2P
   Broadband AND Voice Telephony Solutions
logo
CML Microcircuits
CMX885 CMLMICRO-CMX885 Datasheet
1Mb / 69P
   Programmable Voice Scrambler
CMX148 CMLMICRO-CMX148 Datasheet
1Mb / 75P
   Programmable Voice Scrambler
logo
IXYS Corporation
CYG2111 IXYS-CYG2111 Datasheet
138Kb / 5P
   Cybergate DAA
CYG2110 IXYS-CYG2110 Datasheet
490Kb / 4P
   Cybergate DAA
CYG2217 IXYS-CYG2217 Datasheet
124Kb / 4P
   Cybergate DAA
CYG2320 IXYS-CYG2320 Datasheet
136Kb / 5P
   Cybergate DAA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com