データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI5330C-A00207-GM データシート(PDF) 4 Page - Silicon Laboratories

部品番号 SI5330C-A00207-GM
部品情報  1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5330C-A00207-GM データシート(HTML) 4 Page - Silicon Laboratories

  SI5330C-A00207-GM Datasheet HTML 1Page - Silicon Laboratories SI5330C-A00207-GM Datasheet HTML 2Page - Silicon Laboratories SI5330C-A00207-GM Datasheet HTML 3Page - Silicon Laboratories SI5330C-A00207-GM Datasheet HTML 4Page - Silicon Laboratories SI5330C-A00207-GM Datasheet HTML 5Page - Silicon Laboratories SI5330C-A00207-GM Datasheet HTML 6Page - Silicon Laboratories SI5330C-A00207-GM Datasheet HTML 7Page - Silicon Laboratories SI5330C-A00207-GM Datasheet HTML 8Page - Silicon Laboratories SI5330C-A00207-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Si5330
4
Rev. 1.0
2. Electrical Specifications
Table 1. Recommended Operating Conditions
(VDD = 1.8 V –5% to +10%, 2.5 V ±10%, or 3.3 V ±10%, TA = –40 to 85°C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Ambient Temperature
TA
–40
25
85
°C
Core Supply Voltage
VDD
2.97
3.3
3.63
V
2.25
2.5
2.75
V
1.71
1.8
1.98
V
Output Buffer Supply
Voltage
VDDOn
1.4
3.63
V
Note: All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions.
Typical values apply at nominal supply voltages and an operating temperature of 25 °C unless otherwise noted.
Table 2. DC Characteristics
(VDD = 1.8 V –5% to +10%, 2.5 V ±10%, or 3.3 V ±10%, TA = –40 to 85°C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Core Supply Current
IDD
50 MHz refclk
10
mA
Output Buffer Supply Current
IDDOx
LVPECL, 710 MHz
30
mA
LVDS, 710 MHz
8
mA
HCSL, 250 MHz
2 pF load capacitance
——
20
mA
SSTL, 350 MHz
19
mA
CMOS, 50 MHz
15 pF load capacitance
——
28
mA
CMOS, 200 MHz
2 pF load capacitance
——
28
mA
HSTL, 350 MHz
19
mA


同様の部品番号 - SI5330C-A00207-GM

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI5330C-A00207-GM SILABS-SI5330C-A00207-GM Datasheet
158Kb / 20P
   Supports single-ended or differential input clock singnals Generates four differential (LVPECL, LVDS, HCSL) or eight single-ended (CMOS, SSTL, HSTL) outputs
Si5330C-A00207-GM SILABS-Si5330C-A00207-GM Datasheet
41Kb / 1P
   The Si5330 Clock Buffer datasheet v1.0 is now available
More results

同様の説明 - SI5330C-A00207-GM

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SI5330 SKYWORKS-SI5330 Datasheet
1Mb / 22P
   1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR
Rev. 1.2
logo
Texas Instruments
CDCLVC1310 TI1-CDCLVC1310_14 Datasheet
1Mb / 30P
[Old version datasheet]   Ten-Output Low-Jitter Low-Power Clock Buffer and Level Translator
logo
Silicon Laboratories
SI53306 SILABS-SI53306 Datasheet
1Mb / 29P
   1:4 LOW-JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR
logo
Texas Instruments
LMK00105 TI1-LMK00105 Datasheet
1Mb / 15P
[Old version datasheet]   Ultra-low Jitter LVCMOS Fanout Buffer/Level Translator
logo
Silicon Laboratories
SI53307 SILABS-SI53307 Datasheet
1Mb / 30P
   2:2 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR
SI53308 SILABS-SI53308 Datasheet
1Mb / 32P
   DUAL 1:3 LOW-JITTER BUFFER/LEVEL TRANSLATOR
logo
Texas Instruments
LMK00101 TI1-LMK00101_16 Datasheet
859Kb / 19P
[Old version datasheet]   Ultra-low Jitter LVCMOS Fanout Buffer/Level Translator
logo
Silicon Laboratories
SI53303 SILABS-SI53303 Datasheet
1Mb / 30P
   DUAL 1:5 LOW JITTER BUFFER/LEVEL TRANSLATOR
logo
Texas Instruments
CDCBT1001 TI-CDCBT1001 Datasheet
1Mb / 19P
[Old version datasheet]   CDCBT1001 1.2-V to 1.8-V Clock Buffer and Level Translator
MAY 2022
logo
Cypress Semiconductor
CY7B9910 CYPRESS-CY7B9910 Datasheet
162Kb / 7P
   Low Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com