データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN4822IN データシート(PDF) 6 Page - List of Unclassifed Manufacturers

部品番号 FAN4822IN
部品情報  Built-in ZVS switch control with fast response for high efficiency at high power levels
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

FAN4822IN データシート(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button FAN4822IN Datasheet HTML 2Page - List of Unclassifed Manufacturers FAN4822IN Datasheet HTML 3Page - List of Unclassifed Manufacturers FAN4822IN Datasheet HTML 4Page - List of Unclassifed Manufacturers FAN4822IN Datasheet HTML 5Page - List of Unclassifed Manufacturers FAN4822IN Datasheet HTML 6Page - List of Unclassifed Manufacturers FAN4822IN Datasheet HTML 7Page - List of Unclassifed Manufacturers FAN4822IN Datasheet HTML 8Page - List of Unclassifed Manufacturers FAN4822IN Datasheet HTML 9Page - List of Unclassifed Manufacturers FAN4822IN Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
FAN4822
PRODUCT SPECIFICATION
6
REV. 1.0.1 8/10/01
Functional Description
Switching losses of wide input voltage range PFC boost con-
verters increase dramatically as power levels increase above
200 watts. The use of zero-voltage switching (ZVS) tech-
niques improves the efficiency of high power PFCs by sig-
nificantly reducing the turn-on losses of the boost MOSFET.
ZVS is accomplished by using a second, smaller MOSFET,
together with a storage element (inductor) to convert the
turn-on losses of the boost MOSFET into useful output
power.
The basic function of the FAN4822 is to provide a power
factor corrected, regulated DC bus voltage using continuous,
average current-mode control. Like Micro Linear’s family of
PFC/PWM controllers, the FAN4822 employs leading-edge
pulse width modulation to reduce system noise and permit
frequency synchronization to a trailing edge PWM stage for
the highest possible DC bus voltage bandwidth. For minimi-
zation of switching losses, circuitry has been incorporated to
control the switching of the ZVS FET.
Theory of Operation
Figure 1 shows a simplified schematic of the output and con-
trol sections of a high power PFC circuit. Figure 2 shows the
relationship of various waveforms in the circuit. Q1 func-
tions as the main switching FET and Q2 provides the ZVS
action. During each cycle, Q2 turns on before Q1, diverting
the current in L1 away from D1 into L2. The current in L2
increases linearly until at t2 it equals the current through L1.
When these currents are equal, L1 ceases discharging current
and is now charged through L2 and Q2. At time t2, the drain
voltage of Q1 begins to fall. The shape of the voltage wave-
form is sinusoidal due to the interaction of L2 and the com-
bined parasitic capacitance of D1 and Q1 (or optional ZVS
capacitor CZVS). At t3, the voltage across Q1 is sufficiently
low that the controller turns Q2 off and Q1 on. Q1 then
behaves as an ordinary PFC switch, storing energy in the
boost inductor L1. The energy stored in L2 is completely dis-
charged into the boost capacitor via D2 during the Q1 off-
time and the value of L2 must be selected for discontinuous-
mode operation.
Component Selection
Q1 Turn-Off
Because the FAN4822 uses leading edge modulation, the
PFC MOSFET (Q1) is always turned off at the end of each
oscillator ramp cycle. For proper operation, the internal ZVS
flip-flop must be reset every cycle during the oscillator dis-
charge time. This is done by automatically resetting the ZVS
comparator a short time after the drain voltage of the main Q
has reached zero (refer to Figure 1 sense circuit). This sense
circuit terminates the ZVS on time by sensing the main Q
drain voltage reaching zero. It is then reset by way of a resis-
tor pull-up to VCC (R6). The advantage of this circuit is that
the ZVS comparator is not reset at the main Q turn off which
occurs at the end of the clock cycle. This avoids the potential
for improper reset of the internal ZVS flip-flop.
Another concern is the proper operation of the ZVS compar-
ator during discontinuous mode operation (DCM), which
will occur at the cusps of the rectified AC waveform and at
light loads. Due to the nature of the voltage seen at the drain
of the main boost Q during DCM operation, the ZVS com-
parator can be fooled into forcing the ZVS Q on for the
entire period. By adding a circuit which limits the maximum
on time of the ZVS Q, this problem can be avoided. Q3 in
Figure 1 provides this function.
Figure 1. Simplified PFC/ZVS Schematic.
11
10
9
8
7
12
C3
33pF
C4
330pF
C5
C1
C2
D1
D2
L1
CZVS(OPT)
+
Q1
Q3
Q2
R1
PFC OUT
ZVS OUT
PWR GND
VCC
13 VREF
VREF
ZV SENSE
GND
FAN4822
MAX ZVS
ON TIME LIMIT
L2
R6
22k
R3
22k
R2
R4
51k
R5
220


同様の部品番号 - FAN4822IN

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN4822 FAIRCHILD-FAN4822 Datasheet
71Kb / 10P
   ZVS Average Current PFC Controller
More results

同様の説明 - FAN4822IN

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SKY77448 SKYWORKS-SKY77448 Datasheet
78Kb / 2P
   High efficiency at all power levels
logo
List of Unclassifed Man...
BIT3105 ETC-BIT3105 Datasheet
200Kb / 8P
   High Efficiency ZVS CCFL Controller
logo
Rohm
BD8311NUV ROHM-BD8311NUV_10 Datasheet
389Kb / 15P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD8311NUV ROHM-BD8311NUV Datasheet
458Kb / 16P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
logo
List of Unclassifed Man...
BIT3106 ETC-BIT3106 Datasheet
227Kb / 9P
   High Efficiency Dual ZVS CCFL Controller
logo
Bel Fuse Inc.
SRSB-80T12C BEL-SRSB-80T12C Datasheet
907Kb / 16P
   Secondary Side Control for Fast Transient Response and High Reliability
logo
Rohm
BD8158FVM-TR ROHM-BD8158FVM-TR Datasheet
849Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD8314NUV ROHM-BD8314NUV_11 Datasheet
413Kb / 16P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD9106FVM ROHM-BD9106FVM_09 Datasheet
672Kb / 29P
   High-efficiency Step-down Switching Regulators with Built-in Power MOSFET
BD8963EFJ ROHM-BD8963EFJ Datasheet
489Kb / 18P
   Low Noise High-efficiency Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com