データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FSBS15CH60L データシート(PDF) 11 Page - List of Unclassifed Manufacturers

部品番号 FSBS15CH60L
部品情報  UL Certified No.E209204(SPM27-BA package)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

FSBS15CH60L データシート(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button FSBS15CH60L Datasheet HTML 7Page - List of Unclassifed Manufacturers FSBS15CH60L Datasheet HTML 8Page - List of Unclassifed Manufacturers FSBS15CH60L Datasheet HTML 9Page - List of Unclassifed Manufacturers FSBS15CH60L Datasheet HTML 10Page - List of Unclassifed Manufacturers FSBS15CH60L Datasheet HTML 11Page - List of Unclassifed Manufacturers FSBS15CH60L Datasheet HTML 12Page - List of Unclassifed Manufacturers FSBS15CH60L Datasheet HTML 13Page - List of Unclassifed Manufacturers FSBS15CH60L Datasheet HTML 14Page - List of Unclassifed Manufacturers FSBS15CH60L Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
www.fairchildsemi.com
FSBS15CH60 Rev. C
Note:
1. RC coupling at each input (parts shown dotted) might change depending on the PWM control scheme used in the application and the wiring impedance of the application’s
printed circuit board. The SPM input signal section integrates 3.3k
Ω (typ.) pull-down resistor. Therefore, when using an external filtering resistor, please pay attention to the sig-
nal voltage drop at input terminal.
2. The logic input is compatible with standard CMOS or LSTTL outputs.
Figure 9. Recommended CPU I/O Interface Circuit
Note:
1. It would be recommended that the bootstrap diode, DBS, has soft and fast recovery characteristics.
2. The bootstrap resistor (RBS) should be 3 times greater than RE(H). The recommended value of RE(H) is 5.6Ω, but it can be increased up to 20Ω (maximum) for a slower dv/dt of
high-side.
3. The ceramic capacitor placed between VCC-COM should be over 1uF and mounted as close to the pins of the SPM as possible.
Figure 10. Recommended Bootstrap Operation Circuit and Parameters
CPU
COM
5V-Line
1nF
4.7k
,,
IN
(UL)
IN
(VL)
IN
(W L)
,,
IN
(UH)
IN
(VH)
IN
(W H)
V
FO
100
1nF
SPM
R
PF=
C
PF=
15V-Line
22uF
0.1uF
1000uF
1uF
One-Leg Diagram of SPM
Vcc
IN
COM
VB
HO
VS
Vcc
IN
COM
OUT
Inverter
Output
P
N
These Values depend on PW M Control Algorithm
D
BS
R
BS
R
E(H)
V
SL


同様の部品番号 - FSBS15CH60L

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSBS15CH60 FAIRCHILD-FSBS15CH60 Datasheet
555Kb / 16P
   Smart Power Module
FSBS15CH60F FAIRCHILD-FSBS15CH60F Datasheet
299Kb / 16P
   Smart Power Module
More results

同様の説明 - FSBS15CH60L

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
RJ11-6N-B ETC1-RJ11-6N-B Datasheet
41Kb / 1P
   UL Recognized CSA Certified
ZUS152405 ETC2-ZUS152405 Datasheet
137Kb / 3P
   UL recognized, TV approved, CSA certified
ZUS102405 ETC2-ZUS102405 Datasheet
138Kb / 3P
   UL recognized, TV approved, CSA certified
ZUW1R50515 ETC2-ZUW1R50515 Datasheet
138Kb / 3P
   UL recognized, TV approved, CSA certified
ZUS252405 ETC2-ZUS252405 Datasheet
133Kb / 3P
   UL recognized, TV approved, CSA certified
ZUW32415 ETC2-ZUW32415 Datasheet
145Kb / 3P
   UL recognized, TV approved, CSA certified
ZUS1R51215 ETC2-ZUS1R51215 Datasheet
141Kb / 3P
   UL recognized, TV approved, CSA certified
ZUS252412 ETC2-ZUS252412 Datasheet
133Kb / 3P
   UL recognized, TV approved, CSA certified
ZUW152415 ETC2-ZUW152415 Datasheet
136Kb / 3P
   UL recognized, TV approved, CSA certified
logo
Recom International Pow...
RACD100 RECOM-RACD100 Datasheet
111Kb / 2P
   CE and UL Certified Class 1 LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com