データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KA5Q0765RTHYDTU データシート(PDF) 6 Page - List of Unclassifed Manufacturers

部品番号 KA5Q0765RTHYDTU
部品情報  Quasi Resonant Converter Controller, Internal Burst Mode Controller for Stand-by Mode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

KA5Q0765RTHYDTU データシート(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button KA5Q0765RTHYDTU Datasheet HTML 2Page - List of Unclassifed Manufacturers KA5Q0765RTHYDTU Datasheet HTML 3Page - List of Unclassifed Manufacturers KA5Q0765RTHYDTU Datasheet HTML 4Page - List of Unclassifed Manufacturers KA5Q0765RTHYDTU Datasheet HTML 5Page - List of Unclassifed Manufacturers KA5Q0765RTHYDTU Datasheet HTML 6Page - List of Unclassifed Manufacturers KA5Q0765RTHYDTU Datasheet HTML 7Page - List of Unclassifed Manufacturers KA5Q0765RTHYDTU Datasheet HTML 8Page - List of Unclassifed Manufacturers KA5Q0765RTHYDTU Datasheet HTML 9Page - List of Unclassifed Manufacturers KA5Q0765RTHYDTU Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
KA5Q0765RTH
6
Typical Performance Characteristics
Figure 1. Start Voltage
Figure 2. Stop Voltage
Figure 3. Stand by Current
Figure 4. Operating Current
Figure 5. Initial Frequency
Figure 6. Maximum Duty
0.85
0.90
0.95
1.00
1.05
1.10
-25℃
0℃
25℃
50℃
75℃
100℃
125℃
150℃
Temp.(ºC)
0.90
0.94
0.98
1.02
1.06
1.10
-25℃
0℃
25℃
50℃
75℃
100℃
125℃
150℃
Temp.(ºC)
0.80
0.87
0.94
1.01
1.08
-25℃
0℃
25℃
50℃
75℃
100℃
125℃
150℃
Temp.(ºC)
0.85
0.90
0.95
1.00
1.05
1.10
-25℃
0℃
25℃
50℃
75℃
100℃
125℃
150℃
Temp.(ºC)
0.85
0.90
0.95
1.00
1.05
1.10
-25℃
0℃
25℃
50℃
75℃
100℃
125℃
150℃
Temp.(ºC)
0.90
0.94
0.98
1.02
1.06
1.10
-25℃
0℃
25℃
50℃
75℃
100℃
125℃
150℃
Temp.(ºC)


同様の部品番号 - KA5Q0765RTHYDTU

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA5Q0765RT FAIRCHILD-KA5Q0765RT Datasheet
191Kb / 16P
   Fairchild Power Switch(FPS)
KA5Q0765RT FAIRCHILD-KA5Q0765RT Datasheet
85Kb / 10P
   S P S
KA5Q0765RTTU FAIRCHILD-KA5Q0765RTTU Datasheet
191Kb / 16P
   Fairchild Power Switch(FPS)
KA5Q0765RTYDTU FAIRCHILD-KA5Q0765RTYDTU Datasheet
191Kb / 16P
   Fairchild Power Switch(FPS)
More results

同様の説明 - KA5Q0765RTHYDTU

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCP1336A ONSEMI-NCP1336A_14 Datasheet
936Kb / 26P
   Quasi-Resonant Current Mode Controller
April, 2014 ??Rev. 2
logo
Fairchild Semiconductor
FL6300A FAIRCHILD-FL6300A Datasheet
912Kb / 13P
   Quasi-Resonant Current Mode PWM Controller for Lighting
logo
ON Semiconductor
FL6300A ONSEMI-FL6300A Datasheet
599Kb / 15P
   Quasi-Resonant Current Mode PWM Controller for Lighting
November 2012 Rev. 1.0.2
NCL30085 ONSEMI-NCL30085 Datasheet
316Kb / 27P
   Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 3
NCL30080 ONSEMI-NCL30080_15 Datasheet
210Kb / 25P
   Quasi-Resonant Primary Side Current-Mode Controller
January, 2015 ??Rev. 3
NCL30085 ONSEMI-NCL30085 Datasheet
316Kb / 27P
   Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 3
logo
Dialog Semiconductor
IW1691 DIALOG-IW1691 Datasheet
1Mb / 24P
   Digital PWM Current-Mode Controller for Quasi-Resonant Operation
logo
Renesas Technology Corp
IW1691 RENESAS-IW1691 Datasheet
2Mb / 32P
   Digital PWM Current-Mode Controller for Quasi-Resonant Operation
22-Jan-2022
logo
Dialog Semiconductor
IW1710 DIALOG-IW1710 Datasheet
1Mb / 20P
   Digital PWM Current-Mode Controller for Quasi-Resonant Operation
logo
Renesas Technology Corp
IW1710 RENESAS-IW1710 Datasheet
1Mb / 30P
   Digital PWM Current-Mode Controller for Quasi-Resonant Operation
24-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com