データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LD29150XX18 データシート(PDF) 11 Page - STMicroelectronics

部品番号 LD29150XX18
部品情報  1.5 A, very low drop voltage regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD29150XX18 データシート(HTML) 11 Page - STMicroelectronics

Back Button LD29150XX18 Datasheet HTML 7Page - STMicroelectronics LD29150XX18 Datasheet HTML 8Page - STMicroelectronics LD29150XX18 Datasheet HTML 9Page - STMicroelectronics LD29150XX18 Datasheet HTML 10Page - STMicroelectronics LD29150XX18 Datasheet HTML 11Page - STMicroelectronics LD29150XX18 Datasheet HTML 12Page - STMicroelectronics LD29150XX18 Datasheet HTML 13Page - STMicroelectronics LD29150XX18 Datasheet HTML 14Page - STMicroelectronics LD29150XX18 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LD29150xx
Electrical characteristics
Doc ID 9614 Rev 18
11/22
IO = 10 mA, TJ = 25 °C, VI = 3.23 V, VINH = 2 V (Note 3), CI = 330 nF, CO = 10 µF adjust pin
tied to output pin.
Note:
1
Guaranteed by design.
2
Reference voltage is measured between output and GND pin, with ADJ PIN tied to VOUT.
3
Only for version with Inhibit function.
Table 8.
Electrical characteristics of LD29150#ADJ
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VI
Minimum operating input
voltage
IO = 10 mA to 1.5 A, TJ = - 40 to 125°C
2.5
V
ΔVO
Load regulation
IO = 10 mA to 1.5 A
0.2
1.0
%
ΔVO
Line regulation
VI = 2.5 V to 13 V, IO = 10 mA
0.06
0.5
%
VREF
Reference voltage
IO = 10 mA to 1.5 A, VI = 2.5 to 4.5 V
TJ = - 40 to 125°C (Note 2)
-1%
1.23
+1%
V
-2%
+2%
SVR
Supply voltage rejection
f = 120 Hz, VI = 3.23 ±1 V, IO = 0.75 A
(
Note 1)
45
75
dB
Iq
Quiescent current
IO = 0.75 A, TJ = - 40 to 125°C
15
40
mA
IO = 1.5 A, TJ = - 40 to 125°C
30
80
VI = 13 V, VINH = GND, TJ = - 40 to 125°C
130
180
µA
IADJ
Adjust pin current
TJ = - 40 to 125°C (Note 1)1
µA
Isc
Short circuit current
VI - VO = 5.5 V
2.2
A
VIL
Control input logic low
OFF MODE, (
Note 3),TJ = - 40 to 125°C
0.8
V
VIH
Control input logic high
ON MODE, (
Note 3), TJ = - 40 to 125°C
2
V
IINH
Control input current
TJ = - 40 to 125°C, VINH = 13 V
5
10
µA
eN
Output noise voltage
BP = 10 Hz to 100 kHz, IO = 100 mA
50
µVRMS
TSHDN Thermal shutdown
150
°C


同様の部品番号 - LD29150XX18

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LD29150XX18 STMICROELECTRONICS-LD29150XX18 Datasheet
440Kb / 21P
   1.5 A, very low drop voltage regulators
LD29150XX18 STMICROELECTRONICS-LD29150XX18 Datasheet
517Kb / 22P
   1.5 A, very low drop voltage regulators
More results

同様の説明 - LD29150XX18

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LD29150XX STMICROELECTRONICS-LD29150XX Datasheet
440Kb / 21P
   1.5 A, very low drop voltage regulators
LD29150XX STMICROELECTRONICS-LD29150XX_10 Datasheet
517Kb / 22P
   1.5 A, very low drop voltage regulators
LD29150DT18R STMICROELECTRONICS-LD29150DT18R Datasheet
551Kb / 22P
   1.5 A, very low drop voltage regulators
L4940 STMICROELECTRONICS-L4940 Datasheet
129Kb / 13P
   VERY LOW DROP 1.5 A REGULATORS
LD29300XX STMICROELECTRONICS-LD29300XX Datasheet
525Kb / 26P
   3 A, very low drop voltage regulators
L4705 STMICROELECTRONICS-L4705 Datasheet
113Kb / 3P
   VERY LOW DROP VOLTAGE REGULATORS
L4940XX STMICROELECTRONICS-L4940XX Datasheet
1Mb / 23P
   Very low drop 1.5 A regulator
LD29150 STMICROELECTRONICS-LD29150 Datasheet
446Kb / 17P
   1.5A, VERY LOW DROP VOLTAGE REGULATORS
LD29300 STMICROELECTRONICS-LD29300 Datasheet
530Kb / 17P
   3A, VERY LOW DROP VOLTAGE REGULATORS
logo
Sames
LD29300 SAMES-LD29300_07 Datasheet
508Kb / 26P
   3A, Very low drop voltage regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com