データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5648BRUZ-1REEL7 データシート(PDF) 10 Page - Analog Devices

部品番号 AD5648BRUZ-1REEL7
部品情報  Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5648BRUZ-1REEL7 データシート(HTML) 10 Page - Analog Devices

Back Button AD5648BRUZ-1REEL7 Datasheet HTML 6Page - Analog Devices AD5648BRUZ-1REEL7 Datasheet HTML 7Page - Analog Devices AD5648BRUZ-1REEL7 Datasheet HTML 8Page - Analog Devices AD5648BRUZ-1REEL7 Datasheet HTML 9Page - Analog Devices AD5648BRUZ-1REEL7 Datasheet HTML 10Page - Analog Devices AD5648BRUZ-1REEL7 Datasheet HTML 11Page - Analog Devices AD5648BRUZ-1REEL7 Datasheet HTML 12Page - Analog Devices AD5648BRUZ-1REEL7 Datasheet HTML 13Page - Analog Devices AD5648BRUZ-1REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD5628/AD5648/AD5668
Data Sheet
Rev. G | Page 10 of 32
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
1
A
B
C
D
23
4
BALL A1
INDICATOR
GND
VOUTB
VOUTF
VOUTH
DIN
VDD
VOUTE
VREF
SYNC
VOUTA
VOUTC
VOUTG
SCL
LDAC
VOUTD
CLR
Figure 6. 16-Lead WLCSP
Table 7. 16-Lead WLCSP Pin Function Descriptions
Pin. No.
Mnemonic
Description
B2
LDAC
Pulsing this pin low allows any or all DAC registers to be updated if the input registers have new data. This allows
all DAC outputs to simultaneously update. Alternatively, this pin can be tied permanently low.
A4
SYNC
Active Low Control Input. This is the frame synchronization signal for the input data. When SYNC goes low, it
powers on the SCLK and DIN buffers and enables the input shift register. Data is transferred in on the falling edges
of the next 32 clocks. If SYNC is taken high before the 32nd falling edge, the rising edge of SYNC acts as an
interrupt and the write sequence is ignored by the device.
B3
VDD
Power Supply Input. These parts can be operated from 2.7 V to 5.5 V, and the supply should be decoupled with a
10 μF capacitor in parallel with a 0.1 μF capacitor to GND.
B4
VOUTA
Analog Output Voltage from DAC A. The output amplifier has rail-to-rail operation.
B1
VOUTB
Analog Output Voltage from DAC B. The output amplifier has rail-to-rail operation.
C4
VOUTC
Analog Output Voltage from DAC C. The output amplifier has rail-to-rail operation.
C2
VOUTD
Analog Output Voltage from DAC D. The output amplifier has rail-to-rail operation.
D3
VREFIN/VREFOUT
The AD5628/AD5648/AD5668 have a common pin for reference input and reference output. When using the
internal reference, this is the reference output pin. When using an external reference, this is the reference input
pin. The default for this pin is as a reference input.
D2
CLR
Asynchronous Clear Input. The CLR input is falling edge sensitive. When CLR is low, all LDAC pulses are ignored.
When CLR is activated, the input register and the DAC register are updated with the data contained in the CLR
code register—zero, midscale, or full scale. Default setting clears the output to 0 V.
C3
VOUTE
Analog Output Voltage from DAC E. The output amplifier has rail-to-rail operation.
C1
VOUTF
Analog Output Voltage from DAC F. The output amplifier has rail-to-rail operation.
D4
VOUTG
Analog Output Voltage from DAC G. The output amplifier has rail-to-rail operation.
D1
VOUTH
Analog Output Voltage from DAC H. The output amplifier has rail-to-rail operation.
A1
GND
Ground Reference Point for All Circuitry on the Part.
A3
DIN
Serial Data Input. This device has a 32-bit shift register. Data is clocked into the register on the falling edge of the
serial clock input.
A4
SCLK
Serial Clock Input. Data is clocked into the input shift register on the falling edge of the serial clock input. Data can
be transferred at rates of up to 50 MHz.


同様の部品番号 - AD5648BRUZ-1REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5648BRUZ-1 AD-AD5648BRUZ-1 Datasheet
306Kb / 24P
   Octal, 12-14-16 Bit Dac with 10ppm/째C Max On-Chip Reference in 14-Lead TSSOP
Rev. PrA
More results

同様の説明 - AD5648BRUZ-1REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5629R AD-AD5629R Datasheet
1Mb / 32P
   Octal, 12-/16-Bit, I2C, denseDACs with 5 ppm/째C On-Chip Reference
REV. B
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5627R AD-AD5627R_07 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs짰 with 5 ppm/째C On-Chip Reference, I2C짰 Interface
REV. 0
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
logo
Texas Instruments
DAC80508Z TI1-DAC80508Z Datasheet
2Mb / 53P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508 Datasheet
217Kb / 8P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508_18 Datasheet
2Mb / 55P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
logo
Analog Devices
AD5624R AD-AD5624R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com