データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7904BRU データシート(PDF) 1 Page - Analog Devices

部品番号 AD7904BRU
部品情報  4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7904BRU データシート(HTML) 1 Page - Analog Devices

  AD7904BRU Datasheet HTML 1Page - Analog Devices AD7904BRU Datasheet HTML 2Page - Analog Devices AD7904BRU Datasheet HTML 3Page - Analog Devices AD7904BRU Datasheet HTML 4Page - Analog Devices AD7904BRU Datasheet HTML 5Page - Analog Devices AD7904BRU Datasheet HTML 6Page - Analog Devices AD7904BRU Datasheet HTML 7Page - Analog Devices AD7904BRU Datasheet HTML 8Page - Analog Devices AD7904BRU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
with Sequencer in 16-Lead TSSOP
Data Sheet
AD7904/AD7914/AD7924
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2002–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Fast throughput rate: 1 MSPS
Specified for AVDD of 2.7 V to 5.25 V
Low power:
6 mW maximum at 1 MSPS with 3 V supplies
13.5 mW maximum at 1 MSPS with 5 V supplies
4 single-ended inputs with sequencer
Wide input bandwidth
AD7924, 70 dB SNR at 50 kHz input frequency
Flexible power/serial clock speed management
No pipeline delays
High speed serial interface: SPI/QSPI™/
MICROWIRE™/DSP compatible
Shutdown mode: 0.5 µA maximum
16-lead TSSOP package
Qualified for automotive applications
FUNCTIONAL BLOCK DIAGRAM
AGND
SCLK
DOUT
DIN
CS
VDRIVE
AVDD
CONTROL LOGIC
8-/10-/12-BIT
SUCCESSIVE
APPROXIMATION
ADC
T/H
REFIN
VIN0
VIN3
VIN2
VIN1
I/P
MUX
AD7904/AD7914/AD7924
SEQUENCER
Figure 1.
GENERAL DESCRIPTION
The AD7904/AD7914/AD7924 are, respectively, 8-bit, 10-bit, and
12-bit, high speed, low power, 4-channel successive approxi-
mation ADCs. The parts operate from a single 2.7 V to 5.25 V
power supply and feature throughput rates up to 1 MSPS. The
parts contain a low noise, wide bandwidth track-and-hold
amplifier that can handle input frequencies in excess of 8 MHz.
The conversion process and data acquisition are controlled using
CS and the serial clock signal, allowing the device to easily inter-
face with microprocessors or DSPs. The input signal is sampled
on the falling edge of CS and conversion is initiated at this
point. There are no pipeline delays associated with the part.
The AD7904/AD7914/AD7924 use advanced design techniques
to achieve very low power dissipation at maximum throughput
rates. At maximum throughput rates, the AD7904/AD7914/
AD7924 consume 2 mA maximum with 3 V supplies; with 5 V
supplies, the current consumption is 2.7 mA maximum.
Through the configuration of the control register, the analog
input range for the part can be selected as 0 V to REFIN or 0 V to
2 × REFIN, with either straight binary or twos complement output
coding. The AD7904/AD7914/AD7924 each feature four single-
ended analog inputs with a channel sequencer to allow a pre-
programmed selection of channels to be converted sequentially.
The conversion time for the AD7904/AD7914/AD7924 is
determined by the SCLK frequency, which is also used as the
master clock to control the conversion.
PRODUCT HIGHLIGHTS
1. High Throughput with Low Power Consumption.
The AD7904/AD7914/AD7924 offer throughput rates
up to 1 MSPS. At the maximum throughput rate with 3 V
supplies, the AD7904/AD7914/AD7924 dissipate only
6 mW of power maximum.
2. Four Single-Ended Inputs with Channel Sequencer.
A consecutive sequence of channels can be selected,
through which the ADC will cycle and convert on.
3. Single-Supply Operation with VDRIVE Function.
The AD7904/AD7914/AD7924 operate from a single 2.7 V
to 5.25 V supply. The VDRIVE function allows the serial inter-
face to connect directly to 3 V or 5 V processor systems,
independent of VDD.
4. Flexible Power/Serial Clock Speed Management.
The conversion rate is determined by the serial clock,
allowing the conversion time to be reduced by increasing
the serial clock speed. The parts also feature two shutdown
modes to maximize power efficiency at lower throughput
rates. Current consumption is 0.5 µA maximum when in
full shutdown.
5. No Pipeline Delay.
The parts feature a standard successive approximation
ADC with accurate control of the sampling instant via
the CS input and once-off conversion control.


同様の部品番号 - AD7904BRU

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7904BRU AD-AD7904BRU Datasheet
411Kb / 24P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. 0
More results

同様の説明 - AD7904BRU

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7914 AD-AD7914_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7924 AD-AD7924_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7904 AD-AD7904_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7904 AD-AD7904 Datasheet
411Kb / 24P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. 0
AD7918 AD-AD7918_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7908 AD-AD7908 Datasheet
607Kb / 24P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. A
AD7908 AD-AD7908_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7928 AD-AD7928_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7928BRUZ AD-AD7928BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. D
AD7490 AD-AD7490 Datasheet
2Mb / 24P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com