データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCX42E6327 データシート(PDF) 1 Page - Infineon Technologies AG

部品番号 BCX42E6327
部品情報  PNP Silicon AF and Switching Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCX42E6327 データシート(HTML) 1 Page - Infineon Technologies AG

  BCX42E6327 Datasheet HTML 1Page - Infineon Technologies AG BCX42E6327 Datasheet HTML 2Page - Infineon Technologies AG BCX42E6327 Datasheet HTML 3Page - Infineon Technologies AG BCX42E6327 Datasheet HTML 4Page - Infineon Technologies AG BCX42E6327 Datasheet HTML 5Page - Infineon Technologies AG BCX42E6327 Datasheet HTML 6Page - Infineon Technologies AG BCX42E6327 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2011-10-04
1
BCX42
1
2
3
PNP Silicon AF and Switching Transistor
• For general AF applications
• High breakdown voltage
• Low collector-emitter saturation voltage
• Complementary type: BCX41 (NPN)
• Pb-free (RoHS compliant) package
• Qualified according AEC Q101
Type
Marking
Pin Configuration
Package
BCX42
DKs
1 = B
2 = E
3 = C
SOT23
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCEO
125
V
Collector-base voltage
VCBO
125
Emitter-base voltage
VEBO
5
Collector current
IC
800
mA
Peak collector current, tp ≤ 10 ms
ICM
1
A
Base current
IB
100
mA
Peak base current
IBM
200
Total power dissipation
TS ≤ 79 °C
Ptot
330
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
RthJS
≤ 215
K/W
1For calculation of RthJA please refer to Application Note AN077 (Thermal Resistance Calculation)


同様の部品番号 - BCX42E6327

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BCX42 SIEMENS-BCX42 Datasheet
139Kb / 4P
   PNP Silicon AF and Switching Transistors (For general AF applications High breakdown voltage)
logo
Infineon Technologies A...
BCX42 INFINEON-BCX42 Datasheet
50Kb / 5P
   PNP Silicon AF an Swiching Transistors
Jul-10-2001
logo
Guangdong Kexin Industr...
BCX42 KEXIN-BCX42 Datasheet
40Kb / 2P
   PNP Silicon AF an Swiching Transistors
logo
Infineon Technologies A...
BCX42 INFINEON-BCX42 Datasheet
76Kb / 7P
   PNP Silicon AF and Switching Transistor
2007-04-27
BCX42 INFINEON-BCX42_07 Datasheet
76Kb / 7P
   PNP Silicon AF and Switching Transistor
2007-04-27
More results

同様の説明 - BCX42E6327

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BCX42 INFINEON-BCX42_07 Datasheet
76Kb / 7P
   PNP Silicon AF and Switching Transistor
2007-04-27
logo
New Jersey Semi-Conduct...
BCX13 NJSEMI-BCX13 Datasheet
75Kb / 2P
   PNP Silicon AF Switching Transistor
logo
Infineon Technologies A...
BCX41E6327 INFINEON-BCX41E6327 Datasheet
531Kb / 7P
   NPN Silicon AF and Switching Transistor
2011-10-04
BCX41 INFINEON-BCX41_07 Datasheet
76Kb / 7P
   NPN Silicon AF and Switching Transistor
2007-04-20
logo
Semtech Corporation
BC556 SEMTECH-BC556 Datasheet
370Kb / 5P
   PNP Silicon Epitaxial Planar Transistor for switching and AF applications???
logo
Infineon Technologies A...
BC857BE6327 INFINEON-BC857BE6327 Datasheet
866Kb / 11P
   PNP Silicon AF Transistor
2011-09-19
BCP69 INFINEON-BCP69_08 Datasheet
517Kb / 6P
   PNP Silicon AF Transistor
2008-10-10
BC856T INFINEON-BC856T Datasheet
145Kb / 6P
   PNP Silicon AF Transistor
Jan-08-2002
BC807 INFINEON-BC807_07 Datasheet
111Kb / 11P
   PNP Silicon AF Transistor
2007-06-08
BCW61 INFINEON-BCW61 Datasheet
88Kb / 9P
   PNP Silicon AF Transistor
Jul-10-2001
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com