データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5251BRU50-RL7 データシート(PDF) 9 Page - Analog Devices

部品番号 AD5251BRU50-RL7
部品情報  Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5251BRU50-RL7 データシート(HTML) 9 Page - Analog Devices

Back Button AD5251BRU50-RL7 Datasheet HTML 5Page - Analog Devices AD5251BRU50-RL7 Datasheet HTML 6Page - Analog Devices AD5251BRU50-RL7 Datasheet HTML 7Page - Analog Devices AD5251BRU50-RL7 Datasheet HTML 8Page - Analog Devices AD5251BRU50-RL7 Datasheet HTML 9Page - Analog Devices AD5251BRU50-RL7 Datasheet HTML 10Page - Analog Devices AD5251BRU50-RL7 Datasheet HTML 11Page - Analog Devices AD5251BRU50-RL7 Datasheet HTML 12Page - Analog Devices AD5251BRU50-RL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
AD5251/AD5252
Rev. D | Page 9 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
AD0
WP
W1
SDA
A1
B1
VDD
14
13
12
11
10
9
8
B3
A3
AD1
VSS
SCL
DGND
W3
AD5251/
AD5252
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
V
DD
Positive Power Supply Pin. Connect +2.7 V to +5 V for single supply or ±2.7 V for dual supply, where
V
DD – VSS ≤ 5.5 V. VDD must be able to source 35 mA for 26 ms when storing data to EEMEM.
2
AD0
I2C Device Address 0. AD0 and AD1 allow four AD5251/AD5252 devices to be addressed.
3
WP
Write Protect, Active Low. V
WP ≤ VDD + 0.3 V.
4
W1
Wiper Terminal of RDAC1. V
SS ≤ VW1 ≤ VDD.
1
5
B1
B Terminal of RDAC1. V
SS ≤ VB1 ≤ VDD.
1
6
A1
A Terminal of RDAC1. V
SS ≤ VA1 ≤ VDD.
1
7
SDA
Serial Data Input/Output Pin. Shifts in one bit at a time upon positive clock edges. MSB loaded first.
Open-drain MOSFET requires pull-up resistor.
8
V
SS
Negative Supply. Connect to 0 V for single supply or –2.7 V for dual supply, where V
DD – VSS ≤ +5.5 V. If
V
SS is used in dual supply, VSS must be able to sink 35 mA for 26 ms when storing data to EEMEM.
9
SCL
Serial Input Register Clock Pin. Shifts in one bit at a time upon positive clock edges. V
SCL ≤ (VDD + 0.3 V).
Pull-up resistor is recommended for SCL to ensure minimum power.
10
DGND
Digital Ground. Connect to system analog ground at a single point.
11
AD1
I2C Device Address 1. AD0 and AD1 allow four AD5251/AD5252 devices to be addressed.
12
A3
A Terminal of RDAC3. V
SS ≤ VA3 ≤ VDD.
1
13
B3
B Terminal of RDAC3. V
SS ≤ VB3 ≤ VDD.
1
14
W3
Wiper Terminal of RDAC3. V
SS ≤ VW3 ≤ VDD.
1
1 For quad-channel device software compatibility, the dual potentiometers in the parts are designated as RDAC1 and RDAC3.


同様の部品番号 - AD5251BRU50-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5251BRU50-RL7 AD-AD5251BRU50-RL7 Datasheet
859Kb / 28P
   Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
More results

同様の説明 - AD5251BRU50-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5251 AD-AD5251 Datasheet
566Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
AD5252 AD-AD5252 Datasheet
859Kb / 28P
   Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5253 AD-AD5253_12 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5254BRUZ50 AD-AD5254BRUZ50 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5251 AD-AD5251_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5252 AD-AD5252_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5254 AD-AD5254_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com