データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-1850-L0NA2 データシート(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HLMP-1850-L0NA2
部品情報  T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-1850-L0NA2 データシート(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-1850-L0NA2 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-1850-L0NA2 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-1850-L0NA2 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-1850-L0NA2 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-1850-L0NA2 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-1850-L0NA2 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-1850-L0NA2 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-1850-L0NA2 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-1850-L0NA2 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Figure 1. Relative intensity vs. wavelength.
Red, Yellow, and Green
Figure 4. Relative luminous intensity vs. forward current.
Figure 5. Relative efficiency (luminous intensity
per unit current) vs. peak current.
Figure 2. Maximum tolerable peak current vs. pulse duration.
(IDC MAX as per MAX ratings).
Figure 3. Forward current vs. forward voltage.
HIGH EFFICIENCY RED
WAVELENGTH – nm
1.0
0.5
0
0
0
7
0
5
6
0
0
6
0
5
5
0
0
5
YELLOW
EMERALD GREEN
GREEN
T = 25° C
A


同様の部品番号 - HLMP-1850-L0NA2

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HLMP-1050 HP-HLMP-1050 Datasheet
44Kb / 2P
   T-1 (3mm) Right Angle Mount Housing
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1050 AVAGO-HLMP-1050 Datasheet
79Kb / 1P
   T-1 (3mm) Right Angle Mount Housing
logo
Broadcom Corporation.
HLMP-1050 BOARDCOM-HLMP-1050 Datasheet
79Kb / 1P
   T-1 (3mm) Right Angle Mount Housing
logo
QT Optoelectronics
HLMP-1300 QT-HLMP-1300 Datasheet
237Kb / 3P
   DIFFUSED T-100 SOLID STATE LAMPS
logo
Fairchild Semiconductor
HLMP-1300 FAIRCHILD-HLMP-1300 Datasheet
260Kb / 4P
   DIFFUSED T-100 SOLID STATE LAMPS
More results

同様の説明 - HLMP-1850-L0NA2

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Broadcom Corporation.
HLMP-3707 BOARDCOM-HLMP-3707 Datasheet
1Mb / 15P
   T-1 3/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3707 AVAGO-HLMP-3707 Datasheet
889Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra?멊right LED Lamps New sturdy leads
logo
Agilent(Hewlett-Packard...
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com