データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8615 データシート(PDF) 8 Page - Analog Devices

部品番号 AD8615
部品情報  Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8615 データシート(HTML) 8 Page - Analog Devices

Back Button AD8615_08 Datasheet HTML 4Page - Analog Devices AD8615_08 Datasheet HTML 5Page - Analog Devices AD8615_08 Datasheet HTML 6Page - Analog Devices AD8615_08 Datasheet HTML 7Page - Analog Devices AD8615_08 Datasheet HTML 8Page - Analog Devices AD8615_08 Datasheet HTML 9Page - Analog Devices AD8615_08 Datasheet HTML 10Page - Analog Devices AD8615_08 Datasheet HTML 11Page - Analog Devices AD8615_08 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8615/AD8616/AD8618
Rev. E | Page 8 of 20
0
0.4
0.8
0.6
0.2
1.2
1.0
1.6
1.4
2.0
1.8
2.4
2.2
–40 –25 –10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
VS = 2.7V
VS = 5V
Figure 18. Supply Current vs. Temperature
200
0
400
600
800
1000
1200
1400
1600
1800
2000
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SUPPLY VOLTAGE (V)
Figure 19. Supply Current per Amplifier vs. Supply Voltage
1k
100
10
1
10
100
1k
10k
100k
FREQUENCY (Hz)
VS = ±2.5V
VS = ±1.35V
Figure 20. Voltage Noise Density vs. Frequency
TIME (1µs/DIV)
VS = 5V
RL = 10kΩ
CL = 200pF
AV = 1
Figure 21. Small Signal Transient Response
TIME (1s/DIV)
VS = 5V
RL = 10kΩ
CL = 200pF
AV = 1
Figure 22. Large Signal Transient Response
0.0001
0.01
0.001
0.1
FREQUENCY (Hz)
20
100
1k
20k
VS = ±2.5V
VIN = 0.5V rms
AV = 1
BW = 22kHz
RL = 100kΩ
Figure 23. THD + N vs. Frequency


同様の部品番号 - AD8615_08

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8615 AD-AD8615_05 Datasheet
403Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
More results

同様の説明 - AD8615_08

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8615 AD-AD8615_05 Datasheet
403Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
AD8615 AD-AD8615 Datasheet
190Kb / 5P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. PrA
AD8616 AD-AD8616 Datasheet
495Kb / 16P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. A
AD8616ARMZ AD-AD8616ARMZ Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
OP-184 AD-OP-184 Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
logo
List of Unclassifed Man...
TSV994AIYPT ETC2-TSV994AIYPT Datasheet
989Kb / 25P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
logo
STMicroelectronics
TSV991 STMICROELECTRONICS-TSV991_08 Datasheet
515Kb / 18P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
logo
Analog Devices
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com