データシートサーチシステム |
|
HLMP-3350-L00DX データシート(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED |
|
HLMP-3350-L00DX データシート(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED |
4 / 12 page 4 Absolute Maximum Ratings at TA = 25°C Parameter Red Yellow Green/Emerald Green Units Peak Forward Current 90 60 90 mA Average Forward Current[1] 25 20 25 mA DC Current[2] 30 20 30 mA Transient Forward Current[3] 500 500 500 mA (10 μs Pulse) Reverse Voltage (IR = 100 μA) 5 5 5 V LED Junction Temperature 110 110 110 °C Operating Temperature Range -40 to +100 -40 to +100 -20 to +100 °C Storage Temperature Range -40 to +100 -40 to +100 -40 to +100 °C Notes: 1. See Figure 2 to establish pulsed operating conditions. 2. For Red and Green series derate linearly from 50°C at 0.5 mA/°C. For Yellow series derate linearly from 50°C at 0.2 mA/°C. 3. The transient peak current is the maximum non-recurring peak current the devices can withstand without damaging the LED die and wire bonds. It is not recommended that the device be operated at peak currents beyond the Absolute Maximum Peak Forward Current. HLMP - x x xx - x x x xx Mechanical Options 00: Bulk 01: Tape & Reel, Crimped Leads 02, Bx: Tape & Reel, Straight Leads A1, B1: Right Angle Housing, Uneven Leads A2, B2: Right Angle Housing, Even Leads Dx, Ex: Ammo Pack, Straight Leads FH: 2 Iv Bin Select with Inventory Control Vx: Ammo Pack, Crimped Leads Color Bin Options 0: Full Color Bin Distribution N: Color Bin 6 & 7 Only Maximum Iv Bin Options 0: Open (No. Max. Limit) Others: Please Refer to the Iv Bin Table Minimum Iv Bin Options Please Refer to the Iv Bin Table Color Options 3, 7: GaP HER 4, 8: GaP Yellow (except K4xx series) 5, 9: GaP Green 6: GaP Emerald Green Package Option 1, K: T-1 (3 mm) 3: T-13/4 (5 mm) Part Numbering System |
同様の部品番号 - HLMP-3350-L00DX |
|
同様の説明 - HLMP-3350-L00DX |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |