データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

WM-61B102B データシート(PDF) 1 Page - Panasonic Semiconductor

部品番号 WM-61B102B
部品情報  Omnidirectional Back Electret Condenser Microphone Cartridge
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

WM-61B102B データシート(HTML) 1 Page - Panasonic Semiconductor

  WM-61B102B Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
Microphone Cartridges
Omnidirectional Back Electret
Condenser Microphone Cartridge
Series:
WM-61A
WM-61 B (pin type)
I Sensitivity
I Specifications
Sensitivity
–35
±4dB (0db = 1V/pa, 1kHz)
Impedance
Less than 2.2 k
Directivity
Omnidirectional
Frequency
20–20,000 Hz
Max. operation voltage
10V
Standard operation voltage
2V
Current consumption
Max. 0.5 mA
Sensitivity reduction
Within –3 dB at 1.5V
S/N ratio
More than 62 dB
I Typical Frequency Response Curve
I Dimensions in mm (not to scale)
WM-61A
WM-61B
3.4
1.5
Term 1
output
Term 2
ground
3.4
Term 1
output
Term 2
ground
+20
+10
0
–10
–20
–30
20
50
100
200
500
1000
2000
5000
10000
20000
Frequency (Hz)
Vs = 2.0V
RL = 2.2k
–35
± 4dB
I Features
G Small microphones for general use
G Back electret type designed for high resistance to
vibrations, high signal-to-noise ratio
G High sensitivity type
G Microphone with pins for flexible PCB (WM-61B type)


同様の部品番号 - WM-61B102B

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
WM-61B PANASONIC-WM-61B Datasheet
76Kb / 1P
   Omnidirectional Back Electret Condenser Microphone Cartridge
More results

同様の説明 - WM-61B102B

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
WM-60A PANASONIC-WM-60A Datasheet
42Kb / 1P
   Omnidirectional Back Electret Condenser Microphone Cartridge
WM-61A PANASONIC-WM-61A Datasheet
76Kb / 1P
   Omnidirectional Back Electret Condenser Microphone Cartridge
logo
List of Unclassifed Man...
WM-63PRT ETC2-WM-63PRT Datasheet
31Kb / 1P
   Omnidirectional Electret Condenser Microphone Cartridge
logo
Panasonic Semiconductor
WM-034B PANASONIC-WM-034B Datasheet
48Kb / 1P
   Omnidirectional Electret Condenser Microphone Cartridge
WM-63PR PANASONIC-WM-63PR Datasheet
42Kb / 1P
   Omnidirectional Electret Condenser Microphone Cartridge
logo
Soberton Inc.
EM4513-BC SOBERTON-EM4513-BC Datasheet
558Kb / 1P
   Omnidirectional Back Electret Condenser Microphone
EM6022-BC SOBERTON-EM6022-BC Datasheet
187Kb / 1P
   Omnidirectional Back Electret Condenser Microphone
EM6027-BC SOBERTON-EM6027-BC Datasheet
174Kb / 1P
   Omnidirectional Back Electret Condenser Microphone
EM6013-BC SOBERTON-EM6013-BC Datasheet
809Kb / 1P
   Omnidirectional Back Electret Condenser Microphone
EM4020-BC SOBERTON-EM4020-BC Datasheet
389Kb / 1P
   Omnidirectional Back Electret Condenser Microphone
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com