データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADR280ART-REEL データシート(PDF) 4 Page - Analog Devices

部品番号 ADR280ART-REEL
部品情報  1.2 V Ultralow Power High PSRR Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADR280ART-REEL データシート(HTML) 4 Page - Analog Devices

  ADR280ART-REEL Datasheet HTML 1Page - Analog Devices ADR280ART-REEL Datasheet HTML 2Page - Analog Devices ADR280ART-REEL Datasheet HTML 3Page - Analog Devices ADR280ART-REEL Datasheet HTML 4Page - Analog Devices ADR280ART-REEL Datasheet HTML 5Page - Analog Devices ADR280ART-REEL Datasheet HTML 6Page - Analog Devices ADR280ART-REEL Datasheet HTML 7Page - Analog Devices ADR280ART-REEL Datasheet HTML 8Page - Analog Devices ADR280ART-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADR280
Rev. C | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Rating
Supply Voltage
6 V
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature Range (Soldering, 60 Sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, θJA is
specified for a device soldered in circuit board for surface-
mount packages.
Table 3.
Package Type
θJA
θJC
Unit
SOT-23
230
146
°C/W
SC70
376
102
°C/W
ESD CAUTION


同様の部品番号 - ADR280ART-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
ADR280ART-REEL AD-ADR280ART-REEL Datasheet
498Kb / 8P
   1.2 V Ultralow Power High PSRR Voltage Reference
REV. A
ADR280ART-REEL7 AD-ADR280ART-REEL7 Datasheet
498Kb / 8P
   1.2 V Ultralow Power High PSRR Voltage Reference
REV. A
More results

同様の説明 - ADR280ART-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
ADR280 AD-ADR280 Datasheet
498Kb / 8P
   1.2 V Ultralow Power High PSRR Voltage Reference
REV. A
ADR280 AD-ADR280_15 Datasheet
849Kb / 12P
   1.2 V Ultralow Power High PSRR Voltage Reference
REV. C
ADCMP380 AD-ADCMP380 Datasheet
271Kb / 10P
   Ultralow Power Voltage Comparator with Reference
AD1580ART-REEL7 AD-AD1580ART-REEL7 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580ART AD-AD1580ART Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580BRT-R2 AD-AD1580BRT-R2 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
REV. F
AD1580BRT AD-AD1580BRT Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
ADR512ARTZ-REEL7 AD-ADR512ARTZ-REEL7 Datasheet
282Kb / 12P
   1.2 V Precision Low Noise Shunt Voltage Reference
REV. A
ADR512 AD-ADR512_15 Datasheet
282Kb / 12P
   1.2 V Precision Low Noise Shunt Voltage Reference
REV. A
ADR512 AD-ADR512 Datasheet
208Kb / 8P
   1.2 V Precision Low Noise Shunt Voltage Reference
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com