データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA4631-E データシート(PDF) 2 Page - Sanyo Semicon Device

部品番号 LA4631-E
部品情報  For Audio Applications 5W 2-Channel AF Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4631-E データシート(HTML) 2 Page - Sanyo Semicon Device

  LA4631-E Datasheet HTML 1Page - Sanyo Semicon Device LA4631-E Datasheet HTML 2Page - Sanyo Semicon Device LA4631-E Datasheet HTML 3Page - Sanyo Semicon Device LA4631-E Datasheet HTML 4Page - Sanyo Semicon Device LA4631-E Datasheet HTML 5Page - Sanyo Semicon Device LA4631-E Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LA4631
No.8177-2/6
Electrical Characteristics at Ta = 25
°C, VCC = 14V, RL = 4Ω, f = 1kHz, Rg = 600Ω
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Standby current
Ist
VSTB = 0V
1
10
µA
Quiescent current drain
ICCO
Rg = 0, VSTB = 5V
18
35
80
mA
Standby pin applied voltage
Vst
The pin 5 voltage such that the amplifier is on
1.5
5
V
Output power
PO
THD = 10%
4
5
W
Total harmonic distortion
THD
VO = 1W
0.15
0.4
%
Voltage gain
VG
VO = 0dBm
33
35
37
dB
Output noise voltage (rms)
VNO
Rg = 0, BPF = 20Hz to 20kHz
0.05
0.25
mVrms
Supply voltage rejection ratio
SVRR
Rg = 0, fR = 100Hz, VCCR = 0dBm
50
60
dB
Channel separation
CHsep
Rg = 10k
Ω, VO = 0dBm
45
55
dB
Input resistance
Ri
20
30
40
k
Package Dimensions
unit : mm (typ)
3107B
Pd max -- Ta
Aluminum heat
sink Tightening
torque : 39N
cm
With silicone
grease applied
θjc = 3°C/W
With an infinitely
large heat sink
100
×100×1.5mm3
50
×50×1.5mm3
Without a heat sink
15
11.7
5.8
2.0
0
2
4
6
8
10
12
14
16
-20
0
20
40
60
80
100
120
140
160
Ambient temperature, Ta --
°C


同様の部品番号 - LA4631-E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA4631 SANYO-LA4631 Datasheet
153Kb / 6P
   For Audio Applications 5W 2-Channel AF Power Amplifier
LA4631VC SANYO-LA4631VC Datasheet
427Kb / 7P
   For Home Audio Use 2-Channel SE AF Power Amplifier
logo
ON Semiconductor
LA4631VC ONSEMI-LA4631VC Datasheet
307Kb / 7P
   2-Channel SE AF Power Amplifier
May, 2013
LA4631VC-XE ONSEMI-LA4631VC-XE Datasheet
307Kb / 7P
   2-Channel SE AF Power Amplifier for Home Audio Use
May, 2013
More results

同様の説明 - LA4631-E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA4631 SANYO-LA4631 Datasheet
153Kb / 6P
   For Audio Applications 5W 2-Channel AF Power Amplifier
LA4631VC SANYO-LA4631VC Datasheet
427Kb / 7P
   For Home Audio Use 2-Channel SE AF Power Amplifier
logo
ON Semiconductor
LA4631VC-XE ONSEMI-LA4631VC-XE Datasheet
307Kb / 7P
   2-Channel SE AF Power Amplifier for Home Audio Use
May, 2013
logo
Sanyo Semicon Device
LA4635A SANYO-LA4635A Datasheet
34Kb / 3P
   For General Audio Use 2-Channel BTL AF Power Amplifier
LA4632 SANYO-LA4632 Datasheet
78Kb / 8P
   10 W Two-Channel BTL AF Power Amplifier for Audio Applications
STK4332 SANYO-STK4332 Datasheet
460Kb / 6P
   AF Power Amplifier (5W 5W min, THD = 1.0%)
logo
National Semiconductor ...
LM384 NSC-LM384 Datasheet
152Kb / 7P
   5W Audio Power Amplifier
logo
Sanyo Semicon Device
LA4636 SANYO-LA4636 Datasheet
28Kb / 3P
   For General Audio Use 11 W 2-Channel BTL AF Power Amplifier
logo
General Electric Compan...
6BQ5 GEC-6BQ5 Datasheet
655Kb / 6P
   PENTODE FOR AF POWER AMPLIFIER APPLICATIONS
logo
YAMAHA CORPORATION
YDA137 YAMAHA-YDA137 Datasheet
924Kb / 20P
   D- 2 STEREO 5W DIGITAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com