データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74HC174N データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74HC174N
部品情報  Wide Operating Voltage Range of 2 V to 6 V, Outputs Can Drive Up To 10 LSTTL Loads
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC174N データシート(HTML) 10 Page - Texas Instruments

Back Button SN74HC174N Datasheet HTML 6Page - Texas Instruments SN74HC174N Datasheet HTML 7Page - Texas Instruments SN74HC174N Datasheet HTML 8Page - Texas Instruments SN74HC174N Datasheet HTML 9Page - Texas Instruments SN74HC174N Datasheet HTML 10Page - Texas Instruments SN74HC174N Datasheet HTML 11Page - Texas Instruments SN74HC174N Datasheet HTML 12Page - Texas Instruments SN74HC174N Datasheet HTML 13Page - Texas Instruments SN74HC174N Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74HC174DBR
SSOP
DB
16
2000
330.0
16.4
8.2
6.6
2.5
12.0
16.0
Q1
SN74HC174DRG4
SOIC
D
16
2500
330.0
16.4
6.5
10.3
2.1
8.0
16.0
Q1
SN74HC174NSR
SO
NS
16
2000
330.0
16.4
8.2
10.5
2.5
12.0
16.0
Q1
SN74HC174PWR
TSSOP
PW
16
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
SN74HC174PWT
TSSOP
PW
16
250
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
14-Mar-2013
Pack Materials-Page 1


同様の部品番号 - SN74HC174N

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74HC174N TI-SN74HC174N Datasheet
92Kb / 6P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN74HC174N TI1-SN74HC174N Datasheet
1Mb / 21P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN74HC174NE4 TI1-SN74HC174NE4 Datasheet
1Mb / 21P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN74HC174NSR TI1-SN74HC174NSR Datasheet
1Mb / 21P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
More results

同様の説明 - SN74HC174N

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74HC174DT TI-SN74HC174DT Datasheet
1Mb / 22P
[Old version datasheet]   Wide Operating Voltage Range of 2 V to 6 V
logo
Micropac Industries
65037 MICROPAC-65037 Datasheet
285Kb / 3P
   Wide operating voltage range 18 to 32 V
65041 MICROPAC-65041 Datasheet
119Kb / 2P
   Wide operating voltage range 18 to 32 V
logo
Cypress Semiconductor
MB3800 CYPRESS-MB3800 Datasheet
578Kb / 21P
   Wide supply voltage operating range: 1.8 V to 15 V
logo
First Components Intern...
MB3800 FCI-MB3800 Datasheet
63Kb / 4P
   Wide supply voltage operating range: 1.8 to 15 V
logo
List of Unclassifed Man...
8600 ETC2-8600 Datasheet
5Mb / 7P
   Voltage range up to 500 V
logo
Power Mate Technology C...
PDL06 P-DUKE-PDL06 Datasheet
987Kb / 5P
   2:1 WIDE INPUT RANGE UP TO 6 Watts
logo
Fairchild Semiconductor
FPF1048BUCX FAIRCHILD-FPF1048BUCX Datasheet
405Kb / 3P
   Input Voltage Operating Range: 1.5 V to 5.5 V
logo
Texas Instruments
LP239 TI1-LP239_14 Datasheet
826Kb / 14P
[Old version datasheet]   Wide Supply-Voltage Range 3 V to 30 V
logo
International Rectifier
IRS4427STRPBF IRF-IRS4427STRPBF Datasheet
381Kb / 18P
   Gate drive supply range from 6 V to 20 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com