データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

LQP03TN5N6J02 データシート(PDF) 4 Page - Murata Manufacturing Co., Ltd.

部品番号. LQP03TN5N6J02
部品情報  Chip Inductor (Chip Coil) for High Frequency Film Type
ダウンロード  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  MURATA [Murata Manufacturing Co., Ltd.]
ホームページ  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQP03TN5N6J02 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  LQP03TN5N6J02 データシート HTML 1Page - Murata Manufacturing Co., Ltd. LQP03TN5N6J02 データシート HTML 2Page - Murata Manufacturing Co., Ltd. LQP03TN5N6J02 データシート HTML 3Page - Murata Manufacturing Co., Ltd. LQP03TN5N6J02 データシート HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Continued from the preceding page.
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
4
o This data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
2011.1.13
Inductors (Coils) > Chip Inductor (Chip Coil) > for High Frequency Film Type
Part Number
Inductance
Test Frequency
Rated Current
Max. of DC Resistance
Q (min.) Test Frequency
Self Resonance Frequency (min.)
LQP03TNR12J02p
120nH
±5%
300MHz
40mA
12.0ohm
8
300MHz
800MHz
0
20
40
60
80
100
1000
10000
Frequency (MHz)
120nH
82nH
56nH
27nH
3.0nH
10nH
1
10
100
1000
100
1000
10000
Frequency (MHz)
10nH
3nH
56nH
27nH
82nH
120nH
Operating Temperature Range: -55 to +125
°C
Only for reflow soldering.
I Q-Frequency Characteristics (Typ.)
I Inductance-Frequency Characteristics (Typ.)
!Caution (Rating)
Do not use products beyond the rated current as
this may create excessive heat.
Notice
Solderability of Tin plating termination chip might be
deteriorated when low temperature soldering profile
where peak solder temperature is below the Tin melting
point is used. Please confirm the solderability of Tin
plating termination chip before use.
I !Caution/Notice


Html ページ

1  2  3  4 


Datasheet Download

Go To PDF Page


リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn