データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS14 データシート(PDF) 1 Page - Kingtronics International Company

部品番号 SS14
部品情報  1.0AMP.SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KINGTRONICS [Kingtronics International Company]
ホームページ  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

SS14 データシート(HTML) 1 Page - Kingtronics International Company

  SS14 Datasheet HTML 1Page - Kingtronics International Company SS14 Datasheet HTML 2Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
1
SS12 THRU SS110
1.0AMP.SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Voltage Range 20 to 100 Volts Current 1.0Amperes
FEATURES
SMA
Dimensions in inches and (millimeters)
For surface mounted application
Easy pick and place
Metal to silicon rectifier, majority carrier conduction
Low power loss, high efficiency
High current capability, low VF
High surge current capability
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
Epitaxial construction
High temperature soldering: 260℃ / 10 seconds at terminals
MECHANICAL DATA
Case:
molded plastic
Terminals: Solder plated
Polarity : Indicated by cathode band
Packaging: 12mm tape EIA STD RS-481
Weight: 0.074gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load, for capacitive load current derate by 20%.
Type Number
SS12 SS13 SS14 SS15 SS16 SS19 SS110 UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
20
30
40
50
60
90
100
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
63
70
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
90
100
V
Maximum Average Forward Rectified Current
at TL(See Fig. 2)
IF(AV)
1.0
A
Peak Forward Surge Current,8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method)
IFSM
30
A
Maximum Instantaneous Forward Voltage (Note@1.0 A
VF
0.50
0.75
0.80
V
Maximum DC Reverse Crrent @ TA=25℃
At Rated DC Blocking Voltage @ TA=125℃
IR
0.4
10.0
0.4
5.0
0.1
2.0
mA
Typical Thermal Resistance (Note )
RQJL
RQJA
28
88
/W
Operating Junction Temperature Range
TJ
-65 to +125
-65 to +150
Storage Temperature Ranage
TSTG
-65 to +150
NOTE: Measured on P.C. Board with 0.2” x 0.2” (5.0mm x 5.0mm) Copper Pad Areas


同様の部品番号 - SS14

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
SS14 MCC-SS14 Datasheet
187Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
logo
Pan Jit International I...
SS14 PANJIT-SS14 Datasheet
66Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS14 DGNJDZ-SS14 Datasheet
255Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Formosa MS
SS14 FORMOSA-SS14 Datasheet
119Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SS14 TSC-SS14 Datasheet
137Kb / 2P
   1.0 AMP. Surface Mount Schottky Barrier Rectifiers
More results

同様の説明 - SS14

メーカー部品番号データシート部品情報
logo
Hi-Sincerity Mocroelect...
HSMA5817 HSMC-HSMA5817 Datasheet
37Kb / 3P
   1.0AMP.SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
S1A LUGUANG-S1A Datasheet
176Kb / 2P
   1.0AMP.Surface Mount Rectifiers
FR1A LUGUANG-FR1A Datasheet
182Kb / 2P
   1.0AMP.Surface Mount Fast Recovery Rectifiers
RS1A LUGUANG-RS1A Datasheet
178Kb / 2P
   1.0AMP.Surface Mount Fast Recovery Rectifiers
logo
Microdiode Electronics ...
LM5817 CHENDA-LM5817 Datasheet
710Kb / 2P
   SCHOTTKY MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com