データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4727A-1N4761A データシート(PDF) 2 Page - Kingtronics International Company

部品番号 1N4727A-1N4761A
部品情報  Silicon Planar Power Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KINGTRONICS [Kingtronics International Company]
ホームページ  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

1N4727A-1N4761A データシート(HTML) 2 Page - Kingtronics International Company

  1N4727A-1N4761A Datasheet HTML 1Page - Kingtronics International Company 1N4727A-1N4761A Datasheet HTML 2Page - Kingtronics International Company 1N4727A-1N4761A Datasheet HTML 3Page - Kingtronics International Company 1N4727A-1N4761A Datasheet HTML 4Page - Kingtronics International Company 1N4727A-1N4761A Datasheet HTML 5Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
2
1N4727A...1N4761A
Characteristics at Ta=25℃
Zener Voltage Range 3)
Dynamic Resistance 1)
Reverse Current
Maximum Surge
Current 4)
Vznom
VZT
at IZT
ZZT
ZZk
at
IZK
IR
at VR
at Ta = 25℃
Maximum Regulator
Current 2)
TYPE
(V)
(V)
(mA)
Max. (Ω)
Max. (Ω)
(mA)
Max.(µA)
(V)
IZSM (mA)
IZM (mA)
1N4727A
3
2.85…3.15
83
10
400
1
150
1
1375
275
1N4728A
3.3
3.13…3.47
76
10
400
1
150
1
1375
275
1N4729A
3.6
3.42…3.78
69
10
400
1
100
1
1260
252
1N4730A
3.9
3.7…4.1
64
9
400
1
100
1
1190
234
1N4731A
4.3
4.08…4.52
58
9
400
1
50
1
1070
217
1N4732A
4.7
4.46…4.94
53
8
500
1
10
1
970
193
1N4733A
5.1
4.84…5.36
49
7
550
1
10
1
890
178
1N4734A
5.6
5.32…5.88
45
5
600
1
10
2
810
162
1N4735A
6.2
5.89…6.51
41
2
700
1
10
3
730
146
1N4736A
6.8
6.46…7.14
37
3.5
700
1
10
4
660
133
1N4737A
7.5
7.12…7.88
34
4
700
0.5
10
5
605
121
1N4738A
8.2
7.79…8.61
31
4.5
700
0.5
10
6
550
110
1N4739A
9.1
8.64…9.56
28
5
700
0.5
10
7
500
100
1N4740A
10
9.5…10.5
25
7
700
0.25
10
7.6
454
91
1N4741A
11
10.45…11.55
23
8
700
0.25
5
8.4
414
83
1N4742A
12
11.4…12.6
21
9
700
0.25
5
9.1
380
76
1N4743A
13
12.35…13.65
19
10
700
0.25
5
9.9
344
69
1N4744A
15
14.25…15.75
17
14
700
0.25
5
11.4
304
61
1N4745A
16
15.2…16.8
15.5
16
700
0.25
5
12.2
285
57
1N4746A
18
17.1…18.9
14
20
750
0.25
5
13.7
250
50
1N4747A
20
19…21
12.5
22
750
0.25
5
15.2
225
45
1N4748A
22
20.9…23.1
11.5
23
750
0.25
5
16.7
205
41
1N4749A
24
22.8…25.2
10.5
25
750
0.25
5
18.2
190
38
1N4750A
27
25.65…28.35
9.5
35
750
0.25
5
20.6
170
34
1N4751A
30
28.5…31.5
8.5
40
1000
0.25
5
22.8
150
30
1N4752A
33
31.35…34.65
7.5
45
1000
0.25
5
25.1
135
27
1N4753A
36
34.2…37.8
7
50
1000
0.25
5
27.4
125
25
1N4754A
39
37.05…40.95
6.5
60
1000
0.25
5
29.7
115
23
1N4755A
43
40.85…45.15
6
70
1500
0.25
5
32.7
110
22
1N4756A
47
44.65…49.35
5.5
80
1500
0.25
5
35.8
95
19
1N4757A
51
48.45…53.55
5
95
1500
0.25
5
38.8
90
18
1N4758A
56
53.2…58.8
4.5
110
2000
0.25
5
42.6
80
16


同様の部品番号 - 1N4727A-1N4761A

メーカー部品番号データシート部品情報
logo
SEMTECH ELECTRONICS LTD...
1N4727A SEMTECH_ELEC-1N4727A Datasheet
302Kb / 4P
   SILICON PLANAR POWER ZENER DIODES
logo
Shenzhen Ping Sheng Ele...
1N4727A PFS-1N4727A Datasheet
390Kb / 4P
   SILICON PLANAR POWER ZENER DIODES
logo
Suntan Capacitors
1N4727A SUNTAN-1N4727A Datasheet
475Kb / 5P
   For use in stabilizing and clipping circuits with high
logo
Nanjing International G...
1N4727A DGNJDZ-1N4727A Datasheet
134Kb / 4P
   Silicon Planar Power Zener Diodes
logo
Zibo Seno Electronic En...
1N4727A ZSELEC-1N4727A Datasheet
202Kb / 4P
   1W Silicon Planar Power Zener Diodes
More results

同様の説明 - 1N4727A-1N4761A

メーカー部品番号データシート部品情報
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Semtech Corporation
BZV85 SEMTECH-BZV85 Datasheet
277Kb / 3P
   SILICON PLANAR POWER ZENER DIODES???
logo
GOOD-ARK Electronics
ZM4728 GOOD-ARK-ZM4728 Datasheet
35Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com