データシートサーチシステム |
|
DLW5BTN501SQ2 データシート(PDF) 6 Page - Murata Manufacturing Co., Ltd. |
|
DLW5BTN501SQ2 データシート(HTML) 6 Page - Murata Manufacturing Co., Ltd. |
6 / 39 page 6 Note: Design Kit Contents are subject to change without notice. G-06-G DESIGN ENGINEERING KITS GENERAL CERAMIC CHIP CAPACITORS 0201 (6.3 to 25 VDC) 0201 (6.3 to 25 VDC) Tight Tolerance I Better Q and low ESR at VHF, UHF and microwave frequencies. I 0201 and 0402 sizes with Copper inner electrode. I Low power consumption, yield ratio improvement due to the better Q or lower ESR. I GJM series is suited to VCO or PA module applications. I GJM series is offered with a Ni barrier termination plated with Matte Tin (Sn), and is RoHS compliant. No. Description Murata Global P/N Qty. 1 0201/C0G/0.20pF/25V GJM0335C1ER20BB01 20 2 0201/C0G/0.30pF/25V GJM0335C1ER30BB01 20 3 0201/C0G/0.40pF/25V GJM0335C1ER40BB01 20 4 0201/C0G/0.50pF/25V GJM0335C1ER50BB01 20 5 0201/C0G/0.60pF/25V GJM0335C1ER60BB01 20 6 0201/C0G/0.70pF/25V GJM0335C1ER70BB01 20 7 0201/C0G/0.80pF/25V GJM0335C1ER80BB01 20 8 0201/C0G/0.90pF/25V GJM0335C1ER90BB01 20 9 0201/C0G/1.0pF/25V GJM0335C1E1R0CB01 20 10 0201/C0G/1.1pF/25V GJM0335C1E1R1CB01 20 11 0201/C0G/1.2pF/25V GJM0335C1E1R2CB01 20 12 0201/C0G/1.3pF/25V GJM0335C1E1R3CB01 20 13 0201/C0G/1.5pF/25V GJM0335C1E1R5CB01 20 14 0201/C0G/1.6pF/25V GJM0335C1E1R6CB01 20 15 0201/C0G/1.8pF/25V GJM0335C1E1R8CB01 20 16 0201/C0G/2.0pF/25V GJM0335C1E2R0CB01 20 17 0201/C0G/2.2pF/25V GJM0335C1E2R2CB01 20 18 0201/C0G/2.4pF/25V GJM0335C1E2R4CB01 20 19 0201/C0G/2.7pF/25V GJM0335C1E2R7CB01 20 20 0201/C0G/3.0pF/25V GJM0335C1E3R0CB01 20 21 0201/C0G/3.3pF/25V GJM0335C1E3R3CB01 20 22 0201/C0G/3.6pF/25V GJM0335C1E3R6CB01 20 23 0201/C0G/3.9pF/25V GJM0335C1E3R9CB01 20 24 0201/C0G/4.0pF/25V GJM0335C1E4R0CB01 20 25 0201/C0G/4.3pF/25V GJM0335C1E4R3CB01 20 26 0201/C0G/4.7pF/25V GJM0335C1E4R7CB01 20 27 0201/C0G/5.0pF/25V GJM0335C1E5R0CB01 20 28 0201/C0G/5.1pF/25V GJM0335C1E5R1DB01 20 29 0201/C0G/5.6pF/25V GJM0335C1E5R6DB01 20 30 0201/C0G/6.0pF/25V GJM0335C1E6R0DB01 20 31 0201/C0G/6.2pF/25V GJM0335C1E6R2DB01 20 32 0201/C0G/6.8pF/25V GJM0335C1E6R8DB01 20 33 0201/C0H/7.0pF/25V GJM0336C1E7R0DB01 20 34 0201/C0H/7.5pF/25V GJM0336C1E7R5DB01 20 35 0201/C0H/8.0pF/25V GJM0336C1E8R0DB01 20 36 0201/C0H/8.2pF/25V GJM0336C1E8R2DB01 20 37 0201/C0H/9.0pF/25V GJM0336C1E9R0DB01 20 38 0201/C0H/9.1pF/25V GJM0336C1E9R1DB01 20 39 0201/C0H/10pF/25V GJM0336C1E100JB01 20 40 0201/C0H/12pF/25V GJM0336C1E120JB01 20 41 0201/C0H/15pF/25V GJM0336C1E150JB01 20 42 0201/C0H/18pF/25V GJM0336C1E180JB01 20 43 0201/C0H/20pF/25V GJM0336C1E200JB01 20 44 0201/C0G/22pF/6.3V GJM0335C0J220JB01 20 45 0201/C0G/27pF/6.3V GJM0335C0J270JB01 20 46 0201/C0G/33pF/6.3V GJM0335C0J330JB01 20 GJM03-KIT– – – – – – – – E I Better Q and low ESR at VHF, UHF and microwave frequencies. I 0201 and 0402 sizes with Copper inner electrode. I Tight tolerance [W] = +/-0.05pF for 5pF & under [B] = +/-0.1pF for under 10pF [C] = +/-0.25pF for under 10pF [F] = +/-1% for 10pF & over [G] = +/-2% for 10pF & over I Low power consumption, yield ratio improvement due to the better Q or lower ESR. I GJM series is suited to VCO or PA module applications. I GJM series is offered with a Ni barrier termination plated with Matte Tin (Sn), and is RoHS compliant. No. Description Murata Global P/N Qty. 1 0201/C0G/0.20pF/25V GJM0335C1ER20WB01 20 2 0201/C0G/0.30pF/25V GJM0335C1ER30WB01 20 3 0201/C0G/0.40pF/25V GJM0335C1ER40WB01 20 4 0201/C0G/0.50pF/25V GJM0335C1ER50WB01 20 5 0201/C0G/0.60pF/25V GJM0335C1ER60WB01 20 6 0201/C0G/0.70pF/25V GJM0335C1ER70WB01 20 7 0201/C0G/0.80pF/25V GJM0335C1ER80WB01 20 8 0201/C0G/0.90pF/25V GJM0335C1ER90WB01 20 9 0201/C0G/1.0pF/25V GJM0335C1E1R0BB01 20 10 0201/C0G/1.1pF/25V GJM0335C1E1R1BB01 20 11 0201/C0G/1.2pF/25V GJM0335C1E1R2BB01 20 12 0201/C0G/1.3pF/25V GJM0335C1E1R3BB01 20 13 0201/C0G/1.5pF/25V GJM0335C1E1R5BB01 20 14 0201/C0G/1.6pF/25V GJM0335C1E1R6BB01 20 15 0201/C0G/1.8pF/25V GJM0335C1E1R8BB01 20 16 0201/C0G/2.0pF/25V GJM0335C1E2R0BB01 20 17 0201/C0G/2.2pF/25V GJM0335C1E2R2BB01 20 18 0201/C0G/2.4pF/25V GJM0335C1E2R4BB01 20 19 0201/C0G/2.7pF/25V GJM0335C1E2R7BB01 20 20 0201/C0G/3.0pF/25V GJM0335C1E3R0BB01 20 21 0201/C0G/3.3pF/25V GJM0335C1E3R3BB01 20 22 0201/C0G/3.6pF/25V GJM0335C1E3R6BB01 20 23 0201/C0G/3.9pF/25V GJM0335C1E3R9BB01 20 24 0201/C0G/4.0pF/25V GJM0335C1E4R0BB01 20 25 0201/C0G/4.3pF/25V GJM0335C1E4R3BB01 20 26 0201/C0G/4.7pF/25V GJM0335C1E4R7BB01 20 27 0201/C0G/5.0pF/25V GJM0335C1E5R0BB01 20 28 0201/C0G/5.1pF/25V GJM0335C1E5R1CB01 20 29 0201/C0G/5.6pF/25V GJM0335C1E5R6CB01 20 30 0201/C0G/6.0pF/25V GJM0335C1E6R0CB01 20 31 0201/C0G/6.2pF/25V GJM0335C1E6R2CB01 20 32 0201/C0G/6.8pF/25V GJM0335C1E6R8CB01 20 33 0201/C0H/7.0pF/25V GJM0336C1E7R0CB01 20 34 0201/C0H/7.5pF/25V GJM0336C1E7R5CB01 20 35 0201/C0H/8.0pF/25V GJM0336C1E8R0CB01 20 36 0201/C0H/8.2pF/25V GJM0336C1E8R2CB01 20 37 0201/C0H/9.0pF/25V GJM0336C1E9R0CB01 20 38 0201/C0H/9.1pF/25V GJM0336C1E9R1CB01 20 39 0201/C0H/10pF/25V GJM0336C1E100GB01 20 40 0201/C0H/12pF/25V GJM0336C1E120GB01 20 41 0201/C0H/15pF/25V GJM0336C1E150GB01 20 42 0201/C0H/18pF/25V GJM0336C1E180GB01 20 43 0201/C0H/20pF/25V GJM0336C1E200GB01 20 44 0201/C0G/22pF/6.3V GJM0335C0J220GB01 20 45 0201/C0G/27pF/6.3V GJM0335C0J270GB01 20 46 0201/C0G/33pF/6.3V GJM0335C0J330GB01 20 GJM03-KIT- T T O L – – – E NOTE: For Ceramic Chip Capacitors, dashes are part of the part number and must be included when placing an order. |
同様の部品番号 - DLW5BTN501SQ2 |
|
同様の説明 - DLW5BTN501SQ2 |