データシートサーチシステム |
|
DLW5BTN102SQ2 データシート(PDF) 5 Page - Murata Manufacturing Co., Ltd. |
|
DLW5BTN102SQ2 データシート(HTML) 5 Page - Murata Manufacturing Co., Ltd. |
5 / 39 page G-06-G Note: Design Kit Contents are subject to change without notice. 5 DESIGN ENGINEERING KITS No. Description Murata Global P/N Qty. 1 01005/C0G/0.20pF/16V GRM0225C1CR20BD05 20 2 01005/C0G/0.30pF/16V GRM0225C1CR30BD05 20 3 01005/C0G/0.40pF/16V GRM0225C1CR40BD05 20 4 01005/C0G/0.50pF/16V GRM0225C1CR50BD05 20 5 01005/C0G/0.60pF/16V GRM0225C1CR60BD05 20 6 01005/C0G/0.70pF/16V GRM0225C1CR70BD05 20 7 01005/C0G/0.80pF/16V GRM0225C1CR80BD05 20 8 01005/C0G/0.90pF/16V GRM0225C1CR90BD05 20 9 01005/C0G/1.0pF/16V GRM0225C1C1R0CD05 20 10 01005/C0G/1.2pF/16V GRM0225C1C1R2CD05 20 11 01005/C0G/1.5pF/16V GRM0225C1C1R5CD05 20 12 01005/C0G/1.8pF/16V GRM0225C1C1R8CD05 20 13 01005/C0G/2.0pF/16V GRM0225C1C2R0CD05 20 14 01005/C0G/2.2pF/16V GRM0225C1C2R2CD05 20 15 01005/C0G/2.7pF/16V GRM0225C1C2R7CD05 20 16 01005/C0G/3.0pF/16V GRM0225C1C3R0CD05 20 17 01005/C0G/3.3pF/16V GRM0225C1C3R3CD05 20 18 01005/C0G/3.9pF/16V GRM0225C1C3R9CD05 20 19 01005/C0G/4.0pF/16V GRM0225C1C4R0CD05 20 20 01005/C0G/4.7pF/16V GRM0225C1C4R7CD05 20 21 01005/C0G/5.0pF/16V GRM0225C1C5R0CD05 20 22 01005/C0G/5.6pF/16V GRM0225C1C5R6DD05 20 23 01005/C0G/6.0pF/16V GRM0225C1C6R0DD05 20 24 01005/C0G/6.8pF/16V GRM0225C1C6R8DD05 20 25 01005/C0G/7.0pF/16V GRM0225C1C7R0DD05 20 26 01005/C0G/8.0pF/16V GRM0225C1C8R0DD05 20 27 01005/C0G/8.2pF/16V GRM0225C1C8R2DD05 20 28 01005/C0G/9.0pF/16V GRM0225C1C9R0DD05 20 29 01005/C0G/10pF/16V GRM0225C1C100JD05 20 30 01005/C0G/12pF/16V GRM0225C1C120JD05 20 31 01005/C0G/15pF/16V GRM0225C1C150JD05 20 32 01005/C0G/18pF/16V GRM0225C1C180JD05 20 33 01005/C0G/22pF/16V GRM0225C1C220JD05 20 34 01005/C0G/27pF/16V GRM0225C1C270JD05 20 35 01005/C0G/33pF/16V GRM0225C1C330JD05 20 36 01005/C0G/39pF/16V GRM0225C1C390JD05 20 37 01005/C0G/47pF/16V GRM0225C1C470JD05 20 38 01005/C0G/56pF/6.3V GRM0225C0J560JD05 20 39 01005/C0G/68pF/6.3V GRM0225C0J680JD05 20 40 01005/C0G/82pF/6.3V GRM0225C0J820JD05 20 41 01005/C0G/100pF/6.3V GRM0225C0J101JD05 20 42 01005/X7R/101pF/10V GRM022R71A101KA01 20 43 01005/X7R/151pF/10V GRM022R71A151KA01 20 44 01005/X7R/221pF/10V GRM022R71A221KA01 20 45 01005/X7R/331pF/10V GRM022R71A331KA01 20 46 01005/X7R/471pF/10V GRM022R71A471KA01 20 47 01005/X5R/680pF/6.3V GRM022R60J681KE19 20 48 01005/X5R/1000pF/6.3V GRM022R60J102KE19 20 49 01005/X5R/1500pF/6.3V GRM022R60J152KE19 20 50 01005/X5R/2200pF/6.3V GRM022R60J222KE19 20 51 01005/X5R/3300pF/6.3V GRM022R60J332KE19 20 52 01005/X5R/4700pF/6.3V GRM022R60J472KE19 20 53 01005/X5R/6800pF/6.3V GRM022R60J682KE19 20 54 01005/X5R/10000pF/6.3V GRM022R60J103KE19 20 GENERAL CERAMIC CHIP CAPACITORS 01005 (6.3 to 16 VDC) 0201 (4 to 25 VDC) I ULTRA Small chip size, 01005 (L: 0.4 x W: 0.2 x T: 0.2mm). I Temperature characteristics: C0G, X7R and X5R I No polarity I GRM022 series is suited to only reflow soldering. I GRM series is offered with a Ni barrier termination plated with Matte Tin (Sn), and is RoHS compliant. I Stringent dimensional tolerances allow highly reliable, high-speed automatic chip placement on PCBs. I GRM022 series is suited to miniature microwave module, portable equipment and high-frequency circuit. GRM02-KIT– – – – – – – – E I VERY Small chip size, 0201 (L: 0.6 x W: 0.3 x T: 0.3mm). I Temperature characteristics: C0G, U2J, X7R, X6S and X5R I No polarity I GRM033 series is suited to only reflow soldering. I GRM series is offered with a Ni barrier termination plated with Matte Tin (Sn), and is RoHS compliant. I Stringent dimensional tolerances allow highly reliable, high-speed automatic chip placement on PCBs. I GRM033 series is suited to miniature microwave module, portable equipment and high-frequency circuit. No. Description Murata Global P/N Qty. 1 0201/C0G/0.50pF/25V GRM0335C1ER50BZ01 20 2 0201/C0G/1.0pF/25V GRM0335C1E1R0CD01 20 3 0201/C0G/1.2pF/25V GRM0335C1E1R2CD01 20 4 0201/C0G/1.5pF/25V GRM0335C1E1R5CD01 20 5 0201/C0G/1.8pF/25V GRM0335C1E1R8CD01 20 6 0201/C0G/2.0pF/25V GRM0335C1E2R0CD01 20 7 0201/C0G/2.2pF/25V GRM0335C1E2R2CD01 20 8 0201/C0G/2.7pF/25V GRM0335C1E2R7CD01 20 9 0201/C0G/3.0pF/25V GRM0335C1E3R0CD01 20 10 0201/C0G/3.3pF/25V GRM0335C1E3R3CD01 20 11 0201/C0G/3.9pF/25V GRM0335C1E3R9CD01 20 12 0201/C0G/4.0pF/25V GRM0335C1E4R0CD01 20 13 0201/C0G/4.7pF/25V GRM0335C1E4R7CD01 20 14 0201/C0G/5.0pF/25V GRM0335C1E5R0CD01 20 15 0201/C0G/5.6pF/25V GRM0335C1E5R6DD01 20 16 0201/C0G/6.0pF/25V GRM0335C1E6R0DD01 20 17 0201/C0G/6.8pF/25V GRM0335C1E6R8DD01 20 18 0201/C0G/7.0pF/25V GRM0335C1E7R0DD01 20 19 0201/C0G/8.0pF/25V GRM0335C1E8R0DD01 20 20 0201/C0G/8.2pF/25V GRM0335C1E8R2DD01 20 21 0201/C0G/9.0pF/25V GRM0335C1E9R0DD01 20 22 0201/C0G/10pF/25V GRM0335C1E100JD01 20 23 0201/C0G/12pF/25V GRM0335C1E120JD01 20 24 0201/C0G/15pF/25V GRM0335C1E150JD01 20 25 0201/C0G/18pF/25V GRM0335C1E180JD01 20 26 0201/C0G/22pF/25V GRM0335C1E220JD01 20 27 0201/C0G/27pF/25V GRM0335C1E270JD01 20 28 0201/C0G/33pF/25V GRM0335C1E330JD01 20 29 0201/C0G/39pF/25V GRM0335C1E390JD01 20 30 0201/C0G/47pF/25V GRM0335C1E470JD01 20 31 0201/C0G/56pF/25V GRM0335C1E560JD01 20 32 0201/C0G/68pF/25V GRM0335C1E680JD01 20 33 0201/C0G/82pF/25V GRM0335C1E820JD01 20 34 0201/C0G/100pF/25V GRM0335C1E101JD01 20 35 0201/X7R/100pF/25V GRM033R71E101KA01 20 36 0201/X7R/150pF/25V GRM033R71E151KA01 20 37 0201/X7R/220pF/25V GRM033R71E221KA01 20 38 0201/X7R/330pF/25V GRM033R71E331KA01 20 39 0201/X7R/470pF/25V GRM033R71E471KA01 20 40 0201/X7R/680pF/25V GRM033R71E681KA01 20 41 0201/X7R/1000pF/25V GRM033R71E102KA01 20 42 0201/X5R/1500pF/10V GRM033R61A152KA01 20 43 0201/X5R/2200pF/10V GRM033R61A222KA01 20 44 0201/X5R/3300pF/10V GRM033R61A332KA01 20 45 0201/X5R/4700pF/10V GRM033R61A472KA01 20 46 0201/X5R/6800pF/10V GRM033R61A682KA01 20 47 0201/X5R/10000pF/10V GRM033R61A103KA01 20 48 0201/X5R/22000pF/6.3V GRM033R60J223KE01 20 49 0201/X5R/33000pF/6.3V GRM033R60J333KE01 20 50 0201/X5R/47000pF/6.3V GRM033R60J473KE19 20 51 0201/X5R/0.1uF/6.3V GRM033R60J104KE19 20 52 0201/X5R/0.22uF/4V GRM033R60J224ME15 20 GRM03-KIT– – – – – – – – E NOTE: For Ceramic Chip Capacitors, dashes are part of the part number and must be included when placing an order. |
同様の部品番号 - DLW5BTN102SQ2 |
|
同様の説明 - DLW5BTN102SQ2 |