データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-4661 データシート(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HCPL-4661
部品情報  High CMR Line Receiver Optocouplers Isolated line receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-4661 データシート(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-4661 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-4661 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-4661 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-4661 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-4661 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-4661 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-4661 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-4661 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-4661 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to
prevent damage and/or degradation which may be induced by ESD.
Description
The HCPL-2602/12 are optically coupled line receivers
that combine a GaAsP light emitting diode, an input
current regulator and an integrated high gain photo
detector. The input regulator serves as a line
termination for line receiver applications. It clamps
the line voltage and regulates the LED current so line
reflections do not interfere with circuit performance.
The regulator allows a typical LED current of 8.5 mA
before it starts to shunt excess current. The output
of the detector IC is an open collector Schottky clamped
transistor. An enable input gates the detector. The
internal detector shield provides a guaranteed
common mode transient immunity specification of
1000 V/ms for the 2602, and 3500 V/ms for the 2612.
DC specifications are defined similar to TTL logic.
The optocoupler ac and dc operational parameters
are guaranteed from 0
°C to 70°C allowing trouble-
free interfacing with digital logic circuits. An input
current of 5 mA will sink an eight gate fan-out (TTL)
at the output.
HCPL-2602, HCPL-2612
High CMR Line Receiver Optocouplers
Data Sheet
Features
• 1000 V/
µs minimum Common Mode Rejection (CMR) at
VCM = 50 V for HCPL-2602 and 3.5 kV/µs minimum
CMR at VCM = 300 V for HCPL-2612
• Line termination included – no extra circuitry required
• Accepts a broad range of drive conditions
• LED protection minimizes LED efficiency degradation
• High speed: 10 MBd (limited by transmission line in
many applications)
• Guaranteed AC and DC performance over temperature:
0
°C to 70°C
• External base lead allows “LED peaking” and LED
current adjustment
• Safety approval
UL recognized – 3750 V rms for 1 Minute
CSA approved
• MIL-PRF-38534 hermetic version available (HCPL-1930/1)
Applications
• Isolated line receiver
• Computer-peripheral interface
• Microprocessor system interface
• Digital isolation for A/D, D/A conversion
• Current sensing
• Instrument input/output isolation
• Ground loop elimination
• Pulse transformer replacement
• Power transistor isolation in motor drives
Functional Diagram
A 0.1
µF bypass capacitor must be connected between pins 5 and 8.
1
2
3
4
8
7
6
5
IN–
IN+
GND
V
VCC
O
VE
NC
CATHODE
LED
ON
OFF
ON
OFF
ON
OFF
ENABLE
H
H
L
L
NC
NC
OUTPUT
L
H
H
H
L
H
TRUTH TABLE
(POSITIVE LOGIC)
SHIELD


同様の部品番号 - HCPL-4661

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-4661 HP-HCPL-4661 Datasheet
256Kb / 20P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-4661 HP-HCPL-4661 Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
HCPL-4661 HP-HCPL-4661 Datasheet
252Kb / 16P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-4661 HP-HCPL-4661 Datasheet
162Kb / 10P
   Dual Channel, High CMR, High Speed, TTL Compatible Optocouplers 8 Pin DIP and SOIC-8
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4661 AVAGO-HCPL-4661 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
More results

同様の説明 - HCPL-4661

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-2602 HP-HCPL-2602 Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2602-300E AVAGO-HCPL-2602-300E Datasheet
469Kb / 16P
   High CMR Line Receiver Optocouplers
logo
Toshiba Semiconductor
TLP2631 TOSHIBA-TLP2631_07 Datasheet
202Kb / 8P
   Isolated Line Receiver
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7601 AVAGO-HCPL-7601 Datasheet
184Kb / 13P
   Isolated line receiver
logo
Toshiba Semiconductor
TLP2200 TOSHIBA-TLP2200 Datasheet
340Kb / 7P
   isolated buss driver high speed line receiver
logo
Agilent(Hewlett-Packard...
HCPL-1930 HP-HCPL-1930 Datasheet
229Kb / 12P
   Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
logo
Toshiba Semiconductor
TLP113 TOSHIBA-TLP113_07 Datasheet
207Kb / 8P
   Photo−IC Isolated Line Receiver
TLP2200 TOSHIBA-TLP2200_07 Datasheet
195Kb / 7P
   High Speed Line Receiver
TLP113TPRF TOSHIBA-TLP113TPRF Datasheet
204Kb / 8P
   Isolated Line Receiver Simplex / Multiplex Data Transmission
logo
Texas Instruments
SN75154 TI-SN75154 Datasheet
145Kb / 9P
[Old version datasheet]   QUADRUPLE LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com