データシートサーチシステム |
|
HLMP-CB31-NRG00 データシート(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED |
|
HLMP-CB31-NRG00 データシート(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED |
6 / 11 page 6 Absolute Maximum Ratings at TA= 25°C Parameter Value Units DC Forward Current [1] 30 mA Peak Forward Current 100 mA Power Dissipation Blue Green / Cyan 111 117 mW Reverse Voltage (IR= 100 µA) 5 V LED Junction Temperature 130 °C Operating Temperature Range -40 to +80 °C Storage Temperature Range -40 to +100 °C Note: 1. Derate linearly as shown in Figure 4 for temperatures above 50°C. 2. Duty Factor 10%, 1kHz Electrical/Optical Characteristics at TA = 25°C Parameter Symbol Min. Typ. Max. Units Test Conditions Forward Voltage Blue Green / Cyan VF 3. 3. 3.7 3.9 V IF= 0 mA Reverse Voltage VR 5 IR = 100 µA Peak Wavelength Blue (λd = 47 nm) Green (λd = 56 nm) Cyan (λd = 505 nm) lpeak 470 54 50 nm Peak of Wavelength of Spectral Distribution at IF = 0 mA Spectral Halfwidth Blue (λd = 47 nm) Green (λd = 56 nm) Cyan (λd = 505 nm) Dl1/ 35 47 35 nm Wavelength Width at Spectral Power Point at IF = 0 mA Capacitance Blue/ Green Cyan C 43 40 pF VF = 0, F = 1 MHz Luminous Efficacy Blue (λd = 47 nm) Green (λd = 56 nm) Cyan (λd = 505 nm) ηv 75 50 350 lm/W Emitted Luminous Power/Emitted Radiant Power Thermal Resistance RqJ-PIN 40 °C/W LED Junction-to-Cathode Lead Notes: 1. The dominant wavelength, ld, is derived from the CIE Chromaticity Diagram and represents the perceived color of the device. 2. The radiant intensity, le in watts per steradian, may be found from the equation le = IV/hV, where Iv is the luminous intensity in candelas and hV is the luminous efficacy in lumens/watt. |
同様の部品番号 - HLMP-CB31-NRG00 |
|
同様の説明 - HLMP-CB31-NRG00 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |