データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-C225 データシート(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HLMP-C225
部品情報  T-13/4 (5 mm) AlInGaP Lamps Popular 5 mm diameter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-C225 データシート(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-C225 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-C225 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-C225 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-C225 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-C225 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-C225 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-C225 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-C225 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-C225 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Figure 1. Relative intensity vs. wavelength.
Figure 2. Maximum tolerable peak current vs. pulse duration.
Figure 3. Forward current vs. forward voltage.
Figure 4. Relative luminous intensity vs. forward current.
1.0
10,000
6
1
tp – PULSE DURATION – µs
1000
5
3
100
10
4
2
1.0
0
VF – FORWARD VOLTAGE – V
50
40
30
10
2.0
3.0
60
1.5
2.5
20
RED
AMBER
0
0
IF – DC FORWARD CURRENT – mA
2.5
2.0
1.5
0.5
60
3.0
20
40
1.0
WAVELENGTH – nm
550
600
650
700
1.0
0.5
0
C208
C225
C325
C008
C025
C027
C608
C625
C627
C610
Figure 5. Maximum forward DC current vs. ambient temperature.
0
0
AMBIENT TEMPERATURE (°C)
40
120
60
20
40
20
60
80
100
R
θJ-A = 780°C/W


同様の部品番号 - HLMP-C225

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HLMP-C225 HP-HLMP-C225 Datasheet
95Kb / 8P
   AlInGaP LED LAMP
HLMP-C225-O0000 HP-HLMP-C225-O0000 Datasheet
95Kb / 8P
   AlInGaP LED LAMP
More results

同様の説明 - HLMP-C225

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-3301 BOARDCOM-HLMP-3301 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-331X HP-HLMP-331X Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
HLMP-335X HP-HLMP-335X Datasheet
186Kb / 7P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
Broadcom Corporation.
HLMP-3351 BOARDCOM-HLMP-3351 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com