データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LQP03TN5N6H00 データシート(PDF) 20 Page - Murata Manufacturing Co., Ltd.

部品番号 LQP03TN5N6H00
部品情報  DESIGN ENGINEERING KITS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MURATA [Murata Manufacturing Co., Ltd.]
ホームページ  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQP03TN5N6H00 データシート(HTML) 20 Page - Murata Manufacturing Co., Ltd.

Back Button LQP03TN5N6H00 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. LQP03TN5N6H00 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. LQP03TN5N6H00 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. LQP03TN5N6H00 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. LQP03TN5N6H00 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. LQP03TN5N6H00 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. LQP03TN5N6H00 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. LQP03TN5N6H00 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. LQP03TN5N6H00 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
20
Note: Design Kit Contents are subject to change without notice.
G-06-G
DESIGN ENGINEERING KITS
CERAMIC CHIP CAPACITORS
Automotive Grade 0402 (16 to 50 VDC)
No.
Description
Murata Global P/N
Qty.
48
0402/X7R/47000pF/25V
GCM155R71E473KA55
20
49
0402/X7R/68000pF/16V
GCM155R71C683KA55
20
50
0402/X7R/0.1uF/16V
GCM155R71C104KA55
20
GCM15-KIT– – – – – – – – A continued
I
GCM series is for power-train and automotive safety equipment.
GRM series is available for other automotive equipment such as
comfort, security, information and entertainment.
I
GCM series meets AEC-Q200 requirements.
I
GCM series is offered with a Ni barrier termination plated with
Matte Tin (Sn), and is RoHS compliant.
I
No polarity
I
Stringent dimensional tolerances allow highly reliable, high speed
automatic chip placement on PCBs.
I
GCM ultra small series is suitable for TPMS or RKE applications.
No.
Description
Murata Global P/N
Qty.
1
0402/C0G/1.0pF/50V
GCM1555C1H1R0CZ13
20
2
0402/C0G/2.0pF/50V
GCM1555C1H2R0CZ13
20
3
0402/C0G/3.0pF/50V
GCM1555C1H3R0CZ13
20
4
0402/C0G/4.0pF/50V
GCM1555C1H4R0CZ13
20
5
0402/C0G/5.0pF/50V
GCM1555C1H5R0CZ13
20
6
0402/C0G/6.0pF/50V
GCM1555C1H6R0DZ13
20
7
0402/C0G/7.0pF/50V
GCM1555C1H7R0DZ13
20
8
0402/C0G/8.0pF/50V
GCM1555C1H8R0DZ13
20
9
0402/C0G/9.0pF/50V
GCM1555C1H9R0DZ13
20
10
0402/C0G/10pF/50V
GCM1555C1H100JZ13
20
11
0402/C0G/12pF/50V
GCM1555C1H120JZ13
20
12
0402/C0G/15pF/50V
GCM1555C1H150JZ13
20
13
0402/C0G/18pF/50V
GCM1555C1H180JZ13
20
14
0402/C0G/22pF/50V
GCM1555C1H220JZ13
20
15
0402/C0G/27pF/50V
GCM1555C1H270JZ13
20
16
0402/C0G/33pF/50V
GCM1555C1H330JZ13
20
17
0402/C0G/39pF/50V
GCM1555C1H390JZ13
20
18
0402/C0G/47pF/50V
GCM1555C1H470JZ13
20
19
0402/C0G/56pF/50V
GCM1555C1H560JZ13
20
20
0402/C0G/68pF/50V
GCM1555C1H680JZ13
20
21
0402/C0G/82pF/50V
GCM1555C1H820JZ13
20
22
0402/C0G/100pF/50V
GCM1555C1H101JZ13
20
23
0402/C0G/120pF/50V
GCM1555C1H121JA16
20
24
0402/C0G/150pF/50V
GCM1555C1H151JA16
20
25
0402/C0G/180pF/50V
GCM1555C1H181JA16
20
26
0402/C0G/220pF/50V
GCM1555C1H221JA16
20
27
0402/C0G/270pF/50V
GCM1555C1H271JA16
20
28
0402/C0G/330pF/50V
GCM1555C1H331JA16
20
29
0402/C0G/390pF/50V
GCM1555C1H391JA16
20
30
0402/C0G/470pF/50V
GCM1555C1H471JA16
20
31
0402/X7R/220pF/50V
GCM155R71H221KA37
20
32
0402/X7R/330pF/50V
GCM155R71H331KA37
20
33
0402/X7R/470pF/50V
GCM155R71H471KA37
20
34
0402/X7R/680pF/50V
GCM155R71H681KA37
20
35
0402/X7R/1000pF/50V
GCM155R71H102KA37
20
36
0402/X7R/1500pF/50V
GCM155R71H152KA37
20
37
0402/X7R/2200pF/50V
GCM155R71H222KA37
20
38
0402/X7R/3300pF/50V
GCM155R71H332KA37
20
39
0402/X7R/4700pF/50V
GCM155R71H472KA37
20
40
0402/X7R/6800pF/50V
GCM155R71H682KA55
20
41
0402/X7R/10000pF/50V
GCM155R71H103KA55
20
42
0402/X7R/10000pF/25V
GCM155R71E103KA37
20
43
0402/X7R/15000pF/50V
GCM155R71H153KA55
20
44
0402/X7R/15000pF/25V
GCM155R71E153KA55
20
45
0402/X7R/22000pF/50V
GCM155R71H223KA55
20
46
0402/X7R/22000pF/25V
GCM155R71E223KA55
20
47
0402/X7R/33000pF/25V
GCM155R71E333KA55
20
GCM15-KIT– – – – – – – – A
NOTE: For Ceramic Chip Capacitors, dashes are part of
the part number and must be included when placing
an order.


同様の部品番号 - LQP03TN5N6H00

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
LQP03TN5N6H02 MURATA-LQP03TN5N6H02 Datasheet
94Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Film Type
LQP03TN5N6H02D MURATA-LQP03TN5N6H02D Datasheet
94Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Film Type
More results

同様の説明 - LQP03TN5N6H00

メーカー部品番号データシート部品情報
logo
TRIAD MAGNETICS
CST306K TRIAD-CST306K Datasheet
76Kb / 1P
   Engineering Development/Design Sample Kits
logo
Johanson Technology Inc...
S-0603 JOHANSON-S-0603 Datasheet
61Kb / 2P
   CERAMIC CAPACITOR ENGINEERING DESIGN KITS
logo
TRIAD MAGNETICS
CME375K TRIAD-CME375K Datasheet
82Kb / 1P
   Engineering Development/Design Sample Kits
CST206K TRIAD-CST206K Datasheet
77Kb / 1P
   Engineering Development/Design Sample Kits
CMT908K TRIAD-CMT908K Datasheet
83Kb / 1P
   Engineering Development/Design Sample Kits
CME2425K TRIAD-CME2425K Datasheet
81Kb / 1P
   Engineering Development/Design Sample Kits
GDE25K TRIAD-GDE25K Datasheet
83Kb / 1P
   Engineering Development/Design Sample Kits
logo
Kemet Corporation
T495C107M006ATE150 KEMET-T495C107M006ATE150 Datasheet
132Kb / 2P
   Tantalum Chip Engineering Kits
logo
EAO AG.
2002940001 EAO-2002940001 Datasheet
1Mb / 9P
   S09 outdoor Design-In Kits
Rev. 01
logo
Bourns Electronic Solut...
H-1203 BOURNS-H-1203 Datasheet
87Kb / 2P
   New Bourns Amplifi er Potentiometer Design Kits Released
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com