データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-CM15-WXBDD データシート(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HLMP-CM15-WXBDD
部品情報  T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CM15-WXBDD データシート(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-CM15-WXBDD Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM15-WXBDD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM15-WXBDD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM15-WXBDD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM15-WXBDD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM15-WXBDD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM15-WXBDD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM15-WXBDD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM15-WXBDD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Part Numbering System
HLMP - X X XX - X X X XX
Mechanical Options
00: Bulk
DD: Ammo Pack
YY: Flexi bin, Bulk
ZZ: Flexi bin, Ammo Pack
Color Bin Selection
0: Full color range
A: Color bin 1 & 2 only
B: Color bin 2 & 3 only
C: Color bin 3 & 4 only
G: Color bin 2, 3 & 4 only
Q: Color bin 7 & 8 only
Maximum Intensity Bin
0: No maximum Iv bin limit
Others: Refer to Intensity Bin Limit Table
Minimum Intensity Bin
Refer to Device Selection Guide
Viewing Angle and Standoff Options
15: 15 degree without standoff
16: 15 degree with standoff
23: 23 degree without standoff
24: 23 degree with standoff
30: 30 degree without standoff
31: 30 degree with standoff
Color
B: Blue
M: Green
E: Cyan
Package
C: T-1 3/4 (5 mm) round lamp


同様の部品番号 - HLMP-CM15-WXBDD

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CM15-WXBXX AVAGO-HLMP-CM15-WXBXX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
More results

同様の説明 - HLMP-CM15-WXBDD

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM30-M0000 AVAGO-HLMP-CM30-M0000 Datasheet
306Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM15-S0000 AVAGO-HLMP-CM15-S0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB15 HP-HLMP-CB15 Datasheet
213Kb / 4P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Blue and Green LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com