データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVX3245QSC データシート(PDF) 7 Page - Fairchild Semiconductor

部品番号 74LVX3245QSC
部品情報  8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX3245QSC データシート(HTML) 7 Page - Fairchild Semiconductor

  74LVX3245QSC Datasheet HTML 1Page - Fairchild Semiconductor 74LVX3245QSC Datasheet HTML 2Page - Fairchild Semiconductor 74LVX3245QSC Datasheet HTML 3Page - Fairchild Semiconductor 74LVX3245QSC Datasheet HTML 4Page - Fairchild Semiconductor 74LVX3245QSC Datasheet HTML 5Page - Fairchild Semiconductor 74LVX3245QSC Datasheet HTML 6Page - Fairchild Semiconductor 74LVX3245QSC Datasheet HTML 7Page - Fairchild Semiconductor 74LVX3245QSC Datasheet HTML 8Page - Fairchild Semiconductor 74LVX3245QSC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
.635
D . DIM ENSIO NS ARE EXC LU SIVE O F BU RR S,
M O LD FLASH , AND TIE BAR EXTRUSIO NS
C. DRAW IN G CO NFO RM S TO
ASM E Y14.5M -1994
B. ALL DIM ENSIO NS AR E IN M ILLIM ETERS
A. TH IS PAC KAG E C O N FO R M S TO
JEDEC M 0-137 VARIATIO N AE
NO TES :
SID E VIEW
TO P VIEW
SEATING PLANE
GAGE PLAN E
DETAIL A
EN D VIEW
LAN D PA TTERN
RECO M M ENDATIO N
1
1
12
13
24
24
13
12
3.99
3.84
6
2X 12 TIPS
0.635
1.49
1.39
1.73 M AX
0.10
A-B
0.10
A-B
0.20
C
0.161
0.061
A
B
0.178
C A-B D
24X 0.3
0.2
0.203
0.101
E. LAN D PATTER N STAN D AR D : SO P63P600X175-24M
F. D R AW IN G FILE N AME: MKT-MQ A24REV2
5.60
1.75
0.4
8.74
8.59
0.71
0.61
45°
0.61
0.71
R 0.008
0 M IN
0.254
(0.695)
7
www.fairchildsemi.com
24-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150" Wide
Package drawings are provided as a service to customers considering Fairchild components. Drawings
may change in any manner without notice. Please note the revision and/or date on the drawing and con-
tact a Fairchild Semiconductor representative to verify or obtain the most recent revision. Package specifi-
cations do not expand the terms of Fairchild’s worldwide terms and conditions,
specifically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.


同様の部品番号 - 74LVX3245QSC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LVX3245QSC FAIRCHILD-74LVX3245QSC Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245QSC FAIRCHILD-74LVX3245QSC Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
ON Semiconductor
74LVX3245QSC ONSEMI-74LVX3245QSC Datasheet
389Kb / 12P
   8-Bit, Dual-Supply Translating Transceiver
April 2016 Rev. 1.6
74LVX3245QSCX ONSEMI-74LVX3245QSCX Datasheet
389Kb / 12P
   8-Bit, Dual-Supply Translating Transceiver
April 2016 Rev. 1.6
logo
Fairchild Semiconductor
74LVX3245QSC FAIRCHILD-74LVX3245QSC_10 Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
More results

同様の説明 - 74LVX3245QSC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245_10 Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
National Semiconductor ...
54LVX4245 NSC-54LVX4245 Datasheet
118Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
74LVX4245 NSC-74LVX4245 Datasheet
142Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
54LVX3245 NSC-54LVX3245 Datasheet
114Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
54LVX4245_993 NSC-54LVX4245_993 Datasheet
120Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
logo
Nexperia B.V. All right...
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
   8-bit dual supply translating transceiver; 3-state
74LVC8T245 NEXPERIA-74LVC8T245 Datasheet
831Kb / 28P
   8-bit dual supply translating transceiver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com