データシートサーチシステム |
|
HLMP-CM30-UVADD データシート(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED |
|
HLMP-CM30-UVADD データシート(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED |
1 / 11 page HLMP-Cxxx T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps Data Sheet HLMP-CB15, HLMP-CB16, HLMP-CB30, HLMP-CB31, HLMP-CM15, HLMP-CM16, HLMP-CM30, HLMP-CM31, HLMP-CE15, HLMP-CE16, HLMP-CE23, HLMP-CE24, HLMP-CE30, HLMP-CE31 Description These high intensity blue, green and cyan LEDs are based on InGaN material technology. InGaN is the most efficient and cost effective material for LEDs in the blue and green region of the spectrum. The 472 nm typical dominant wavelength for blue and 526 nm typical dominant wave- length for green are well suited to color mixing in full color signs. The 505 nm typical dominant wavelength matches international specifications for green traffic signals. These LED lamps are untinted, nondiffused, T- 13/4 packages incorporating second generation optics which produce well defined spatial radiation patterns at specific viewing cone angles. These lamps are made with an advanced optical grade epoxy, offering superior high temperature and high moisture resistance perfor- mance in outdoor signal and sign applications. The high maximum LED junction temperature limit of +130°C enables high temperature operation in bright sunlight conditions. The package epoxy contains both UV-A and UV-B inhibitors to reduce the effects of long term exposure to direct sunlight. These lamps are available in two viewing angle for Green and Blue, and 3 viewing angles options for Cyan to give the designer flexibility with optical design. Features • Well defined spatial radiation pattern • Viewing angles: 15° , 23º and 30° • High luminous output • Colors: 472 nm Blue, 526 nm Green, 505 nm Cyan • Superior resistance to moisture • UV resistant epoxy Benefits • Superior performance in outdoor environments • Wavelengths suitable for color mixing in full color (RGB) signs Applications • Commercial outdoor signs • Automotive interior lights • Front panel indicators • Front panel backlighting CAUTION: HLMP-CBxx, HLMP-CMxx and HLMP-CExx LEDs are Class 1C ESD sensitive. Please observe appropriate precautions during handling and processing. Refer to Avago Application Note AN-1142 for additional details. |
同様の部品番号 - HLMP-CM30-UVADD |
|
同様の説明 - HLMP-CM30-UVADD |