データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-0700-500E データシート(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HCPL-0700-500E
部品情報  Low Input Current, High Gain Optocouplers Low input current requirements ??0.5 mA
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0700-500E データシート(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-0700-500E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-0700-500E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-0700-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-0700-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-0700-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0700-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0700-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0700-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0700-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Schematic
Ordering Information
6N138, 6N139, HCPL-0700 and HCPL-0701 are UL Recognized with 3750 Vrms for 1 minute per UL1577 and are ap-
proved under CSA Component Acceptance Notice #5, File CA 88324.
Part
Number
Option
Package
Surface
Mount
Gull
Wing
Tape
& Reel
UL 5000 Vrms/
1 Minute
rating
IEC/EN/DIN
EN 60747-5-2 Quantity
RoHS
Compliant
non RoHS
Compliant
6N138
6N139
-000E
no option
300 mil
DIP-8
50 per tube
-300E
#300
X
X
50 per tube
-500E
#500
X
X
X
1000 per reel
-020E
#020
X
50 per tube
-320E
#320
X
X
X
50 per tube
-520E
#520
X
X
X
X
1000 per reel
-060E
#060
X
50 per tube
-360E
#360
X
X
X
50 per tube
-560E
#560
X
X
X
X
1000 per reel
HCPL-0700
HCPL-0701
-000E
no option
SO-8
X
100 per tube
-500E
#500
X
X
1500 per reel
-060E
#060
X
X
100 per tube
-560E
#560
X
X
X
1500 per reel
HCNW138
HCNW139
-000E
no option
400 mil
Widebody
DIP-8
42 per tube
-300E
#300
X
X
42 per tube
-500E
#500
X
X
X
750 per reel
To order, choose a part number from the part number
column and combine with the desired option from
the option column to form an order entry.
Example 1:
6N138-560E to order product of 300 mil DIP Gull Wing
Surface Mount package in Tape and Reel packaging
with IEC/EN/DIN EN 60747-5-2 Safety Approval and
RoHS compliant.
Example 2:
HCPL-0700 to order product of 300 mil DIP package in
Tube packaging and non RoHS compliant.
Option datasheets are available. Contact your Avago sales
representative or authorized distributor for information.
Remarks: The notation ‘#XXX’ is used for existing
products, while (new) products launched since July 15,
2001 and RoHS compliant will use ‘–XXXE.’
IF
8
V CC
2
3
I
CC
V
F
ANODE
CATHODE
+
V B
I B
6
5
GND
V O
IO
7
SHIELD


同様の部品番号 - HCPL-0700-500E

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-0700 HP-HCPL-0700 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-0700 HP-HCPL-0700 Datasheet
88Kb / 8P
   Small Outline, 5 Lead, Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results

同様の説明 - HCPL-0700-500E

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-0701-000E AVAGO-HCPL-0701-000E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-0701-500E AVAGO-HCPL-0701-500E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2730 HP-HCPL-2730 Datasheet
240Kb / 12P
   Dual Channel Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2730-000E AVAGO-HCPL-2730-000E Datasheet
365Kb / 13P
   Dual Channel Low Input Current, High Gain Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com