データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-788J-000E データシート(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HCPL-788J-000E
部品情報  Isolation Amplifier with Short Circuit and Overload Detection SO-16 Package
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-788J-000E データシート(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-788J-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-788J-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-788J-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-788J-000E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-788J-000E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-788J-000E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-788J-000E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-788J-000E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-788J-000E Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
Figure 15. FAULT detection, 0 to 300 mV input,
at V
REF = 5 V.
Figure 12. Bandwidth vs. temperature.
Figure 13. FAULT detection delay vs. tempera-
ture.
Figure 14. Step response, 0 to 200 mV input, at
V
REF = 5 V.
Figure 16. FAULT release, 300 to 0 mV input, at
V
REF = 5 V.
Figure 17. FAULT rejecting a 1 μs, 0 to 2 V to 0
input. Rejection is independent of amplitude.
Figure 18. Detection of 6 μs fault 0 to 2 V to
0 input, at V
REF = 5 V.
Figure 19. Sine response 400 mV pk to pk 4 kHz
input, at V
REF = 5 V.
-40
25
TEMPERATURE – °C
-20
35
020
60
80
40
30
34
33
32
31
29
28
27
26
-40
2.5
TEMPERATURE – °C
-20
3.5
020
60
80
40
3.0
2.75
3.25
0 V
2.5 V
5 V
0 V
2.5 V
5 V
0 V
2.5 V
5 V
-300 mV
0 mV
300 mV
5.00 μs/DIV
VIN 300 mV/D
VOUT (PIN 12)
2.5 V/D
FAULT (PIN 14) 2.5 V/D
ABSVAL (PIN 13)
2.5 V/D
0 V
2.5 V
5 V
0 V
2.5 V
5 V
0 V
2.5 V
5 V
-300 mV
0 mV
300 mV
5.00 μs/DIV
VIN 300 mV/D
VOUT (PIN 12) 2.5 V/D
ABSVAL (PIN 13)
2.5 V/D
FAULT (PIN 14)
2.5 V/D
0 V
2.5 V
5.0 V
0 V
2.5 V
5.0 V
0 V
2.5 V
5.0 V
-2 V
0 mV
2 V
5.00 μs/DIV
VIN 2.0 V/D
VOUT (PIN 12) 2.5 V/D
ABSVAL (PIN 13)
2.5 V/D
FAULT
(PIN 14)
2.5 V/D
0 V
2.5 V
5 V
0 V
2.5 V
5 V
0 V
2.5 V
5 V
-300 mV
0 mV
300 mV
100 μs/DIV
VIN 300 mV/D
VOUT (PIN 12) 2.5 V/D
ABSVAL (PIN 13) 2.5 V/D
FAULT (PIN 14) 2.5 V/D
0 V
2.5 V
5 V
0 V
2.5 V
5 V
0 V
2.5 V
5 V
-300 mV
0 mV
300 mV
5.00 μs/DIV
VIN 300 mV/D
VOUT (PIN 12) 2.5 V/D
ABSVAL (PIN 13) 2.5 V/D
FAULT (PIN 14) 2.5 V/D
5.00 μs/DIV
0 V
2.5 V
5 V
0 V
2.5 V
5 V
0 V
2.5 V
5 V
-300 mV
0 mV
300 mV
FAULT (PIN 14) 2.5 V/D
VIN 300 mV/D
VOUT (PIN 12) 2.5 V/D
ABSVAL (PIN 13)
2.5 V/D


同様の部品番号 - HCPL-788J-000E

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-788J-000E AVAGO-HCPL-788J-000E Datasheet
552Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection
More results

同様の説明 - HCPL-788J-000E

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL788J HP-HCPL788J Datasheet
258Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-788J-000E AVAGO-HCPL-788J-000E Datasheet
552Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection
ACPL-785J AVAGO-ACPL-785J Datasheet
609Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection
HCPL-788J-500E AVAGO-HCPL-788J-500E Datasheet
552Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection
logo
Artesyn Technologies
DCH5 ARTESYN-DCH5 Datasheet
1Mb / 4P
   Overload and short circuit protection
logo
Laird Tech Smart Techno...
POE-55IG-ATI LSTD-POE-55IG-ATI Datasheet
443Kb / 2P
   Overload and short-circuit protection
POE-XXS-AFI LSTD-POE-XXS-AFI Datasheet
313Kb / 2P
   Overload and short circuit protection
POE-XXI LSTD-POE-XXI Datasheet
738Kb / 2P
   Overload and short circuit protection
POE-55I4SG-AFI LSTD-POE-55I4SG-AFI Datasheet
789Kb / 2P
   Overload and short circuit protection
logo
PHOENIX CONTACT
2980539 PHOENIX-2980539 Datasheet
98Kb / 7P
   Short-circuit, surge, and overload-proof output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com